Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VSKT430-16PBF Datasheet(PDF) 4 Page - Vishay Siliconix

Part # VSKT430-16PBF
Description  Thyristor/Diode and Thyristor/Thyristor (SUPER MAGN-A-PAK Power Modules), 430 A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VSKT430-16PBF Datasheet(HTML) 4 Page - Vishay Siliconix

  VSKT430-16PBF Datasheet HTML 1Page - Vishay Siliconix VSKT430-16PBF Datasheet HTML 2Page - Vishay Siliconix VSKT430-16PBF Datasheet HTML 3Page - Vishay Siliconix VSKT430-16PBF Datasheet HTML 4Page - Vishay Siliconix VSKT430-16PBF Datasheet HTML 5Page - Vishay Siliconix VSKT430-16PBF Datasheet HTML 6Page - Vishay Siliconix VSKT430-16PBF Datasheet HTML 7Page - Vishay Siliconix VSKT430-16PBF Datasheet HTML 8Page - Vishay Siliconix VSKT430-16PBF Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.vishay.com
For technical questions within your region, please contact one of the following:
Document Number: 93748
4
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Revision: 02-Jul-10
VSK.430..PbF Series
Vishay Semiconductors
Thyristor/Diode and Thyristor/Thyristor
(SUPER MAGN-A-PAK Power Modules), 430 A
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Current Ratings Characteristics
Fig. 3 - On-State Power Loss Characteristics
Fig. 4 - On-State Power Loss Characteristics
Fig. 5 - Maximum Non-Repetitive Surge Current
Fig. 6 - Maximum Non-Repetitive Surge Current
70
80
90
100
110
120
130
0100
200
300
400
50
30°
60°
90°
120°
180°
Average On-state Current (A)
Conduction Angle
VSK.430..PbF Series
R
(DC) = 0.065 K/W
thJC
70
80
90
100
110
120
130
0100
200
300
400
500
600
700
DC
30°
60°
90°
120°
180°
Average On-state Current (A)
Conduction Period
VSK.430..PbF Series
R
(DC) = 0.065 K/W
thJC
0
100
200
300
400
500
600
700
0100
200
300
400
500
RMS Limit
Conduction Angle
180°
120°
90°
60°
30°
Average On-state Current (A)
VSK.430..PbF Series
Per Junction
T
= 130°C
J
0
100
200
300
400
500
600
700
800
900
1000
0
100
200
300
400
500
600
700
DC
180°
120°
90°
60°
30°
RMS Limit
Conduction Period
Average On-state Current (A)
VSK.430..PbF Series
Per Junction
T = 130°C
J
6000
7000
8000
9000
10000
11000
12000
13000
14000
15000
110
100
Number Of Equal Amplitude Half Cycle Current Pulses (N)
Initial T = 130°C
@ 60 Hz 0.0083 s
@ 50 Hz 0.0100 s
J
At Any Rated Load Condition And With
Rated V
Applied Following Surge.
RRM
VSK.430..PbF Series
Per Junction
6000
7000
8000
9000
10000
11000
12000
13000
14000
15000
16000
0.01
0.1
1
Pulse Train Duration (s)
Maximum Non Repetitive Surge Curren t
Versus Pulse Train Duration. Control
Of Conduction May Not Be Maintained .
Initial T
= 130°C
No Voltage Reapplied
Rated V
Reapplied
RRM
J
VSK.430..PbF Series
Per Junction


Similar Part No. - VSKT430-16PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSKT430 VISHAY-VSKT430 Datasheet
237Kb / 8P
   Thyristor/Diode and Thyristor/Thyristor, 430 A (SUPER MAGN-A-PAKTM Power Modules)
Revision: 12-Aug-08
VSKT43020PBF VISHAY-VSKT43020PBF Datasheet
237Kb / 8P
   Thyristor/Diode and Thyristor/Thyristor, 430 A (SUPER MAGN-A-PAKTM Power Modules)
Revision: 12-Aug-08
More results

Similar Description - VSKT430-16PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSK.430PBF VISHAY-VSK.430PBF Datasheet
189Kb / 8P
   Thyristor/Diode and Thyristor/Thyristor, 430 A (SUPER MAGN-A-PAK Power Modules)
Revision: 20-Aug-13
VSK430PBF VISHAY-VSK430PBF Datasheet
240Kb / 9P
   Thyristor/Diode and Thyristor/Thyristor (SUPER MAGN-A-PAK Power Modules), 430 A
11-Mar-11
VSK430PBF VISHAY-VSK430PBF_V01 Datasheet
189Kb / 8P
   Thyristor/Diode and Thyristor/Thyristor, 430 A (SUPER MAGN-A-PAK Power Modules)
02-Oct-12
VSKT430 VISHAY-VSKT430 Datasheet
237Kb / 8P
   Thyristor/Diode and Thyristor/Thyristor, 430 A (SUPER MAGN-A-PAKTM Power Modules)
Revision: 12-Aug-08
VS-VSKT500-PBF VISHAY-VS-VSKT500-PBF_V01 Datasheet
258Kb / 9P
   Thyristor/Diode and Thyristor/Thyristor (Super MAGN-A-PAK Power Modules), 500 A
01-Jan-2022
VSKT500 VISHAY-VSKT500_10 Datasheet
264Kb / 9P
   Thyristor/Diode and Thyristor/Thyristor (SUPER MAGN-A-PAK Power Modules), 500 A
Revision: 02-Jul-10
VS-VSKT500-PBF VISHAY-VS-VSKT500-PBF Datasheet
259Kb / 9P
   Thyristor / Diode and Thyristor / Thyristor(Super MAGN-A-PAK Power Modules), 500 A
Revision: 28-Apr-17
VS-VSKT500-..PBF VISHAY-VS-VSKT500-..PBF_V02 Datasheet
257Kb / 9P
   Thyristor/Diode and Thyristor/Thyristor (Super MAGN-A-PAK Power Modules), 500 A
01-Jan-2023
VS-VSKT500-..PBF VISHAY-VS-VSKT500-..PBF Datasheet
257Kb / 9P
   Thyristor/Diode and Thyristor/Thyristor (Super MAGN-A-PAK Power Modules), 500 A
01-Jan-2022
logo
Nell Semiconductor Co.,...
NKT500 NELLSEMI-NKT500 Datasheet
1Mb / 4P
   Thyristor/Diode and Thyristor/Thyristor, 500A(SUPER MAGN-A-PAK Power Modules)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com