Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VSKD56-08P Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VSKD56-08P
Description  Standard Diodes, 60 A/80 A (ADD-A-PAK Generation 5 Power Modules)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VSKD56-08P Datasheet(HTML) 3 Page - Vishay Siliconix

  VSKD56-08P Datasheet HTML 1Page - Vishay Siliconix VSKD56-08P Datasheet HTML 2Page - Vishay Siliconix VSKD56-08P Datasheet HTML 3Page - Vishay Siliconix VSKD56-08P Datasheet HTML 4Page - Vishay Siliconix VSKD56-08P Datasheet HTML 5Page - Vishay Siliconix VSKD56-08P Datasheet HTML 6Page - Vishay Siliconix VSKD56-08P Datasheet HTML 7Page - Vishay Siliconix VSKD56-08P Datasheet HTML 8Page - Vishay Siliconix VSKD56-08P Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Document Number: 94358
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 20-May-10
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
3
VSK.56..PbF, VSK.71..PbF Series
Standard Diodes, 60 A/80 A
(ADD-A-PAK Generation 5 Power Modules)
Vishay Semiconductors
Note
• Table shows the increment of thermal resistance RthJC when devices operate at different conduction angles than DC
THERMAL AND MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
VSK.56
VSK.71
Junction and storage temperature range
TJ, TStg
- 40 to 150
°C
Maximum thermal resistance,
junction to case per junction
RthJC
DC operation
0.5
0.4
K/W
Typical thermal resistance,
case to heatsink
RthCS
Mounting surface flat, smooth and greased
0.1
Mounting torque ± 10 %
to heatsink
A mounting compound is recommended and the
torque should be rechecked after a period of
3 hours to allow for the spread of the compound.
5
Nm
busbar
4
Approximate weight
110
g
4oz.
Case style
JEDEC
ADD-A-PAK (TO-240AA)
R CONDUCTION PER JUNCTION
DEVICES
SINE HALF WAVE CONDUCTION
RECTANGULAR WAVE CONDUCTION
UNITS
180°
120°
90°
60°
30°
180°
120°
90°
60°
30°
VSK.56
0.11
0.13
0.16
0.22
0.32
0.09
0.14
0.17
0.23
0.32
°C/W
VSK.71
0.06
0.08
0.11
0.14
0.21
0.06
0.09
0.11
0.15
0.21


Similar Part No. - VSKD56-08P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSKD56-08 VISHAY-VSKD56-08 Datasheet
275Kb / 9P
   ADD-A-PAK Generation VII Power Modules Standard Diodes, 60 A
Revision: 09-Mar-11
More results

Similar Description - VSKD56-08P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSKD56 VISHAY-VSKD56 Datasheet
213Kb / 10P
   Standard Diodes, 60 to 80 A (ADD-A-PAK Generation 5 Power Modules)
Revision: 01-Aug-08
VSKD56 VISHAY-VSKD56_11 Datasheet
275Kb / 9P
   ADD-A-PAK Generation VII Power Modules Standard Diodes, 60 A
Revision: 09-Mar-11
VSKD91 VISHAY-VSKD91 Datasheet
194Kb / 8P
   Standard Diodes, 100 A (ADD-A-PAK Generation 5 Power Modules)
Revision: 04-Jul-08
VSKD9104 VISHAY-VSKD9104 Datasheet
276Kb / 10P
   ADD-A-PAK Generation VII Power Modules Standard Diodes
Revision: 06-Jun-12
VSKD5608P VISHAY-VSKD5608P Datasheet
1Mb / 10P
   ADD-A-PAK Generation VII Power Modules Standard Diodes
Revision: 21-Mar-14
VS-VSKD7108P VISHAY-VS-VSKD7108P Datasheet
1Mb / 10P
   ADD-A-PAK Generation VII Power Modules Standard Diodes
Revision: 21-Mar-14
VS-VSKD71 VISHAY-VS-VSKD71 Datasheet
275Kb / 9P
   ADD-A-PAK Gen 7 Power Modules Standard Diodes, 80 A
Revision: 05-Apr-16
VS-VSKD56 VISHAY-VS-VSKD56 Datasheet
277Kb / 9P
   ADD-A-PAK Gen 7 Power Modules Standard Diodes, 60 A
Revision: 05-Apr-16
VSKH42 VISHAY-VSKH42 Datasheet
522Kb / 12P
   ADD-A-PAK Generation VII Power Modules
Revision: 14-Jan-14
VSKT7104 VISHAY-VSKT7104 Datasheet
330Kb / 10P
   ADD-A-PAK Generation VII Power Modules
Revision: 14-Jan-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com