Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VSKD71-04P Datasheet(PDF) 5 Page - Vishay Siliconix

Part # VSKD71-04P
Description  Standard Diodes, 60 A/80 A (ADD-A-PAK Generation 5 Power Modules)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VSKD71-04P Datasheet(HTML) 5 Page - Vishay Siliconix

  VSKD71-04P Datasheet HTML 1Page - Vishay Siliconix VSKD71-04P Datasheet HTML 2Page - Vishay Siliconix VSKD71-04P Datasheet HTML 3Page - Vishay Siliconix VSKD71-04P Datasheet HTML 4Page - Vishay Siliconix VSKD71-04P Datasheet HTML 5Page - Vishay Siliconix VSKD71-04P Datasheet HTML 6Page - Vishay Siliconix VSKD71-04P Datasheet HTML 7Page - Vishay Siliconix VSKD71-04P Datasheet HTML 8Page - Vishay Siliconix VSKD71-04P Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Document Number: 94358
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 20-May-10
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
5
VSK.56..PbF, VSK.71..PbF Series
Standard Diodes, 60 A/80 A
(ADD-A-PAK Generation 5 Power Modules)
Vishay Semiconductors
Fig. 7 - Forward Power Loss Characteristics
Fig. 8 - Forward Power Loss Characteristics
Fig. 9 - Forward Power Loss Characteristics
0
100
120
20
40
60
80
Total RMS Output Current (A)
20
40
60
80
100
0
180°
(Sine)
DC
VSK.56.. Series
Per junction
T
J = 150 °C
0
100
120
40
60
20
80
Maximum Allowable Ambient
Temperature (°C)
20
40
60
80
100
140
120
0
0.7
K/W
R
thSA
=
0.5
K/W
- Δ
R
1.0
K/W
1.5
K/W
7.0 K/W
3.0 K/W
2.0 K/W
0
350
400
450
300
250
200
150
100
50
Total Output Current (A)
20
40
60
80
100
140
120
0
180°
(Sine)
180°
(Rect)
2 x VSK.56.. Series
Single phase bridge
Connected
T
J = 150 °C
+
-
~
0
300
350
400
450
250
200
150
100
50
20
40
60
80
100
120
140
0
Maximum Allowable Ambient
Temperature (°C)
R
thSA
=
0.1
K/W
- Δ
R
0.2
K/W
0.3
K/W
0.5
K/W
1.0 K/W
0
350
400
450
300
250
200
150
100
50
Total Output Current (A)
20
40
60
80
120
100
160
140
0
120°
(Rect)
3 x VSK.56.. Series
Three phase bridge
Connected
T
J = 150 °C
+
-
~
0
100
150
200
250
300
350
400
450
50
Maximum Allowable Ambient
Temperature (°C)
20
40
60
80
100
120
140
0
0.3
K/W
0.4
K/W
0.5
K/W
0.7
K/W
1.0 K/W
1.5 K/W
3.0 K/W
R
thSA
=
0.1
K/W
- Δ
R


Similar Part No. - VSKD71-04P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSKD7116P VISHAY-VSKD7116P Datasheet
213Kb / 10P
   Standard Diodes, 60 to 80 A (ADD-A-PAK Generation 5 Power Modules)
Revision: 01-Aug-08
More results

Similar Description - VSKD71-04P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSKD56 VISHAY-VSKD56 Datasheet
213Kb / 10P
   Standard Diodes, 60 to 80 A (ADD-A-PAK Generation 5 Power Modules)
Revision: 01-Aug-08
VSKD56 VISHAY-VSKD56_11 Datasheet
275Kb / 9P
   ADD-A-PAK Generation VII Power Modules Standard Diodes, 60 A
Revision: 09-Mar-11
VSKD91 VISHAY-VSKD91 Datasheet
194Kb / 8P
   Standard Diodes, 100 A (ADD-A-PAK Generation 5 Power Modules)
Revision: 04-Jul-08
VSKD9104 VISHAY-VSKD9104 Datasheet
276Kb / 10P
   ADD-A-PAK Generation VII Power Modules Standard Diodes
Revision: 06-Jun-12
VSKD5608P VISHAY-VSKD5608P Datasheet
1Mb / 10P
   ADD-A-PAK Generation VII Power Modules Standard Diodes
Revision: 21-Mar-14
VS-VSKD7108P VISHAY-VS-VSKD7108P Datasheet
1Mb / 10P
   ADD-A-PAK Generation VII Power Modules Standard Diodes
Revision: 21-Mar-14
VS-VSKD71 VISHAY-VS-VSKD71 Datasheet
275Kb / 9P
   ADD-A-PAK Gen 7 Power Modules Standard Diodes, 80 A
Revision: 05-Apr-16
VS-VSKD56 VISHAY-VS-VSKD56 Datasheet
277Kb / 9P
   ADD-A-PAK Gen 7 Power Modules Standard Diodes, 60 A
Revision: 05-Apr-16
VSKH42 VISHAY-VSKH42 Datasheet
522Kb / 12P
   ADD-A-PAK Generation VII Power Modules
Revision: 14-Jan-14
VSKT7104 VISHAY-VSKT7104 Datasheet
330Kb / 10P
   ADD-A-PAK Generation VII Power Modules
Revision: 14-Jan-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com