Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VJ0805H102KFXAC Datasheet(PDF) 4 Page - Vishay Siliconix

Part # VJ0805H102KFXAC
Description  Surface Mount Multilayer Ceramic Chip Capacitors for High Temperature Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VJ0805H102KFXAC Datasheet(HTML) 4 Page - Vishay Siliconix

  VJ0805H102KFXAC Datasheet HTML 1Page - Vishay Siliconix VJ0805H102KFXAC Datasheet HTML 2Page - Vishay Siliconix VJ0805H102KFXAC Datasheet HTML 3Page - Vishay Siliconix VJ0805H102KFXAC Datasheet HTML 4Page - Vishay Siliconix VJ0805H102KFXAC Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
VJ X8R
www.vishay.com
Vishay Vitramon
Revision: 08-Aug-11
4
Document Number: 45006
For technical questions, contact: mlcc@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
STORAGE AND HANDLING CONDITIONS
(1) Store the components at 5 °C to + 40 °C ambient temperature and
 70 % related humidity conditions.
(2) The product is recommended to be used within a time-frame of 2 years after shipment.
Check solderability in case extended shelf life beyond the expiry date is needed.
Precautions:
a. Do not store products in an environment containing corrosive elements, especially where chloride gas, sulfide gas, acid, alkali, salt or
the like are present. This may cause corrosion or oxidization of the terminations, which can easily lead to poor soldering.
b. Store products on the shelf and avoid exposure to moisture or dust.
c. Do not expose products to excessive shock, vibration, direct sunlight and so on.
X8R DIELECTRIC - TYPICAL PARAMETERS
- 75 - 50 - 25
0
25
50
75 100 125
15
10
5
0
- 5
- 10
- 15
- 20
TEMPERATURE °C
150 175
TEMPERATURE COEFFICIENT OF CAPACITANCE
AGING RATE
HOURS
1.0
0.0
- 1.0
- 2.0
- 3.0
- 4.0
1
10
100
1000
10 000
DISSIPATION FACTOR VS. VOLTAGE
DC VOLTS APPLIED
0.025
0.023
0.021
0.019
0.017
0.015
0.013
0
10
20
30
40
50
- 75 - 50 - 25
0
25
50
75 100 125
0.0
DISSIPATION FACTOR VS. TEMPERATURE
TEMPERATURE °C
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
X8R
150 175
VOLTAGE COEFFICIENT OF CAPACITANCE
DC VOLTS APPLIED
0.0
- 5.0
- 10.0
- 20.0
- 15.0
- 25.0
0
10
20
30
40
50
10
25
100
10 000
1000
100
10
150
INSULATION RESISTANCE VS. TEMPERATURE
TEMPERATURE °C


Similar Part No. - VJ0805H102KFXAC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ0805H102KFXAC VISHAY-VJ0805H102KFXAC Datasheet
103Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Temperature Applications
Revision: 26-Aug-14
More results

Similar Description - VJ0805H102KFXAC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJX8R VISHAY-VJX8R Datasheet
84Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Temperature Applications
Revision: 11-Nov-08
VJX8R VISHAY-VJX8R_14 Datasheet
103Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Temperature Applications
Revision: 26-Aug-14
logo
HolyStone International
HMC HOLYSTONECAPS-HMC Datasheet
260Kb / 3P
   Multilayer Ceramic Chip Capacitors for High Temperature Applications
logo
Vishay Siliconix
VJ0603 VISHAY-VJ0603 Datasheet
308Kb / 4P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Frequency Applications
Revision 20-Feb-08
VJ0402A VISHAY-VJ0402A Datasheet
342Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Reliability Applications
Revision: 20-Feb-08
VJHI-REL VISHAY-VJHI-REL Datasheet
135Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Reliability Applications
Revision: 15-May-12
VJHI-REL VISHAY-VJHI-REL_V01 Datasheet
173Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Reliability Applications
01-Jan-2023
VJ0402 VISHAY-VJ0402_11 Datasheet
136Kb / 14P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 14-Jul-11
VJ0402Y102KXAAC31 VISHAY-VJ0402Y102KXAAC31 Datasheet
183Kb / 21P
   Surface Mount Multilayer Ceramic Chip Capacitors for Automotive Applications
Revision: 05-Aug-11
VJ1206A471KXEAT VISHAY-VJ1206A471KXEAT Datasheet
149Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 15-May-12
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com