Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VJ0402Y1R8CBQAC Datasheet(PDF) 6 Page - Vishay Siliconix

Part # VJ0402Y1R8CBQAC
Description  Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VJ0402Y1R8CBQAC Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button VJ0402Y1R8CBQAC Datasheet HTML 2Page - Vishay Siliconix VJ0402Y1R8CBQAC Datasheet HTML 3Page - Vishay Siliconix VJ0402Y1R8CBQAC Datasheet HTML 4Page - Vishay Siliconix VJ0402Y1R8CBQAC Datasheet HTML 5Page - Vishay Siliconix VJ0402Y1R8CBQAC Datasheet HTML 6Page - Vishay Siliconix VJ0402Y1R8CBQAC Datasheet HTML 7Page - Vishay Siliconix VJ0402Y1R8CBQAC Datasheet HTML 8Page - Vishay Siliconix VJ0402Y1R8CBQAC Datasheet HTML 9Page - Vishay Siliconix VJ0402Y1R8CBQAC Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
VJ Commercial Series
www.vishay.com
Vishay Vitramon
Revision: 14-Jul-11
6
Document Number: 45199
For technical questions, contact: mlcc@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) See soldering recommendations within this data book, or visit www.vishay.com/doc?45034
• Plastic tape
SELECTION CHART
DIELECTRIC
C0G (NP0)
STYLE
VJ2220 (1)
VJ2225 (1)
EIA CODE
2220
2225
VOLTAGE (VDC)
50
100
200
500
630
1000
50
100
200
500
1000
VOLTAGE CODE
A
B
C
E
L
G
A
B
C
E
G
CAP. CODE
CAP.
1R0
1.0 pF
1R2
1.2 pF
1R5
1.5 pF
1R8
1.8 pF
2R2
2.2 pF
2R7
2.7 pF
3R3
3.3 pF
3R9
3.9 pF
4R7
4.7 pF
5R6
5.6 pF
6R8
6.8 pF
8R2
8.2 pF
100
10 pF
120
12 pF
150
15 pF
180
18 pF
220
22 pF
270
27 pF
330
33 pF
390
39 pF
470
47 pF
560
56 pF
680
68 pF
820
82 pF
101
100 pF
121
120 pF
151
150 pF
181
180 pF
221
220 pF
271
270 pF
331
330 pF
391
390 pF
471
470 pF
561
560 pF
681
680 pF
821
820 pF
102
1.0 nF
122
1.2 nF
152
1.5 nF
182
1.8 nF
222
2.2 nF
272
2.7 nF
332
3.3 nF
392
3.9 nF
472
4.7 nF
562
5.6 nF
682
6.8 nF
822
8.2 nF
103
10 nF
123
12 nF
153
15 nF
183
18 nF
223
22 nF
273
27 nF
333
33 nF
393
39 nF
473
47 nF
563
56 nF


Similar Part No. - VJ0402Y1R8CBQAC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ0402Y1R8CXAAT VISHAY-VJ0402Y1R8CXAAT Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 06-May-13
VJ0402Y1R8CXQAT VISHAY-VJ0402Y1R8CXQAT Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 06-May-13
More results

Similar Description - VJ0402Y1R8CBQAC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ1206A471KXEAT VISHAY-VJ1206A471KXEAT Datasheet
149Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 15-May-12
VJ1206Y104KXBAT VISHAY-VJ1206Y104KXBAT Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 06-May-13
VJ1210A103JXAAT VISHAY-VJ1210A103JXAAT Datasheet
78Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 23-Sep-09
VJ0402A1R0BXAAC VISHAY-VJ0402A1R0BXAAC Datasheet
149Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 15-May-12
VJCOMMERCIALSERIES VISHAY-VJCOMMERCIALSERIES Datasheet
161Kb / 16P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
01-Jan-2023
VJ0603Y104KXX VISHAY-VJ0603Y104KXX Datasheet
149Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 15-May-12
VJ1206Y103JXAMC VISHAY-VJ1206Y103JXAMC Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 06-May-13
VJ0805Y102KXBMT VISHAY-VJ0805Y102KXBMT Datasheet
149Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 15-May-12
VJ1206A102GXBAT VISHAY-VJ1206A102GXBAT Datasheet
78Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 23-Sep-09
VJ0805A150JXAMT VISHAY-VJ0805A150JXAMT Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 06-May-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com