Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VJ0402Y102BBQAC Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VJ0402Y102BBQAC
Description  Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VJ0402Y102BBQAC Datasheet(HTML) 2 Page - Vishay Siliconix

  VJ0402Y102BBQAC Datasheet HTML 1Page - Vishay Siliconix VJ0402Y102BBQAC Datasheet HTML 2Page - Vishay Siliconix VJ0402Y102BBQAC Datasheet HTML 3Page - Vishay Siliconix VJ0402Y102BBQAC Datasheet HTML 4Page - Vishay Siliconix VJ0402Y102BBQAC Datasheet HTML 5Page - Vishay Siliconix VJ0402Y102BBQAC Datasheet HTML 6Page - Vishay Siliconix VJ0402Y102BBQAC Datasheet HTML 7Page - Vishay Siliconix VJ0402Y102BBQAC Datasheet HTML 8Page - Vishay Siliconix VJ0402Y102BBQAC Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
VJ Commercial Series
www.vishay.com
Vishay Vitramon
Revision: 14-Jul-11
2
Document Number: 45199
For technical questions, contact: mlcc@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Detail ratings see selection chart
Notes
(1) DC voltage rating should not be exceeded in application. Other application factors may affect the MLCC performance.
Consult for questions: mlcc@vishay.com
(2) Process code may be added with up to three digits, used to control non-standard products and/or special requirements
(3) Case size designator may be replaced by four digit drawing number used to control non-standard products and/or special requirements
(4) Selected values for X5R, see selection chart
(5) Selected values available, contact mlcc@vishay.com for list of released ratings
(6) Termination code “E” is for conductive epoxy assembly
QUICK REFERENCE DATA
DIELECTRIC
CASE
MAXIMUM VOLTAGE
(V)
CAPACITANCE
MINIMUM
MAXIMUM
C0G (NP0)
0402
100
1.0 pF
220 pF
0603
200
1.0 pF
820 pF
0805
500
1.0 pF
3.9 nF
1206
630
1.0 pF
10 nF
1210
630
56 pF
22 nF
1808
1000
18 pF
10 nF
1812
1000
39 pF
22 nF
1825
500
100 pF
39 nF
2220
1000
270 pF
47 nF
2225
1000
270 pF
56 nF
X5R
0805
10
560 nF
1.0 μF
X7R
0402
100
120 pF
47 nF
0603
200
330 pF
150 nF
0805
250
330 pF
470 nF
1206
630
330 pF
1.0 μF
1210
630
390 pF
1.0 μF
1808
1000
470 pF
270 nF
1812
1000
1.0 nF
1.0 μF
1825
1000
10 nF
2.7 μF
2220
500
15 nF
2.2 μF
2225
1000
33 nF
4.7 μF
3640
500
27 nF
6.8 μF
ORDERING INFORMATION
VJ0805 (3)
Y
102
K
X
A
A
T
### (2)
CASE
CODE
DIELECTRIC
CAPACITANCE
NOMINAL CODE
CAPACITANCE
TOLERANCE
TERMINATION
DC
VOLTAGE
RATING (1)
MARKING
PACKAGING
PROCESS
CODE
0402
0603
0805
1206
1210
1808
1812
1825
2220
2225
3640
A = C0G
(NP0)
Y = X7R
G = X5R (4)
Expressed in
picofarads (pF).
The first two
digits are
significant, the
third is a
multiplier.
Examples
1R8 = 1.8 pF
102 = 1000 pF
B = ± 0.10 pF
C = ± 0.25 pF
D = ± 0.5 pF
F = ± 1 %
G = ± 2 %
J = ± 5 %
K = ± 10 %
M = ± 20 %
Note:
C0G (NP0):
B, C, D < 10 pF
F, G, J, K
 10 pF
X7R/X5R:
J, K, M
X = Ni barrier
100 % tin plated
matte finish
F, E = AgPd
B = Polymer
100 % tin plated
matte finish (5)
Q = 10 V
J = 16 V
X = 25 V
A = 50 V
B = 100 V
C = 200 V
P = 250 V
E = 500 V
L = 630 V
G = 1000 V
A =
Unmarked
M = Marked
Note:
Marking is
only
available for
0805 and
1206 with
termination
code “X”
C = 7" reel/paper tape
T = 7" reel/plastic tape
P = 11 1/4"/13" reel/
paper tape
R = 11 1/4"/13" reel/
plastic tape
O = 7" reel/flamed
paper tape
I = 11 1/4"/13" reel/flamed
paper tape
Note:
“I” and “O” are used for
“F”, “E” termination
size 0402/0603/0805


Similar Part No. - VJ0402Y102BBQAC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ0402Y102BEAAC VISHAY-VJ0402Y102BEAAC Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 06-May-13
VJ0402Y102BEAAO34 VISHAY-VJ0402Y102BEAAO34 Datasheet
183Kb / 21P
   Surface Mount Multilayer Ceramic Chip Capacitors for Automotive Applications
Revision: 05-Aug-11
VJ0402Y102BEAAT VISHAY-VJ0402Y102BEAAT Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 06-May-13
VJ0402Y102BEJAO34 VISHAY-VJ0402Y102BEJAO34 Datasheet
183Kb / 21P
   Surface Mount Multilayer Ceramic Chip Capacitors for Automotive Applications
Revision: 05-Aug-11
VJ0402Y102BEQAC VISHAY-VJ0402Y102BEQAC Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 06-May-13
More results

Similar Description - VJ0402Y102BBQAC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ1206A471KXEAT VISHAY-VJ1206A471KXEAT Datasheet
149Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 15-May-12
VJ1206Y104KXBAT VISHAY-VJ1206Y104KXBAT Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 06-May-13
VJ1210A103JXAAT VISHAY-VJ1210A103JXAAT Datasheet
78Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 23-Sep-09
VJ0402A1R0BXAAC VISHAY-VJ0402A1R0BXAAC Datasheet
149Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 15-May-12
VJCOMMERCIALSERIES VISHAY-VJCOMMERCIALSERIES Datasheet
161Kb / 16P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
01-Jan-2023
VJ0603Y104KXX VISHAY-VJ0603Y104KXX Datasheet
149Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 15-May-12
VJ1206Y103JXAMC VISHAY-VJ1206Y103JXAMC Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 06-May-13
VJ0805Y102KXBMT VISHAY-VJ0805Y102KXBMT Datasheet
149Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 15-May-12
VJ1206A102GXBAT VISHAY-VJ1206A102GXBAT Datasheet
78Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 23-Sep-09
VJ0805A150JXAMT VISHAY-VJ0805A150JXAMT Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 06-May-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com