Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VSKDS408-060 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # VSKDS408-060
Description  ADD-A-PAK Generation VII Power Modules Schottky Rectifier, 200 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VSKDS408-060 Datasheet(HTML) 5 Page - Vishay Siliconix

  VSKDS408-060 Datasheet HTML 1Page - Vishay Siliconix VSKDS408-060 Datasheet HTML 2Page - Vishay Siliconix VSKDS408-060 Datasheet HTML 3Page - Vishay Siliconix VSKDS408-060 Datasheet HTML 4Page - Vishay Siliconix VSKDS408-060 Datasheet HTML 5Page - Vishay Siliconix VSKDS408-060 Datasheet HTML 6Page - Vishay Siliconix VSKDS408-060 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Document Number: 94643
For technical questions, contact: indmodules@vishay.com
www.vishay.com
Revision: 05-Aug-09
5
VSKDS408/060
ADD-A-PAK Generation VII
Power Modules Schottky Rectifier, 200 A
Vishay High Power Products
ORDERING INFORMATION TABLE
CIRCUIT CONFIGURATION
1
-
Vishay HPP
2
-
Circuit configuration:
3
-
S = Schottky diode
4
-
Average rating (x 10)
5
-
Product silicon identification
6
-
Voltage rating (060 = 60 V)
KC = ADD-A-PAK - 2 diodes in series
Device code
5
13
24
6
VS
KD
S
40
8
/
060
(1)
~
(3)
-
(2)
+
LINKS TO RELATED DOCUMENTS
Dimensions
www.vishay.com/doc?95369


Similar Part No. - VSKDS408-060

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSKDS408 VISHAY-VSKDS408 Datasheet
158Kb / 6P
   Schottky Rectifier, 200 A
Revision: 25-Apr-08
VSKDS408/060P VISHAY-VSKDS408/060P Datasheet
158Kb / 6P
   Schottky Rectifier, 200 A
Revision: 25-Apr-08
More results

Similar Description - VSKDS408-060

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSKDS403 VISHAY-VSKDS403_09 Datasheet
143Kb / 7P
   ADD-A-PAK Generation VII Power Modules Schottky Rectifier, 200 A
Revision: 05-Aug-09
VSKCS203 VISHAY-VSKCS203_10 Datasheet
188Kb / 7P
   ADD-A-PAK Generation VII Power Modules Schottky Rectifier, 200 A
Revision: 07-Apr-10
VSKDS400 VISHAY-VSKDS400_11 Datasheet
131Kb / 7P
   ADD-A-PAK Generation VII Power Modules Schottky Rectifier, 200 A
Revision: 09-Mar-11
VSKDS401 VISHAY-VSKDS401_09 Datasheet
143Kb / 7P
   ADD-A-PAK Generation VII Power Modules Schottky Rectifier, 200 A
Revision: 05-Aug-09
VSKCS201 VISHAY-VSKCS201_10 Datasheet
176Kb / 7P
   ADD-A-PAK Generation VII Power Modules Schottky Rectifier, 200 A
Revision: 18-May-10
VSKDS409 VISHAY-VSKDS409_11 Datasheet
126Kb / 7P
   ADD-A-PAK Generation VII Power Modules Schottky Rectifier, 200 A
Revision: 13-Jan-11
VSKJS203 VISHAY-VSKJS203 Datasheet
175Kb / 7P
   ADD-A-PAK Generation VII Power Modules Schottky Rectifier, 200 A
Revision: 04-May-10
VSKCS220 VISHAY-VSKCS220_11 Datasheet
129Kb / 7P
   ADD-A-PAK Generation VII Power Modules Schottky Rectifier, 220 A
Revision: 09-Mar-11
VSKCS401 VISHAY-VSKCS401_09 Datasheet
143Kb / 7P
   ADD-A-PAK Generation VII Power Modules Schottky Rectifier, 400 A
Revision: 05-Aug-09
VSKDS203 VISHAY-VSKDS203_10 Datasheet
174Kb / 7P
   ADD-A-PAK Generation VII Power Modules Schottky Rectifier, 100 A
Revision: 04-May-10
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com