Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VSKDS408 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VSKDS408
Description  ADD-A-PAK Generation VII Power Modules Schottky Rectifier, 200 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VSKDS408 Datasheet(HTML) 2 Page - Vishay Siliconix

  VSKDS408 Datasheet HTML 1Page - Vishay Siliconix VSKDS408 Datasheet HTML 2Page - Vishay Siliconix VSKDS408 Datasheet HTML 3Page - Vishay Siliconix VSKDS408 Datasheet HTML 4Page - Vishay Siliconix VSKDS408 Datasheet HTML 5Page - Vishay Siliconix VSKDS408 Datasheet HTML 6Page - Vishay Siliconix VSKDS408 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.vishay.com
For technical questions, contact: indmodules@vishay.com
Document Number: 94643
2
Revision: 05-Aug-09
VSKDS408/060
Vishay High Power Products
ADD-A-PAK Generation VII
Power Modules Schottky Rectifier, 200 A
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average forward current
IF(AV)
50 % duty cycle at TC = 102 °C, rectangular waveform
200
A
Maximum peak one cycle
non-repetitive surge current
IFSM
5 µs sine or 3 µs rect. pulse
Following any rated
load condition and with
rated VRRM applied
25 500
10 ms sine or 6 ms rect. pulse
3300
Non-repetitive avalanche energy
EAS
TJ = 25 °C, IAS = 5.5 A, L = 1 mH
15
mJ
Repetitive avalanche current
IAR
Current decaying linearly to zero in 1 µs
Frequency limited by TJ maximum VA = 1.5 x VR typical
1A
ELECTRICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum forward voltage drop
VFM
200 A
TJ = 25 °C
0.74
V
400 A
1.09
200 A
TJ = 125 °C
0.71
400 A
1.02
Maximum reverse leakage current
IRM
TJ = 25 °C
VR = Rated VR
2.2
mA
TJ = 125 °C
650
Maximum junction capacitance
CT
VR = 5 VDC (test signal range 100 kHz to 1 MHz), 25 °C
11 000
pF
Typical series inductance
LS
Measured lead to lead 5 mm from package body
5.0
nH
Maximum voltage rate of change
dV/dt
Rated VR
10 000
V/µs
Maximum RMS insulation voltage
VINS
50 Hz
3000 (1 min)
3600 (1 s)
V
THERMAL - MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum junction and storage
temperature range
TJ, TStg
- 55 to 150
°C
Maximum thermal resistance,
junction to case per leg
RthJC
DC operation
0.26
°C/W
Typical thermal resistance,
case to heatsink per module
RthCS
0.1
Approximate weight
75
g
2.7
oz.
Mounting torque ± 10 %
to heatsink
A mounting compound is recommended and the torque
should be rechecked after a period of 3 h to allow for the
spread of the compound.
4
Nm
busbar
3
Case style
JEDEC
TO-240AA compatible


Similar Part No. - VSKDS408

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSKDS408 VISHAY-VSKDS408 Datasheet
158Kb / 6P
   Schottky Rectifier, 200 A
Revision: 25-Apr-08
VSKDS408/060P VISHAY-VSKDS408/060P Datasheet
158Kb / 6P
   Schottky Rectifier, 200 A
Revision: 25-Apr-08
More results

Similar Description - VSKDS408

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSKDS403 VISHAY-VSKDS403_09 Datasheet
143Kb / 7P
   ADD-A-PAK Generation VII Power Modules Schottky Rectifier, 200 A
Revision: 05-Aug-09
VSKCS203 VISHAY-VSKCS203_10 Datasheet
188Kb / 7P
   ADD-A-PAK Generation VII Power Modules Schottky Rectifier, 200 A
Revision: 07-Apr-10
VSKDS400 VISHAY-VSKDS400_11 Datasheet
131Kb / 7P
   ADD-A-PAK Generation VII Power Modules Schottky Rectifier, 200 A
Revision: 09-Mar-11
VSKDS401 VISHAY-VSKDS401_09 Datasheet
143Kb / 7P
   ADD-A-PAK Generation VII Power Modules Schottky Rectifier, 200 A
Revision: 05-Aug-09
VSKCS201 VISHAY-VSKCS201_10 Datasheet
176Kb / 7P
   ADD-A-PAK Generation VII Power Modules Schottky Rectifier, 200 A
Revision: 18-May-10
VSKDS409 VISHAY-VSKDS409_11 Datasheet
126Kb / 7P
   ADD-A-PAK Generation VII Power Modules Schottky Rectifier, 200 A
Revision: 13-Jan-11
VSKJS203 VISHAY-VSKJS203 Datasheet
175Kb / 7P
   ADD-A-PAK Generation VII Power Modules Schottky Rectifier, 200 A
Revision: 04-May-10
VSKCS220 VISHAY-VSKCS220_11 Datasheet
129Kb / 7P
   ADD-A-PAK Generation VII Power Modules Schottky Rectifier, 220 A
Revision: 09-Mar-11
VSKCS401 VISHAY-VSKCS401_09 Datasheet
143Kb / 7P
   ADD-A-PAK Generation VII Power Modules Schottky Rectifier, 400 A
Revision: 05-Aug-09
VSKDS203 VISHAY-VSKDS203_10 Datasheet
174Kb / 7P
   ADD-A-PAK Generation VII Power Modules Schottky Rectifier, 100 A
Revision: 04-May-10
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com