Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

600DP1S4M1Q Datasheet(PDF) 1 Page - E-SWITCH

Part # 600DP1S4M1Q
Description  SLIDE SWITCHES - MINIATURE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

600DP1S4M1Q Datasheet(HTML) 1 Page - E-SWITCH

  600DP1S4M1Q Datasheet HTML 1Page - E-SWITCH 600DP1S4M1Q Datasheet HTML 2Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Phone: 800-867-2717
Fax: 763-531-8235
184
SERIES 600 SWITCHES
Specifications subject to change without notice.
SERIES
SP1
DP1
SP3
DP3
MODEL NO.
600
SLIDE SWITCHES - MINIATURE
SPECIFICATIONS
Contact Rating:
Dependent upon contact material
Life Expectancy:
10,000 cycles typical
Contact Resistance:
10 mΩ max. typical @ 2-4 VDC
100mA for both silver and gold plated contacts
Insulation Resistance:
1,000MΩ min.
Dielectric Strength:
1,000 V rms at sea level
Operating Temperature: -30°C to 85°C
MATERIALS
Housing:
Polybutylene terephthalate (PBT)
Cover:
Polybutylene terephthalate (PBT)
Actuator:
Polybutylene terephthalate (PBT)
Contact & Terminals:
Silver or gold plated copper alloy
HOW TO ORDER
FEATURES & BENEFITS
Single & double pole options
Multiple termination options
Multiple actuator options
Plastic switch body housing
APPLICATIONS/MARKETS
Computer servers/peripherals
Consumer electronics
Instrumentation
Test & measurement
S1
S2
S3
S4
ACTUATOR
Example Ordering Number
600_ SP1_ S3_ M1_R
( ) = Momentary
POS 1
POS 2
POS 3
Model No.
SP-1
ON
NONE
ON
SP-3
ON
OFF
ON
Term. Comm.
2-1
OPEN
2-3
SPDT
SCHEMATIC
CONTACT
MATERIAL
Q = Silver
R = Gold
M1*
M2**
M3*
M4**
*SPDT Only.
**DPDT Only.
TERMINATION
DPDT
( ) = Momentary
POS 1
POS 2
POS 3
Model No.
DP-1
ON
NONE
ON
DP-3
ON
OFF
ON
Term. Comm.
2-1,5-4
OPEN
2-3,5-6
SCHEMATIC


Similar Part No. - 600DP1S4M1Q

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
600D VISHAY-600D Datasheet
76Kb / 7P
   Aluminum Capacitors Miniature, Axial Lead, High Reliability
Revision: 31-Aug-11
600D106F250DG4 VISHAY-600D106F250DG4 Datasheet
76Kb / 7P
   Aluminum Capacitors Miniature, Axial Lead, High Reliability
Revision: 31-Aug-11
600D107F015KD4 VISHAY-600D107F015KD4 Datasheet
76Kb / 7P
   Aluminum Capacitors Miniature, Axial Lead, High Reliability
Revision: 31-Aug-11
600D107F030DD4 VISHAY-600D107F030DD4 Datasheet
76Kb / 7P
   Aluminum Capacitors Miniature, Axial Lead, High Reliability
Revision: 31-Aug-11
600D107F040DE4 VISHAY-600D107F040DE4 Datasheet
76Kb / 7P
   Aluminum Capacitors Miniature, Axial Lead, High Reliability
Revision: 31-Aug-11
More results

Similar Description - 600DP1S4M1Q

ManufacturerPart #DatasheetDescription
logo
C&K Components
L202011MS02QE2 CK-COMPONENTS-L202011MS02QE2 Datasheet
322Kb / 6P
   Miniature Slide Switches
logo
Copal Electronics
SS220K-23 COPAL-SS220K-23 Datasheet
551Kb / 1P
   Miniature Slide Switches
logo
List of Unclassifed Man...
SLB12814 ETC2-SLB12814 Datasheet
579Kb / 8P
   Miniature Slide Switches
logo
C&K Components
L CK-COMPONENTS-L Datasheet
783Kb / 6P
   Miniature Slide Switches
19 Mar 2019
OS102011MS2QN1 CK-COMPONENTS-OS102011MS2QN1 Datasheet
669Kb / 7P
   Miniature Slide Switches
logo
Copal Electronics
ES_SERIES COPAL-ES_SERIES Datasheet
825Kb / 2P
   Miniature Slide Switches
logo
List of Unclassifed Man...
SLG12004 ETC2-SLG12004 Datasheet
69Kb / 1P
   Miniature Slide Switches
logo
ITT Industries
L202011MS02Q2 ITT-L202011MS02Q2 Datasheet
615Kb / 6P
   Miniature Slide Switches
logo
C&K Components
1000 CK-COMPONENTS-1000 Datasheet
521Kb / 6P
   Miniature Slide Switches
logo
ITT Industries
OS102011MS2QN1 ITT-OS102011MS2QN1 Datasheet
955Kb / 7P
   Miniature Slide Switches
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com