Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VSKDL450-20S20 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # VSKDL450-20S20
Description  Fast Diodes, 460 A (SUPER MAGN-A-PAK Power Modules)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VSKDL450-20S20 Datasheet(HTML) 4 Page - Vishay Siliconix

  VSKDL450-20S20 Datasheet HTML 1Page - Vishay Siliconix VSKDL450-20S20 Datasheet HTML 2Page - Vishay Siliconix VSKDL450-20S20 Datasheet HTML 3Page - Vishay Siliconix VSKDL450-20S20 Datasheet HTML 4Page - Vishay Siliconix VSKDL450-20S20 Datasheet HTML 5Page - Vishay Siliconix VSKDL450-20S20 Datasheet HTML 6Page - Vishay Siliconix VSKDL450-20S20 Datasheet HTML 7Page - Vishay Siliconix VSKDL450-20S20 Datasheet HTML 8Page - Vishay Siliconix VSKDL450-20S20 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.vishay.com
For technical questions within your region, please contact one of the following:
Document Number: 93165
4
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Revision: 02-Jul-10
VSKDL450 Series
Vishay Semiconductors
Fast Diodes, 460 A
(SUPER MAGN-A-PAK Power Modules)
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Current Ratings Characteristics
Fig. 3 - Forward Power Loss Characteristics
Fig. 4 - Forward Power Loss Characteristics
Fig. 5 - Maximum Non-Repetitive Surge Current
Fig. 6 - Maximum Non-Repetitive Surge Current
60
70
80
90
100
110
120
130
140
150
0
100
200
300
400
500
30°
60°
90°
120°
180°
Conduction Angle
Average Forward Current (A)
VSKDL450.. Series
R
(DC) = 0.065 K/ W
thJC
60
70
80
90
100
110
120
130
140
150
0
100 200 300 400 500 600 700 800
DC
30°
60°
90°
120°
180°
Cond uction Period
Average Forward Current (A)
VSKDL450.. Series
R
(DC) = 0.065 K/ W
thJC
0
100
200
300
400
500
600
700
800
900
0
50 100 150 200 250 300 350 400 450
Average Forward Current (A)
RMSLimit
Cond uc tion Angle
180°
120°
90°
60°
30°
VSKDL450.. Series
Per Junc tion
T = 150°C
J
0
200
400
600
800
1000
1200
0
100 200 300 400 500 600 700 800
DC
180°
120°
90°
60°
30°
Average Forward Current (A)
RMSLimit
Conduc tion Period
VSKDL450.. Series
Per Junc tion
T = 150°C
J
3000
4000
5000
6000
7000
8000
9000
10000
11000
12000
110
100
Numb er Of Equa l Amplitude Half Cyc le Curre nt Pulses (N)
VSKDL450.. Series
Per Junc tion
Initial T = 150°C
@60 Hz 0.0083 s
@50 Hz 0.0100 s
At Any Ra ted Load Cond ition And With
Ra ted V
Ap plied Following Surge.
RRM
J
3000
4000
5000
6000
7000
8000
9000
10000
11000
12000
13000
14000
0.01
0.1
1
Pulse Train Duration (s)
Maximum Non Repetitive Surge Current
VSKDL450.. Series
Per Junc tion
Initial T = 150°C
No Voltage Reapplied
Rated V
Reapplied
RRM
Versus Pulse Train Duration.
J


Similar Part No. - VSKDL450-20S20

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSKDL450-20S20 VISHAY-VSKDL450-20S20 Datasheet
196Kb / 8P
   Fast Diodes, 460 A (SUPER MAGN-A-PAKTM Power Modules)
Revision: 12-Jun-08
More results

Similar Description - VSKDL450-20S20

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSKDL450 VISHAY-VSKDL450 Datasheet
196Kb / 8P
   Fast Diodes, 460 A (SUPER MAGN-A-PAKTM Power Modules)
Revision: 12-Jun-08
logo
International Rectifier
IRKT500 IRF-IRKT500 Datasheet
97Kb / 8P
   SUPER MAGN-A-pak Power Modules
IRKD600 IRF-IRKD600 Datasheet
113Kb / 4P
   SUPER MAGN-A-PAK??Power Modules
IRK430 IRF-IRK430 Datasheet
137Kb / 5P
   SUPER MAGN-A-PAK??Power Modules
IRKDL450 IRF-IRKDL450 Datasheet
122Kb / 7P
   SUPER MAGN-A-PAK Power Modules
IRK500 IRF-IRK500 Datasheet
134Kb / 5P
   SUPER MAGN-A-PAK??Power Modules
logo
Vishay Siliconix
VS-VSKD600 VISHAY-VS-VSKD600 Datasheet
261Kb / 8P
   Standard Diodes, 600 A (SUPER MAGN-A-PAK Power Modules)
Revision: 05-Dec-16
VSKD600 VISHAY-VSKD600_10 Datasheet
244Kb / 8P
   Standard Diodes, 600 A (SUPER MAGN-A-PAK Power Modules)
Revision: 02-Jul-10
VS-VSKD600 VISHAY-VS-VSKD600_V01 Datasheet
258Kb / 8P
   Standard Diodes (Super MAGN-A-PAK Power Modules), 600 A
01-Jan-2022
VSKDL240 VISHAY-VSKDL240_14 Datasheet
330Kb / 12P
   Fast Recovery Diodes, 250 A (MAGN-A-PAK Power Modules)
Revision: 07-Oct-11
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com