Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VSKD600-20 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VSKD600-20
Description  Standard Diodes, 600 A (SUPER MAGN-A-PAK Power Modules)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VSKD600-20 Datasheet(HTML) 2 Page - Vishay Siliconix

  VSKD600-20 Datasheet HTML 1Page - Vishay Siliconix VSKD600-20 Datasheet HTML 2Page - Vishay Siliconix VSKD600-20 Datasheet HTML 3Page - Vishay Siliconix VSKD600-20 Datasheet HTML 4Page - Vishay Siliconix VSKD600-20 Datasheet HTML 5Page - Vishay Siliconix VSKD600-20 Datasheet HTML 6Page - Vishay Siliconix VSKD600-20 Datasheet HTML 7Page - Vishay Siliconix VSKD600-20 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.vishay.com
For technical questions within your region, please contact one of the following:
Document Number: 93583
2
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Revision: 02-Jul-10
VSKD600 Series
Vishay Semiconductors
Standard Diodes, 600 A
(SUPER MAGN-A-PAK Power Modules)
FORWARD CONDUCTION
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average forward current
at case temperature
IF(AV)
180° conduction, half sine wave
600
A
100
°C
Maximum RMS forward current
IF(RMS)
180° conduction, half sine wave at TC = 100 °C
942
A
Maximum peak, one-cycle forward,
non-repetitive surge current
IFSM
t = 10 ms
No voltage
reapplied
Sinusoidal half wave,
initial TJ = TJ maximum
19.0
kA
t = 8.3 ms
20.1
t = 10 ms
100 % VRRM
reapplied
16.2
t = 8.3 ms
17.2
Maximum I2t for fusing
I2t
t = 10 ms
No voltage
reapplied
1805
kA2s
t = 8.3 ms
1683
t = 10 ms
100 % VRRM
reapplied
1319
t = 8.3 ms
1230
Maximum I2
t for fusing
I2
t
t = 0.1 ms to 10 ms, no voltage reapplied
18 050
kA2
s
Low level value of threshold voltage
VF(TO)1
(16.7 % x
 x I
F(AV) < I <  x IF(AV)), TJ = TJ maximum
0.70
V
High level value of threshold voltage
VF(TO)2
(I >
 x I
F(AV)), TJ = TJ maximum
0.77
Low level value of forward slope resistance
rf1
(16.7 % x
 x I
F(AV) < I <  x IF(AV)), TJ = TJ maximum
0.28
m
High level value of forward slope resistance
rf2
(I >
 x I
F(AV)), TJ = TJ maximum
0.25
Maximum forward voltage drop
VFM
Ipk = 1800 A, TJ = 25 °C, tp = 10 ms sine pulse
1.45
V
BLOCKING
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
RMS insulation voltage
VINS
t = 1 s
3000
V
Maximum peak reverse and
off-state leakage current
IRRM
TJ = TJ maximum, rated VRRM applied
50
mA
THERMAL AND MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum junction operating and storage
temperature range
TJ, TStg
- 40 to 150
°C
Maximum thermal resistance,
junction to case per junction
RthJC
DC operation
0.065
K/W
Maximum thermal resistance,
case to heatsink
RthC-hs
0.02
Mounting torque
± 10 %
SMAP to heatsink
A mounting compound is recommended and the torque
should be rechecked after a period of 3 hours to allow
for the spread of the compound.
6 to 8
Nm
busbar to SMAP
12 to 15
Approximate weight
1500
g
Case style
See dimensions - link at the end of datasheet
SUPER MAGN-A-PAK


Similar Part No. - VSKD600-20

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSKD600-20 VISHAY-VSKD600-20 Datasheet
240Kb / 7P
   Standard Diodes, 600 A(SUPER MAGN-A-PAKTM Power Modules)
Revision: 11-Aug-08
VSKD600-20 VISHAY-VSKD600-20 Datasheet
255Kb / 9P
   Standard Diodes
Revision: 29-Apr-15
More results

Similar Description - VSKD600-20

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-VSKD600 VISHAY-VS-VSKD600 Datasheet
261Kb / 8P
   Standard Diodes, 600 A (SUPER MAGN-A-PAK Power Modules)
Revision: 05-Dec-16
VS-VSKD600 VISHAY-VS-VSKD600_V01 Datasheet
258Kb / 8P
   Standard Diodes (Super MAGN-A-PAK Power Modules), 600 A
01-Jan-2022
logo
Nell Semiconductor Co.,...
NKD60 NELLSEMI-NKD60 Datasheet
273Kb / 5P
   Standard Diodes, 600 A ( MAGN-A-PAK Power Modules)
logo
Vishay Siliconix
VSKD600 VISHAY-VSKD600 Datasheet
240Kb / 7P
   Standard Diodes, 600 A(SUPER MAGN-A-PAKTM Power Modules)
Revision: 11-Aug-08
logo
Nell Semiconductor Co.,...
NKD250 NELLSEMI-NKD250 Datasheet
1Mb / 4P
   Standard Diodes, 250 A( MAGN-A-PAK Power Modules)
logo
International Rectifier
IRKT500 IRF-IRKT500 Datasheet
97Kb / 8P
   SUPER MAGN-A-pak Power Modules
IRKD600 IRF-IRKD600 Datasheet
113Kb / 4P
   SUPER MAGN-A-PAK??Power Modules
IRK430 IRF-IRK430 Datasheet
137Kb / 5P
   SUPER MAGN-A-PAK??Power Modules
IRKDL450 IRF-IRKDL450 Datasheet
122Kb / 7P
   SUPER MAGN-A-PAK Power Modules
IRK500 IRF-IRK500 Datasheet
134Kb / 5P
   SUPER MAGN-A-PAK??Power Modules
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com