Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

400MSP2R6BLKM1RE Datasheet(PDF) 2 Page - E-SWITCH

Part # 400MSP2R6BLKM1RE
Description  ROCKER SWITCHES - SUB-MINIATURE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

400MSP2R6BLKM1RE Datasheet(HTML) 2 Page - E-SWITCH

  400MSP2R6BLKM1RE Datasheet HTML 1Page - E-SWITCH 400MSP2R6BLKM1RE Datasheet HTML 2Page - E-SWITCH 400MSP2R6BLKM1RE Datasheet HTML 3Page - E-SWITCH 400MSP2R6BLKM1RE Datasheet HTML 4Page - E-SWITCH 400MSP2R6BLKM1RE Datasheet HTML 5Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.e-switch.com
info@e-switch.com
153
DPDT
SCHEMATIC
( ) = Momentary
POS 1
POS 2
POS 3
Model No.
MDP-1
ON
NONE
ON
MDP-2
ON
NONE
(ON)
MDP-3
ON
OFF
ON
Term. Comm.
2-3, 5-6
OPEN
2-1, 5-4
R1
R6
TERMINATION OPTIONS
ACTUATOR OPTIONS
Single Pole
Double Pole
Std. all models except SPDT with M6 terminations.
Std. on SPDT models with M6 terminations.
M1
M2
SOLDER LUG
P.C. MOUNT
Single Pole
Double Pole


Similar Part No. - 400MSP2R6BLKM1RE

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
400MS12ACMA1STD KEMET-400MS12ACMA1STD Datasheet
66Kb / 1P
   Aluminum Electrolytic, Motor Start, MS/A902, 400 uF, -0/25%, 120 V, -20/60C
logo
Hittite Microwave Corpo...
400MS8E HITTITE-400MS8E Datasheet
233Kb / 8P
   HIGH IP3 GaAs MMIC MIXER, 1.7 - 2.2 GHz
400MS8E HITTITE-400MS8E Datasheet
332Kb / 8P
   HIGH IP3 GaAs MMIC MIXER, 1.7 - 2.2 GHz
More results

Similar Description - 400MSP2R6BLKM1RE

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
47CMSP1R2M6RT GRAYHILL-47CMSP1R2M6RT Datasheet
142Kb / 3P
   Sub-Miniature Rocker Switches
logo
GREATECS
RK15 GREATECS-RK15 Datasheet
349Kb / 2P
   Sub-Miniature Rocker Switches
logo
E-SWITCH
400A E-SWITCH-400A Datasheet
485Kb / 5P
   ROCKER SWITCHES - SUB-MINIATURE
logo
DB Lectro Inc
ES40-R DBLECTRO-ES40-R Datasheet
271Kb / 3P
   Sealed Sub-Miniature Rocker Switches
logo
Grayhill, Inc
47DWMSP1R2M6RT GRAYHILL-47DWMSP1R2M6RT Datasheet
146Kb / 3P
   Sealed Sub-Miniature Rocker Switches
logo
GREATECS
RK16 GREATECS-RK16 Datasheet
328Kb / 2P
   Sealed Sub-Miniature Rocker Switches
logo
Copal Electronics
ELE COPAL-ELE Datasheet
837Kb / 6P
   Miniature Rocker Switches
HLA COPAL-HLA Datasheet
557Kb / 6P
   Miniature Rocker Switches
logo
GREATECS
RK17 GREATECS-RK17 Datasheet
990Kb / 2P
   Sealed Sub-Miniature SMT Rocker Switches SPDT
RK13 GREATECS-RK13 Datasheet
888Kb / 5P
   Miniature Rocker & Paddle Switches
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com