Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VSKCS440-030 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # VSKCS440-030
Description  ADD-A-PAK Generation VII Power Modules Schottky Rectifier, 440 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VSKCS440-030 Datasheet(HTML) 4 Page - Vishay Siliconix

  VSKCS440-030 Datasheet HTML 1Page - Vishay Siliconix VSKCS440-030 Datasheet HTML 2Page - Vishay Siliconix VSKCS440-030 Datasheet HTML 3Page - Vishay Siliconix VSKCS440-030 Datasheet HTML 4Page - Vishay Siliconix VSKCS440-030 Datasheet HTML 5Page - Vishay Siliconix VSKCS440-030 Datasheet HTML 6Page - Vishay Siliconix VSKCS440-030 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.vishay.com
For technical questions, contact: indmodules@vishay.com
Document Number: 94638
4
Revision: 09-Mar-11
This datasheet is subject to change without notice.
THE PRODUCT DESCRIBED HEREIN AND THIS DATASHEET ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
VSKCS440/030
Vishay Semiconductors
ADD-A-PAK Generation VII
Power Modules Schottky Rectifier, 440 A
Fig. 5 - Maximum Allowable Case Temperature vs.
Average Forward Current
Fig. 6 - Forward Power Loss Characteristics
Fig. 7 - Maximum Non-Repetitive Surge Current
Fig. 8 - Unclamped Inductive Test Circuit
Note
(1) Formula used: TC = TJ - (Pd + PdREV) x RthJC;
Pd = Forward power loss = IF(AV) x VFM at (IF(AV)/D) (see fig. 6);
PdREV = Inverse power loss = VR1 x IR (1 - D); IR at VR1 = 80 % rated VR
AverageForwardCurrent-IF
(AV)(A)
0
100
200
300
400
500
600
0
40
80
120
160
DC
Square wave (D=0.50)
80% rated Vr applied
see note (1)
AverageForwardCurrent-IF
(AV) (A)
0
50
100
150
200
250
300
0
50
100
150
200
180°
120°
90°
60°
30°
DC
RMS Limit
SquareWavePulseDuration-t
p (microsec)
1000
10000
100000
10
100
1000
10000
At Any Rated Load Condition
And With Rated V
Applied
Following Surge
RRM
Current
monitor
High-speed
switch
D.U.T.
R
g = 25 Ω
+
Freewheel
diode
V
d = 25 V
L
IRFP460
40HFL40S02


Similar Part No. - VSKCS440-030

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSKCS440 VISHAY-VSKCS440 Datasheet
158Kb / 6P
   Schottky Rectifier, 440 A
Revision: 24-Apr-08
VSKCS440/030P VISHAY-VSKCS440/030P Datasheet
158Kb / 6P
   Schottky Rectifier, 440 A
Revision: 24-Apr-08
More results

Similar Description - VSKCS440-030

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSKJS440 VISHAY-VSKJS440_11 Datasheet
128Kb / 7P
   ADD-A-PAK Generation VII Power Modules Schottky Rectifier, 440 A
Revision: 09-Mar-11
VSKCS220 VISHAY-VSKCS220_11 Datasheet
129Kb / 7P
   ADD-A-PAK Generation VII Power Modules Schottky Rectifier, 220 A
Revision: 09-Mar-11
VSKCS401 VISHAY-VSKCS401_09 Datasheet
143Kb / 7P
   ADD-A-PAK Generation VII Power Modules Schottky Rectifier, 400 A
Revision: 05-Aug-09
VSKDS203 VISHAY-VSKDS203_10 Datasheet
174Kb / 7P
   ADD-A-PAK Generation VII Power Modules Schottky Rectifier, 100 A
Revision: 04-May-10
VSKDS403 VISHAY-VSKDS403_09 Datasheet
143Kb / 7P
   ADD-A-PAK Generation VII Power Modules Schottky Rectifier, 200 A
Revision: 05-Aug-09
VSKCS203 VISHAY-VSKCS203_10 Datasheet
188Kb / 7P
   ADD-A-PAK Generation VII Power Modules Schottky Rectifier, 200 A
Revision: 07-Apr-10
VSKCS403 VISHAY-VSKCS403_09 Datasheet
144Kb / 7P
   ADD-A-PAK Generation VII Power Modules Schottky Rectifier, 400 A
Revision: 05-Aug-09
VSKDS400 VISHAY-VSKDS400_11 Datasheet
131Kb / 7P
   ADD-A-PAK Generation VII Power Modules Schottky Rectifier, 200 A
Revision: 09-Mar-11
VSKDS401 VISHAY-VSKDS401_09 Datasheet
143Kb / 7P
   ADD-A-PAK Generation VII Power Modules Schottky Rectifier, 200 A
Revision: 05-Aug-09
VSKDS220 VISHAY-VSKDS220_09 Datasheet
144Kb / 7P
   ADD-A-PAK Generation VII Power Modules Schottky Rectifier, 110 A
Revision: 05-Aug-09
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com