Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

300SP1R1WHTM1QERED Datasheet(PDF) 9 Page - E-SWITCH

Part # 300SP1R1WHTM1QERED
Description  ROCKER AND PADDLE SWITCHES - MINIATURE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

300SP1R1WHTM1QERED Datasheet(HTML) 9 Page - E-SWITCH

  300SP1R1WHTM1QERED Datasheet HTML 1Page - E-SWITCH 300SP1R1WHTM1QERED Datasheet HTML 2Page - E-SWITCH 300SP1R1WHTM1QERED Datasheet HTML 3Page - E-SWITCH 300SP1R1WHTM1QERED Datasheet HTML 4Page - E-SWITCH 300SP1R1WHTM1QERED Datasheet HTML 5Page - E-SWITCH 300SP1R1WHTM1QERED Datasheet HTML 6Page - E-SWITCH 300SP1R1WHTM1QERED Datasheet HTML 7Page - E-SWITCH 300SP1R1WHTM1QERED Datasheet HTML 8Page - E-SWITCH 300SP1R1WHTM1QERED Datasheet HTML 9Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
www.e-switch.com
info@e-switch.com
145
VS2-VS3
P.C. MOUNTING
DPDT
Option
Code
Dim. 'A'
VS2
.460 (11.68)
VS3
.630 (16.00)
VS4-VS5
P.C. MOUNTING
SPDT
Option
Code
Dim. 'A'
VS4
.460 (11.68)
VS5
.630 (16.00)
VS5
P.C. MOUNTING
DPDT
Option
Code
Dim. 'A'
VS5
.630 (16.00)
CONTACT MATERIAL OPTIONS
Q
R
Fixed Terminal:
Silver plated copper alloy
Moving Contact:
Silver plated copper alloy
Rating:
5 Amps with resistive load @ 120VAC or 28VDC;
2 Amps with resistive load @ 250VAC
Fixed Terminal:
Copper alloy with gold plate over nickel plate
Moving Contact:
Copper alloy with gold plate over nickel plate
Rating:
0.4 Volt-Amps (VA) max. @ 20V max. (AC or DC)


Similar Part No. - 300SP1R1WHTM1QERED

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
300S-7W VISHAY-300S-7W Datasheet
237Kb / 4P
   Printed Circuit Dip Solder Connector
Revision: 27-Mar-07
logo
List of Unclassifed Man...
300S14-U ETC2-300S14-U Datasheet
99Kb / 5P
   4 Matched NPN Transistors
300S14-U ETC2-300S14-U Datasheet
99Kb / 5P
   4 Matched NPN Transistors
300SCFM ETC1-300SCFM Datasheet
138Kb / 6P
   20SCFM
logo
Vishay Siliconix
300SE-7W VISHAY-300SE-7W Datasheet
237Kb / 4P
   Printed Circuit Dip Solder Connector
Revision: 27-Mar-07
More results

Similar Description - 300SP1R1WHTM1QERED

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
47ASP1J2M6RT GRAYHILL-47ASP1J2M6RT Datasheet
237Kb / 6P
   Miniature Rocker and Paddle Switches
logo
E-SWITCH
300A E-SWITCH-300A Datasheet
745Kb / 6P
   ROCKER AND PADDLE SWITCHES - MINIATURE
logo
GREATECS
RK13 GREATECS-RK13 Datasheet
888Kb / 5P
   Miniature Rocker & Paddle Switches
logo
Grayhill, Inc
47BWSP1J2M6RT GRAYHILL-47BWSP1J2M6RT Datasheet
204Kb / 6P
   Sealed Miniature Rocker and Paddle Switches
logo
GREATECS
RK14 GREATECS-RK14 Datasheet
526Kb / 4P
   Sealed Miniature Rocker & Paddle Switches
logo
Carling Technologies
RA901 CARLINGTECH-RA901 Datasheet
2Mb / 2P
   Single Pole Rocker & Paddle Switches
RG-SERIES CARLINGTECH-RG-SERIES Datasheet
421Kb / 3P
   Single/Double Pole Lighted Rocker & Paddle Switches
logo
Tyco Electronics
A103J1ZQ0 MACOM-A103J1ZQ0 Datasheet
579Kb / 14P
   Rocker/Paddle Switches, A Series, Part Number Matrix
logo
Copal Electronics
ELE COPAL-ELE Datasheet
837Kb / 6P
   Miniature Rocker Switches
HLA COPAL-HLA Datasheet
557Kb / 6P
   Miniature Rocker Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com