Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

400MSP3R6BLKM1QE Datasheet(PDF) 1 Page - E-SWITCH

Part # 400MSP3R6BLKM1QE
Description  ROCKER SWITCHES - SUB-MINIATURE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

400MSP3R6BLKM1QE Datasheet(HTML) 1 Page - E-SWITCH

  400MSP3R6BLKM1QE Datasheet HTML 1Page - E-SWITCH 400MSP3R6BLKM1QE Datasheet HTML 2Page - E-SWITCH 400MSP3R6BLKM1QE Datasheet HTML 3Page - E-SWITCH 400MSP3R6BLKM1QE Datasheet HTML 4Page - E-SWITCH 400MSP3R6BLKM1QE Datasheet HTML 5Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Phone: 800-867-2717
Fax: 763-531-8235
152
Specifications subject to change without notice.
Example Ordering Number
400_ MSP1_ R6_ BLK_ M6_R_ E
SPECIFICATIONS
Contact Rating:
See contact material options
Life Expectancy:
30,000 make-and-break cycles at full load
Contact Resistance:
20 mΩ max. typical initial @ 2-4 VDC
100 mA for silver and gold plated contacts
Insulation Resistance:
1,000 MΩ min
Dielectric Strength:
1,000 V RMS @ sea level
Operating Temperature: -30° C to 85° C
MATERIALS
Case:
Diallyl phthalate (DAP) or glass filled nylon,
flame retardant, heat stabilized (UL 94-V0)
Rocker:
Nylon
Bushing:
Brass, nickel plated
Housing:
Stainless steel
Terminal/Switch Support: Brass, or steel tin plated
Contacts / Terminals:
Silver or gold plated copper alloy
HOW TO ORDER
FEATURES & BENEFITS
Variety of switching functions
Sub-miniature
Multiple actuator options
APPLICATIONS/MARKETS
Telecommunications
Instrumentation
Test equipment
Networking
Computer peripherals
SERIES 400 SWITCHES
ROCKER SWITCHES - SUB-MINIATURE
POS 1
POS 2
POS 3
25˚
Epoxy
Seal
CONTACT
MATERIAL
Q = Silver
R = Gold
SERIES
MSP1
MSP2
MSP3
MSP4
MSP5
MSP6***
MDP1
MDP2
MDP3
400
M1
M2
M6
M61
M7
M71
VS2
VS21
TERMINATION
SEAL
E
E = Epoxy
Sealed at
Base of
Terminal
R1*
R6**
ACTUATOR
BLK =Black
WHT=White
RED =Red
ACTUATOR
COLOR
* Std. all models except SPDT with
M6 + M61 terminations.
** Std. on SPDT models with
M6 + M61 terminations.
*** Not available with M6 terminations.
MODEL NO.
( ) = Momentary
POS 1
POS 2
POS 3
Model No.
MSP-1
ON
NONE
ON
MSP-2
ON
NONE
(ON)
MSP-3
ON
OFF
ON
MSP-4
(ON)
OFF
(ON)
MSP-5
ON
OFF
(ON)
MSP-6
OFF
NONE
ON
Term. Comm.
2-3
OPEN
2-1
SPDT
SCHEMATIC


Similar Part No. - 400MSP3R6BLKM1QE

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
400MS12ACMA1STD KEMET-400MS12ACMA1STD Datasheet
66Kb / 1P
   Aluminum Electrolytic, Motor Start, MS/A902, 400 uF, -0/25%, 120 V, -20/60C
logo
Hittite Microwave Corpo...
400MS8E HITTITE-400MS8E Datasheet
233Kb / 8P
   HIGH IP3 GaAs MMIC MIXER, 1.7 - 2.2 GHz
400MS8E HITTITE-400MS8E Datasheet
332Kb / 8P
   HIGH IP3 GaAs MMIC MIXER, 1.7 - 2.2 GHz
More results

Similar Description - 400MSP3R6BLKM1QE

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
47CMSP1R2M6RT GRAYHILL-47CMSP1R2M6RT Datasheet
142Kb / 3P
   Sub-Miniature Rocker Switches
logo
GREATECS
RK15 GREATECS-RK15 Datasheet
349Kb / 2P
   Sub-Miniature Rocker Switches
logo
E-SWITCH
400A E-SWITCH-400A Datasheet
485Kb / 5P
   ROCKER SWITCHES - SUB-MINIATURE
logo
DB Lectro Inc
ES40-R DBLECTRO-ES40-R Datasheet
271Kb / 3P
   Sealed Sub-Miniature Rocker Switches
logo
Grayhill, Inc
47DWMSP1R2M6RT GRAYHILL-47DWMSP1R2M6RT Datasheet
146Kb / 3P
   Sealed Sub-Miniature Rocker Switches
logo
GREATECS
RK16 GREATECS-RK16 Datasheet
328Kb / 2P
   Sealed Sub-Miniature Rocker Switches
logo
Copal Electronics
ELE COPAL-ELE Datasheet
837Kb / 6P
   Miniature Rocker Switches
HLA COPAL-HLA Datasheet
557Kb / 6P
   Miniature Rocker Switches
logo
GREATECS
RK17 GREATECS-RK17 Datasheet
990Kb / 2P
   Sealed Sub-Miniature SMT Rocker Switches SPDT
RK13 GREATECS-RK13 Datasheet
888Kb / 5P
   Miniature Rocker & Paddle Switches
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com