Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C62702-C855 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # C62702-C855
Description  NPN Silicon Darlington Transistors (High current gain Low collector-emitter saturation voltage
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

C62702-C855 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  C62702-C855 Datasheet HTML 1Page - Siemens Semiconductor Group C62702-C855 Datasheet HTML 2Page - Siemens Semiconductor Group C62702-C855 Datasheet HTML 3Page - Siemens Semiconductor Group C62702-C855 Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Semiconductor Group
3
BC 875
… BC 879
Total power dissipation Ptot = f (TA; TC)
Permissible pulse load RthJA = f (tp)
Collector cutoff current ICB0 = f (TA)
VCB = 100 V
DC current gain hFE = f (TA)
VCE = 10 V


Similar Part No. - C62702-C855

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
C62702-C2487 SIEMENS-C62702-C2487 Datasheet
35Kb / 4P
   NPN Silicon Digital Transistor (Switching circuit, inverter, interface circuit, driver circuit)
C62702-C2488 SIEMENS-C62702-C2488 Datasheet
35Kb / 4P
   PNP Silicon Digital Transistor (Switching circuit, inverter, interface circuit, driver circuit)
C62702-C747 SIEMENS-C62702-C747 Datasheet
125Kb / 4P
   NPN Silicon AF Transistor (High current gain High collector current)
C62702-C748 SIEMENS-C62702-C748 Datasheet
126Kb / 4P
   PNP Silicon AF Transistor (High current gain High collector current Low collector-emitter saturation voltage)
C62702-C941 SIEMENS-C62702-C941 Datasheet
170Kb / 4P
   PNP Silicon Darlington Transistors (High current gain High collector current)
More results

Similar Description - C62702-C855

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BSP50BSP52 SIEMENS-BSP50BSP52 Datasheet
152Kb / 5P
   NPN Silicon Darlington Transistors (High collector current Low collector-emitter saturation voltage)
BC337 SIEMENS-BC337 Datasheet
150Kb / 6P
   NPN Silicon AF Transistors (High current gain High collector current Low collector-emitter saturation voltage)
BSP60BSP62 SIEMENS-BSP60BSP62 Datasheet
153Kb / 5P
   PNP Silicon Darlington Transistors (High collector current Low collector-emitter saturation voltage)
BCX58BCX59 SIEMENS-BCX58BCX59 Datasheet
144Kb / 6P
   NPN Silicon AF Transistors (High current gain Low collector-emitter saturation voltage)
logo
Infineon Technologies A...
SMBTA14 INFINEON-SMBTA14_07 Datasheet
71Kb / 6P
   NPN Silicon Darlington Transistor High collector current Low collector-emitter saturation voltage
2007-04-19
logo
Siemens Semiconductor G...
BSS79 SIEMENS-BSS79 Datasheet
157Kb / 5P
   NPN Silicon Switching Transistors (High DC current gain Low collector-emitter saturation voltage)
BC327 SIEMENS-BC327 Datasheet
143Kb / 6P
   PNP Silicon AF Transistors (High current gain High collector current Low collector-emitter saturation voltage)
BCX78 SIEMENS-BCX78 Datasheet
143Kb / 7P
   PNP Silicon AF Transistors (High current gain Low collector-emitter saturation voltage)
logo
Infineon Technologies A...
SMBTA42 INFINEON-SMBTA42_07 Datasheet
71Kb / 6P
   NPN Silicon High-Voltage Transistors Low collector-emitter saturation voltage
2007-04-19
PZTA42 INFINEON-PZTA42_07 Datasheet
67Kb / 6P
   NPN Silicon High-Voltage Transistors Low collector-emitter saturation voltage
2007-04-26
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com