Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC859A Datasheet(PDF) 6 Page - Siemens Semiconductor Group

Part # BC859A
Description  PNP Silicon AF Transistors (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BC859A Datasheet(HTML) 6 Page - Siemens Semiconductor Group

  BC859A Datasheet HTML 1Page - Siemens Semiconductor Group BC859A Datasheet HTML 2Page - Siemens Semiconductor Group BC859A Datasheet HTML 3Page - Siemens Semiconductor Group BC859A Datasheet HTML 4Page - Siemens Semiconductor Group BC859A Datasheet HTML 5Page - Siemens Semiconductor Group BC859A Datasheet HTML 6Page - Siemens Semiconductor Group BC859A Datasheet HTML 7Page - Siemens Semiconductor Group BC859A Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
BC 856 ... BC 860
Semiconductor Group
6
Collector cutoff current ICB0 = f (TA)
VCB = 30 V
DC current gain hFE = f (IC)
VCE = 5 V
Collector-emitter saturation voltage
IC = f (VCEsat), hFE = 20
Base-emitter saturation voltage
IC = f (VBEsat), hFE = 20


Similar Part No. - BC859A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BC859A FAIRCHILD-BC859A Datasheet
68Kb / 5P
   Switching and Amplifier Applications
logo
Infineon Technologies A...
BC859A INFINEON-BC859A Datasheet
218Kb / 8P
   PNP Silicon AF Transistors
Dec-11-2001
logo
Diotec Semiconductor
BC859A DIOTEC-BC859A Datasheet
145Kb / 2P
   SMD General Purpose PNP Transistors
logo
List of Unclassifed Man...
BC859A-Z4A ETC-BC859A-Z4A Datasheet
35Kb / 3P
   SOT23 PNP SILICON PLANAR GENERAL PURPOSE TRANSISTORS
logo
Fairchild Semiconductor
BC859AMTF FAIRCHILD-BC859AMTF Datasheet
150Kb / 5P
   PNP Epitaxial Silicon Transistor
More results

Similar Description - BC859A

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BC856W-BC860W SIEMENS-BC856W-BC860W Datasheet
273Kb / 8P
   PNP Silicon AF Transistors (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
BC856S SIEMENS-BC856S Datasheet
42Kb / 6P
   PNP Silicon AF Transistor Array (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
BC857S SIEMENS-BC857S Datasheet
159Kb / 6P
   PNP Silicon AF Transistor Array (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
BC846W-BC850W SIEMENS-BC846W-BC850W Datasheet
272Kb / 8P
   NPN Silicon AF Transistor (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
BC847PN SIEMENS-BC847PN Datasheet
229Kb / 6P
   NPN/PNP Silicon AF Transistor Array (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
BCW61 SIEMENS-BCW61 Datasheet
271Kb / 9P
   PNP Silicon AF Transistors (For AF input stages and driver applications High current gain)
BCX78 SIEMENS-BCX78 Datasheet
143Kb / 7P
   PNP Silicon AF Transistors (High current gain Low collector-emitter saturation voltage)
BC327 SIEMENS-BC327 Datasheet
143Kb / 6P
   PNP Silicon AF Transistors (High current gain High collector current Low collector-emitter saturation voltage)
BC846-BC850 SIEMENS-BC846-BC850 Datasheet
273Kb / 8P
   NPN Silicon AF Transistors (For AF input stages and driver applications High current gain)
BCW60 SIEMENS-BCW60 Datasheet
282Kb / 9P
   NPN Silicon AF Transistors (For AF input stages and driver applications High current gain)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com