Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VJ0603H102JFAAT Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VJ0603H102JFAAT
Description  Surface Mount Multilayer Ceramic Chip Capacitors for High Temperature Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VJ0603H102JFAAT Datasheet(HTML) 3 Page - Vishay Siliconix

  VJ0603H102JFAAT Datasheet HTML 1Page - Vishay Siliconix VJ0603H102JFAAT Datasheet HTML 2Page - Vishay Siliconix VJ0603H102JFAAT Datasheet HTML 3Page - Vishay Siliconix VJ0603H102JFAAT Datasheet HTML 4Page - Vishay Siliconix VJ0603H102JFAAT Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
VJ X8R
www.vishay.com
Vishay Vitramon
Revision: 08-Aug-11
3
Document Number: 45006
For technical questions, contact: mlcc@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1)
See soldering recommendations within this data book, or visit www.vishay.com/doc?45034
• Plastic Tape, •• Paper Tape
Note
(1) Reference: EIA standard RS481 - “Taping of Surface Mount Components for Automatic Placement”
SELECTION CHART
DIELECTRIC
X8R
STYLE
VJ0603
VJ0805
VJ1206
VJ1210 (1)
EIA CODE
0603
0805
1206
1210
VOLTAGE (VDC)
25
502550
255025
50
VOLTAGE CODE
XAX
A
XAXA
CAP. CODE
CAP.
331
330 pF
391
390 pF
471
470 pF
••
••
••
561
560 pF
••
••
••
681
680 pF
••
••
••
••
821
820 pF
••
••
••
••
102
1.0 nF
••
••
••
••
122
1.2 nF
••
••
••
••
152
1.5 nF
••
••
••
••
182
1.8 nF
••
••
••
••
222
2.2 nF
••
••
••
••
272
2.7 nF
••
••
••
••
332
3.3 nF
••
••
••
••
392
3.9 nF
••
••
••
••
472
4.7 nF
••
••
••
••
562
5.6 nF
••
••
••
••
682
6.8 nF
••
••
••
••
822
8.2 nF
••
••
••
••
103
10 nF
••
••
••
••
123
12 nF
••
••
••
••
153
15 nF
••
••
••
••
183
18 nF
••
••
••
••
223
22 nF
••
••
••
273
27 nF
••
••
333
33 nF
••
••
393
39 nF
••
473
47 nF
563
56 nF
683
68 nF
823
82 nF
104
100 nF
124
120 nF
154
150 nF
184
180 nF
224
220 nF
274
270 nF
••
334
330 nF
••
394
390 nF
474
470 nF
564
560 nF
684
680 nF
824
820 nF
X8R PACKAGING QUANTITIES (1)
BODY SIZE
TAPE SIZE
7" REEL QUANTITIES
11 1/4" AND 13" REEL QUANTITIES
PACKAGING CODE
PACKAGING CODE
“C”/“O”
“T”
“P”/“I”
“R”
0603
8 mm
4000
n/a
10 000
n/a
0805
8 mm
3000
3000
10 000
10 000
1206
8 mm
n/a
3000
10 000
10 000
1210
8 mm
n/a
3000
10 000
10 000


Similar Part No. - VJ0603H102JFAAT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ0603H102JFAAT VISHAY-VJ0603H102JFAAT Datasheet
103Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Temperature Applications
Revision: 26-Aug-14
More results

Similar Description - VJ0603H102JFAAT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJX8R VISHAY-VJX8R Datasheet
84Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Temperature Applications
Revision: 11-Nov-08
VJX8R VISHAY-VJX8R_14 Datasheet
103Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Temperature Applications
Revision: 26-Aug-14
logo
HolyStone International
HMC HOLYSTONECAPS-HMC Datasheet
260Kb / 3P
   Multilayer Ceramic Chip Capacitors for High Temperature Applications
logo
Vishay Siliconix
VJ0603 VISHAY-VJ0603 Datasheet
308Kb / 4P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Frequency Applications
Revision 20-Feb-08
VJ0402A VISHAY-VJ0402A Datasheet
342Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Reliability Applications
Revision: 20-Feb-08
VJHI-REL VISHAY-VJHI-REL Datasheet
135Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Reliability Applications
Revision: 15-May-12
VJHI-REL VISHAY-VJHI-REL_V01 Datasheet
173Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Reliability Applications
01-Jan-2023
VJ0402 VISHAY-VJ0402_11 Datasheet
136Kb / 14P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 14-Jul-11
VJ0402Y102KXAAC31 VISHAY-VJ0402Y102KXAAC31 Datasheet
183Kb / 21P
   Surface Mount Multilayer Ceramic Chip Capacitors for Automotive Applications
Revision: 05-Aug-11
VJ1206A471KXEAT VISHAY-VJ1206A471KXEAT Datasheet
149Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 15-May-12
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com