Part Name
         Description
VSIB4A20

 Single-Phase Single In-Line Bridge Rectifier ( 4 Page)


VISHAY
100% 
Zoom Out Zoom In
   
 3 page
background image
New Product
VSIB4A20 thru VSIB4A80
Vishay General Semiconductor
Document Number: 89120
Revision: 14-Jul-09
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com
3
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
Figure 3. Typical Forward Characteristics Per Diode
Figure 4. Typical Reverse Characteristics Per Diode
Instantaneous Forward Voltage (V)
100
0.01
0.3
1.3
1.1
0.1
1
10
0.9
0.7
0.5
T
J = 150 °C
T
J = 125 °C
T
J = 25 °C
Percent of Rated Peak Reverse Voltage (%)
1000
0.01
20
100
0.1
10
100
80
60
40
T
J = 150 °C
T
J = 125 °C
T
J = 25 °C
1
30
90
70
50
Figure 5. Typical Junction Capacitance Per Diode
Figure 6. Typical Transient Thermal Impedance Per Diode
Reverse Voltage (V)
1000
1
0.1
100
10
100
10
1
t - Heating Time (s)
100
0.1
0.01
100
1
10
10
1
0.1
Case Style GSIB-3S
0.996 (25.3)
0.972 (24.7)
0.157 (4.0) Ref.
0.146 (3.70)
0.130 (3.30)
0.602 (15.3)
0.579 (14.7)
0.709 (18.0)
0.669 (17.0)
0.303 (7.7)
0.287 (7.3)
0.057 (1.45)
0.041 (1.05)
0.083 (2.10)
0.067 (1.70)
0.043 (1.10)
0.035 (0.90)
0.075 (1.90)
0.059 (1.50)
0.150 (3.80)
0.134 (3.40)
0.031 (0.80)
0.024 (0.60)
0.114 (2.90)
0.098 (2.50)
0.189 (4.80)
0.173 (4.40)
0.382 (9.70)
0.366 (9.30)
Ø 0.134 (3.40)
Ø 0.122 (3.10)



Html Pages

1  2  3  4 


Datasheet Download




Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl