Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VJ0402H102BEAAO34 Datasheet(PDF) 10 Page - Vishay Siliconix

Part # VJ0402H102BEAAO34
Description  Surface Mount Multilayer Ceramic Chip Capacitors for Automotive Applications
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VJ0402H102BEAAO34 Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button VJ0402H102BEAAO34 Datasheet HTML 6Page - Vishay Siliconix VJ0402H102BEAAO34 Datasheet HTML 7Page - Vishay Siliconix VJ0402H102BEAAO34 Datasheet HTML 8Page - Vishay Siliconix VJ0402H102BEAAO34 Datasheet HTML 9Page - Vishay Siliconix VJ0402H102BEAAO34 Datasheet HTML 10Page - Vishay Siliconix VJ0402H102BEAAO34 Datasheet HTML 11Page - Vishay Siliconix VJ0402H102BEAAO34 Datasheet HTML 12Page - Vishay Siliconix VJ0402H102BEAAO34 Datasheet HTML 13Page - Vishay Siliconix VJ0402H102BEAAO34 Datasheet HTML 14Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
VJ....31/VJ....34 Automotive MLCC
www.vishay.com
Vishay Vitramon
Revision: 05-Aug-11
10
Document Number: 45040
For technical questions, contact: mlcc@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Reference: EIA standard RS 481 - “Taping of Surface Mount Components for Automatic Placement”
(2) n/a = Not available
(3) Quantity can vary with customer request
(4) Flamed paper tape code “O” (7" reel) and “I” (11 1/4/13" reel) for AgPd terminated parts (termination code F, E)
(5) Packaging “C/P” or “E/M” and quantity can depend from product thickness
(6) Packaging code “T”, “R” are used for size 1812.
PRODUCT DRAWING (in use)
SIZE
CODE
X - TERMINATION CODE
(100 % MATTE TIN)
F - TERMINATION CODE
(AgPd)
DRAWING C0G (NP0)
DRAWING X7R
DRAWING C0G (NP0)
DRAWING X7R
0402
•• = Paper tape
7175
9172
7175
9072
++ = Paper tape
7172
7172
7072
7072
0603
•• = Paper tape
7179
9155
7179
9097
++ = Paper tape
7155
7155
7097
7097
• = Plastic tape
-
-
7179
9097
+ = Plastic tape
7155
7155
7097
7097
0805
•• = Paper tape
7188
9156
7188
9080
++ = Paper tape
7156
7156
7080
7080
• = Plastic tape
-
9156
7188
9080
+ = Plastic tape
7156
7156
7080
7080
1206
•• = Paper tape
7180
-
-
-
• = Plastic tape
-
9157
7180
9081
+ = Plastic tape
7157
7157
7081
7081
1210
• = Plastic tape
-
9158
-
9099
+ = Plastic tape
7158
7158
7099
7099
STANDARD PACKAGING QUANTITIES (1)(2)
BODY SIZE
TAPE SIZE
7" REEL QUANTITIES
11 1/4" AND 13" REEL QUANTITIES
PAPER TAPE
PACKAGING CODE
“C”/“O” (4)
PLASTIC TAPE
PACKAGING CODE
“E/T” (6)
PAPER TAPE
PACKAGING CODE
“P”/“I” (4)
PLASTIC TAPE
PACKAGING CODE
“M/R” (6)
0402
8 mm
5000/10 000 (3)
n/a
10 000/30 000 (3)
n/a
0603
8 mm
4000
n/a
10 000
n/a
0805 (5)
8 mm
3000
3000
10 000
10 000
1206 (5)
8 mm
n/a
3000
n/a
10 000
1210 (5)
8 mm
n/a
2000/2500/3000
n/a
9000/10 000
1812
12 mm
n/a
1000
n/a
4000


Similar Part No. - VJ0402H102BEAAO34

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ0402H102JEAAC VISHAY-VJ0402H102JEAAC Datasheet
103Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Temperature Applications
Revision: 26-Aug-14
VJ0402H102JEAAO VISHAY-VJ0402H102JEAAO Datasheet
103Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Temperature Applications
Revision: 26-Aug-14
VJ0402H102JEAAP VISHAY-VJ0402H102JEAAP Datasheet
103Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Temperature Applications
Revision: 26-Aug-14
VJ0402H102JEAAR VISHAY-VJ0402H102JEAAR Datasheet
103Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Temperature Applications
Revision: 26-Aug-14
VJ0402H102JEAAT VISHAY-VJ0402H102JEAAT Datasheet
103Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Temperature Applications
Revision: 26-Aug-14
More results

Similar Description - VJ0402H102BEAAO34

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GA31G VISHAY-GA31G Datasheet
176Kb / 20P
   Surface Mount Multilayer Ceramic Chip Capacitors for Automotive Applications
01-Jan-2023
GA34GMLCC VISHAY-GA34GMLCC Datasheet
160Kb / 17P
   Surface Mount Multilayer Ceramic Chip Capacitors for Automotive Applications
01-Jan-2023
VJ0603Y222KXCAC31 VISHAY-VJ0603Y222KXCAC31 Datasheet
200Kb / 21P
   Surface Mount Multilayer Ceramic Chip Capacitors for Automotive Applications
Revision: 12-Feb-14
VJ0805Y104KXABE31 VISHAY-VJ0805Y104KXABE31 Datasheet
201Kb / 21P
   Surface Mount Multilayer Ceramic Chip Capacitors for Automotive Applications
Revision: 13-Jun-13
GA31M VISHAY-GA31M Datasheet
205Kb / 24P
   Surface Mount Multilayer Ceramic Chip Capacitors for Automotive High Frequency Applications
01-Jan-2023
VJ0402 VISHAY-VJ0402_11 Datasheet
136Kb / 14P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 14-Jul-11
VJ1206A471KXEAT VISHAY-VJ1206A471KXEAT Datasheet
149Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 15-May-12
VJ1206Y104KXBAT VISHAY-VJ1206Y104KXBAT Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 06-May-13
VJ1210A103JXAAT VISHAY-VJ1210A103JXAAT Datasheet
78Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 23-Sep-09
VJ0402A1R0BXAAC VISHAY-VJ0402A1R0BXAAC Datasheet
149Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 15-May-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com