Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V-430P305X9200 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # V-430P305X9200
Description  Metallized Polyester Film Capacitors, Wrap-and-Fill
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

V-430P305X9200 Datasheet(HTML) 1 Page - Vishay Siliconix

  V-430P305X9200 Datasheet HTML 1Page - Vishay Siliconix V-430P305X9200 Datasheet HTML 2Page - Vishay Siliconix V-430P305X9200 Datasheet HTML 3Page - Vishay Siliconix V-430P305X9200 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Document Number: 42091
For technical questions, contact: spresale@vishay.com
www.vishay.com
Revision: 12-Mar-09
25
Metallized Polyester Film Capacitors, Wrap-and-Fill
V-430 P
Vishay Sprague
FEATURES
• Economical
• Extensive standard ratings
• Rugged construction
• Small size
• Compliant to RoHS directive 2002/95/EC
PERFORMANCE CHARACTERISTICS
Operating Temperature: - 55 °C to + 85 °C
Capacitance Range: 0.0047 µF to 10.0 µF
Capactiance Tolerance: ± 20 %, ± 10 %, ± 5 %
DC Voltage Rating: 50 WVDC to 600 WVDC
Dissipation Factor: 1.0 % maximum
Voltage Test: 200 % of rated voltage for 2 min
Insulation Resistance:
At + 25 °C: 25 000 M
Ω/µF or 50 000 MΩ minimum
At + 85 °C: 1000 M
Ω/µF or 2500 MΩ minimum
Vibration Test (Condition B):
No mechanical damage, short, open or intermittent circuits.
DC Life Test: 125 % of rated voltage for 250 h at + 85 °C.
No
open
or
short
circuits.
No
visible
damage.
Maximum
Δ CAP = ± 10 %
Minimum IR = 50 % of initial limit
Maximum DF = 1.25 %
Humidity Test: 95 % relative humidity at + 40 °C for 250 h.
No visible damage.
Maximum
Δ CAP ± 10 %
Minimum IR = 20 % of initial limit
Maximum DF = 2.0 %
PHYSICAL CHARACTERISTICS
Lead Pull: 5 lb (2.3 kg) for one min. No physical damage.
Lead Bend: After three complete consecutive bends, no
damage.
Marking: Sprague® trademark, type or part number,
capacitance and voltage.
Note
(1) Lead size: D Max. < 0.270 [6.86] 0.025 [0.64] (No. 22 AWG). D Max
≥ 0.270 [6.86] 0.032 [0.81] (No. 20 AWG).
Leads to be within ± 0.062" [1.57 mm] of center line at egress but not less than 0.031" [0.79 mm] from edge.
DIMENSIONS in inches (millimeters)
D
Max.
Solid Tinned Wire
(1)
L
+ 0.062 [1.57]
- 0.031 [0.79]
1.750 [44.45]
Min.
1.750 [44.45]
Min.
STANDARD RATINGS in inches [millimeters]
CAPACITANCE
(µF)
PART NUMBER
CASE SIZE
LEAD
AWG NO.
± 10 % TOLERANCE
± 5 % TOLERANCE
D
L
50 WVDC
0.12
V-430P124X9050
V-430P124X5050
0.196 [4.98]
0.625 [15.88]
22
0.15
V-430P154X9050
V-430P154X5050
0.210 [5.33]
0.625 [15.88]
22
0.18
V-430P184X9050
V-430P184X5050
0.223 [5.66]
0.625 [15.88]
22
0.22
V-430P224X9050
V-430P224X5050
0.240 [6.10]
0.625 [15.88]
22
0.27
V-430P274X9050
V-430P274X5050
0.258 [6.55]
0.625 [15.88]
22
0.33
V-430P334X9050
V-430P334X5050
0.279 [7.09]
0.625 [15.88]
20
0.39
V-430P394X9050
V-430P394X5050
0.250 [6.35]
0.750 [19.05]
22
0.47
V-430P474X9050
V-430P474X5050
0.269 [6.83]
0.750 [19.05]
22
0.56
V-430P564X9050
V-430P564X5050
0.288 [7.32]
0.750 [19.05]
20
0.68
V-430P684X9050
V-430P684X5050
0.311 [7.90]
0.750 [19.05]
20
0.82
V-430P824X9050
V-430P824X5050
0.270 [6.86]
1.000 [25.40]
20


Similar Part No. - V-430P305X9200

ManufacturerPart #DatasheetDescription
logo
Okaya Electric America,...
V-431BUZ-2 OKAYA-V-431BUZ-2 Datasheet
213Kb / 1P
   SURGE PROTECTOR
More results

Similar Description - V-430P305X9200

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
430P VISHAY-430P Datasheet
47Kb / 3P
   Metalized Polyester Film Capacitors Wrap-and-Fill
Revision 13-Nov-03
730P224X9100 VISHAY-730P224X9100 Datasheet
81Kb / 4P
   Film Capacitors High Frequency, Wrap-and-Fill, Metallized Polypropylene
Revision: 07-Feb-07
V-730P VISHAY-V-730P Datasheet
173Kb / 4P
   Film Capacitors High Frequency, Wrap-and-Fill, Metallized Polypropylene
Revision: 16-Nov-07
logo
Surge Components
SAM SURGE-SAM Datasheet
134Kb / 1P
   WRAP AND FILL, NON-INDUCTIVE, METALLIZED FILM
logo
Vishay Siliconix
V-735P VISHAY-V-735P Datasheet
77Kb / 3P
   Film Capacitors, High Current, Wrap-and-Fill, Metallized Polypropylene
Revision: 12-Mar-09
logo
Surge Components
SAMR SURGE-SAMR Datasheet
142Kb / 1P
   WRAP AND FILL, NON-INDUCTIVE, METALLIZED FILM CAPACITORS, AXIAL LEAD
SAPR SURGE-SAPR Datasheet
131Kb / 1P
   WRAP AND FILL, NON-INDUCTIVE, METALLIZED FILM CAPACITORS, AXIAL LEAD
SMPT SURGE-SMPT Datasheet
165Kb / 1P
   WRAP AND FILL, NON-INDUCTIVE, METALLIZED POLYPROPYLENE FILM CAPACITORS, AXIAL LEAD
logo
Vishay Siliconix
632P VISHAY-632P Datasheet
50Kb / 5P
   Film Capacitors Metalized Polycarbonate, Wrap-and-Fill
Revision 04-Dec-03
732P VISHAY-732P Datasheet
40Kb / 1P
   Film Capacitors Metalized Polypropylene, Wrap-and-Fill
Revision 17-Nov-03
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com