Part Name
         Description
V-430P505X5100

 Metallized Polyester Film Capacitors, Wrap-and-Fill ( 4 Page)


VISHAY
100% 
Zoom Out Zoom In
   
 3 page
background image
Document Number: 42091
For technical questions, contact: spresale@vishay.com
www.vishay.com
Revision: 12-Mar-09
27
V-430 P
Metallized Polyester Film Capacitors, Wrap-and-Fill
Vishay Sprague
Note
• Other capacitance values and voltage ratings are available upon request
STANDARD RATINGS in inches [millimeters]
CAPACITANCE
(µF)
PART NUMBER
CASE SIZE
LEAD
AWG NO.
± 10 % TOLERANCE
± 5 % TOLERANCE
D
L
400 WVDC
0.015
V-430P153X9400
V-430P153X5400
0.186 [4.72]
0.625 [15.88]
22
0.018
V-430P183X9400
V-430P183X5400
0.197 [5.00]
0.625 [15.88]
22
0.022
V-430P223X9400
V-430P223X5400
0.210 [5.33]
0.625 [15.88]
22
0.027
V-430P273X9400
V-430P273X5400
0.224 [5.69]
0.625 [15.88]
22
0.033
V-430P333X9400
V-430P333X5400
0.241 [6.12]
0.625 [15.88]
22
0.039
V-430P393X9400
V-430P393X5400
0.256 [6.50]
0.625 [15.88]
22
0.047
V-430P473X9400
V-430P473X5400
0.275 [6.99]
0.625 [15.88]
20
0.056
V-430P563X9400
V-430P563X5400
0.248 [6.30]
0.750 [19.05]
22
0.068
V-430P683X9400
V-430P683X5400
0.266 [6.76]
0.750 [19.05]
22
0.082
V-430P823X9400
V-430P823X5400
0.286 [7.26]
0.750 [19.05]
20
0.10
V-430P104X9400
V-430P104X5400
0.310 [7.87]
0.750 [19.05]
20
0.12
V-430P124X9400
V-430P124X5400
0.268 [6.81]
1.000 [25.40]
22
0.15
V-430P154X9400
V-430P154X5400
0.293 [7.44]
1.000 [25.40]
20
0.18
V-430P184X9400
V-430P184X5400
0.315 [8.00]
1.000 [25.40]
20
0.22
V-430P224X9400
V-430P224X5400
0.342 [8.69]
1.000 [25.40]
20
0.27
V-430P274X9400
V-430P274X5400
0.322 [8.18]
1.250 [31.75]
20
0.33
V-430P334X9400
V-430P334X5400
0.350 [8.89]
1.250 [31.75]
20
0.39
V-430P394X9400
V-430P394X5400
0.337 [8.56]
1.500 [38.10]
20
0.47
V-430P474X9400
V-430P474X5400
0.364 [9.25]
1.500 [38.10]
20
0.56
V-430P564X9400
V-430P564X5400
0.393 [9.98]
1.500 [38.10]
20
0.68
V-430P684X9400
V-430P684X5400
0.402 [10.21]
1.750 [44.45]
20
0.82
V-430P824X9400
V-430P824X5400
0.434 [11.02]
1.750 [44.45]
20
1.0
V-430P105X9400
V-430P105X5400
0.472 [11.99]
1.750 [44.45]
20
1.5
V-430P155X9400
V-430P155X5400
0.563 [14.30]
1.750 [44.45]
20
2.0
V-430P205X9400
V-430P205X5400
0.640 [16.26]
1.750 [44.45]
20
600 WVDC
0.0047
V-430P472X9600
V-430P472X5600
0.187 [4.75]
0.625 [15.88]
22
0.0056
V-430P562X9600
V-430P562X5600
0.197 [5.00]
0.625 [15.88]
22
0.0068
V-430P682X9600
V-430P682X5600
0.209 [5.31]
0.625 [15.88]
22
0.0082
V-430P822X9600
V-430P822X5600
0.223 [5.66]
0.625 [15.88]
22
0.01
V-430P103X9600
V-430P103X5600
0.239 [6.07]
0.625 [15.88]
22
0.012
V-430P123X9600
V-430P123X5600
0.255 [6.48]
0.625 [15.88]
22
0.015
V-430P153X9600
V-430P153X5600
0.224 [5.69]
0.750 [19.05]
22
0.018
V-430P183X9600
V-430P183X5600
0.239 [6.07]
0.750 [19.05]
22
0.022
V-430P223X9600
V-430P223X5600
0.257 [6.53]
0.750 [19.05]
22
0.027
V-430P273X9600
V-430P273X5600
0.278 [7.06]
0.750 [19.05]
20
0.033
V-430P333X9600
V-430P333X5600
0.300 [7.62]
0.750 [19.05]
20
0.039
V-430P393X9600
V-430P393X5600
0.251 [6.38]
1.000 [25.40]
22
0.047
V-430P473X9600
V-430P473X5600
0.269 [6.83]
1.000 [25.40]
22
0.056
V-430P563X9600
V-430P563X5600
0.288 [7.32]
1.000 [25.40]
20
0.068
V-430P683X9600
V-430P683X5600
0.311 [7.90]
1.000 [25.40]
20
0.082
V-430P823X9600
V-430P823X5600
0.336 [8.53]
1.000 [25.40]
20
0.10
V-430P104X9600
V-430P104X5600
0.365 [9.27]
1.000 [25.40]
20
0.12
V-430P124X9600
V-430P124X5600
0.335 [8.51]
1.250 [31.75]
20
0.15
V-430P154X9600
V-430P154X5600
0.368 [9.35]
1.250 [31.75]
20
0.18
V-430P184X9600
V-430P184X5600
0.354 [8.99]
1.500 [38.10]
20
0.22
V-430P224X9600
V-430P224X5600
0.385 [9.78]
1.500 [38.10]
20
0.27
V-430P274X9600
V-430P274X5600
0.421 [10.69]
1.500 [38.10]
20
0.33
V-430P334X9600
V-430P334X5600
0.428 [10.87]
1.750 [44.45]
20
0.39
V-430P394X9600
V-430P394X5600
0.459 [11.66]
1.750 [44.45]
20
0.47
V-430P474X9600
V-430P474X5600
0.497 [12.62]
1.750 [44.45]
20
0.56
V-430P564X9600
V-430P564X5600
0.537 [13.64]
1.750 [44.45]
20
0.68
V-430P684X9600
V-430P684X5600
0.585 [14.86]
1.750 [44.45]
20
ORDERING INFORMATION
V-430P
124
X9
050
TYPE
CAPACITANCE
CAPACITANCE TOLERANCE
DC VOLTAGE RATING
This is expressed in picofarads. The first two digits
are the significant figures. The third is the number of
zeros to follow. Values must conform to the decade
rating for the tolerance specified.
X0 = ± 20 %
X9 = ± 10 %
X5 = ± 5 %
This is expressed in volts. To complete
the three-digit block, zeros precede the
voltage rating.



Html Pages

1  2  3  4 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl