Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VESD09A4A-HS4 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # VESD09A4A-HS4
Description  4-Line (Quad) ESD Protection Diode Array in LLP1010-6L
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VESD09A4A-HS4 Datasheet(HTML) 5 Page - Vishay Siliconix

  VESD09A4A-HS4 Datasheet HTML 1Page - Vishay Siliconix VESD09A4A-HS4 Datasheet HTML 2Page - Vishay Siliconix VESD09A4A-HS4 Datasheet HTML 3Page - Vishay Siliconix VESD09A4A-HS4 Datasheet HTML 4Page - Vishay Siliconix VESD09A4A-HS4 Datasheet HTML 5Page - Vishay Siliconix VESD09A4A-HS4 Datasheet HTML 6Page - Vishay Siliconix VESD09A4A-HS4 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
VESD09A4A-HS4
Document Number 81803
Rev. 1.4, 02-Mar-10
Vishay Semiconductors
www.vishay.com
5
For technical support, please contact: ESDprotection@vishay.com
Figure 7. Typical Clamping Performance at + 8 kV
Contact Discharge (acc. IEC 61000-4-2)
Figure 8. Typical Clamping Performance at - 8 kV
Contact Discharge (acc. IEC 61000-4-2)
Figure 9. Typical Peak Clamping Voltage at ESD Contact
Discharge (acc. IEC 61000-4-2)
- 20
0
20
40
60
80
100
120
- 10 0
10 20 30 40 50 60 70 8090
acc. IEC 61000-4-2
+ 8 kV
contact discharge
t (ns)
20939
- 70
- 60
- 50
- 40
- 30
- 20
- 10
0
10
20
30
- 10 0
10203040506070 8090
acc. IEC 61000-4-2
- 8 kV
contact discharge
t (ns)
20940
- 80
- 60
- 40
- 20
0
20
40
60
80
100
120
0
2000
4000
6000
8000
10000
V
ESD (kV)
20941
acc. IEC 61000-4-2 contact discharge
V
C-ESD
positive discharge
negative discharge


Similar Part No. - VESD09A4A-HS4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VESD09A4A-HSF VISHAY-VESD09A4A-HSF Datasheet
146Kb / 7P
   4-Line (Quad) ESD Protection Diode Array in LLP75-6L
Rev. 1.5, 16-Jul-15
VESD09A4A-HSF VISHAY-VESD09A4A-HSF Datasheet
159Kb / 7P
   4-Line (Quad) ESD Protection Diode Array in LLP75-6LS
01-Jan-2022
VESD09A4A-HSF-GS08 VISHAY-VESD09A4A-HSF-GS08 Datasheet
159Kb / 7P
   4-Line (Quad) ESD Protection Diode Array in LLP75-6LS
01-Jan-2022
VESD09A4A-HSF VISHAY-VESD09A4A-HSF_V01 Datasheet
159Kb / 7P
   4-Line (Quad) ESD Protection Diode Array in LLP75-6LS
01-Jan-2022
More results

Similar Description - VESD09A4A-HS4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VESD05A4A-HS4 VISHAY-VESD05A4A-HS4 Datasheet
167Kb / 8P
   4-Line (Quad) ESD Protection Diode Array in LLP1010-6L
Rev. 1.4, 02-Mar-10
VESD09A4A-HSF VISHAY-VESD09A4A-HSF Datasheet
146Kb / 7P
   4-Line (Quad) ESD Protection Diode Array in LLP75-6L
Rev. 1.5, 16-Jul-15
GMF05LC-HSF VISHAY-GMF05LC-HSF Datasheet
173Kb / 7P
   5-Line ESD Protection Diode Array in LLP75-6L
Rev. 1.5, 27-Apr-17
GMF05CHS-HSF VISHAY-GMF05CHS-HSF Datasheet
175Kb / 7P
   5-Line ESD Protection Diode Array in LLP75-6L
Rev. 1.8, 04-Jan-2019
GMF05C-HSF VISHAY-GMF05C-HSF Datasheet
169Kb / 7P
   5-Line ESD Protection Diode Array in LLP75-6L
Rev. 1.7, 02-May-17
GMF05LC-HSF VISHAY-GMF05LC-HSF_V01 Datasheet
180Kb / 7P
   5-Line ESD Protection Diode Array in LLP75-6L
01-Jan-2022
GMF05C-HSF VISHAY-GMF05C-HSF_V01 Datasheet
175Kb / 7P
   5-Line ESD Protection Diode Array in LLP75-6L
01-Jan-2022
GMF05LCH-HSF VISHAY-GMF05LCH-HSF Datasheet
179Kb / 7P
   5-Line ESD Protection Diode Array in LLP75-6L
Rev. 1.6, 04-Jan-2019
VESD09A4A-HSF VISHAY-VESD09A4A-HSF_V01 Datasheet
159Kb / 7P
   4-Line (Quad) ESD Protection Diode Array in LLP75-6LS
01-Jan-2022
logo
Union Semiconductor, In...
UESD16V8S4C UNIONSEMI-UESD16V8S4C_16 Datasheet
163Kb / 6P
   Quad Line 12V ESD Protection Diode Array
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com