Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VESD12-02V Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VESD12-02V
Description  Single ESD-Protection Diode in SOD-523
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VESD12-02V Datasheet(HTML) 2 Page - Vishay Siliconix

  VESD12-02V Datasheet HTML 1Page - Vishay Siliconix VESD12-02V Datasheet HTML 2Page - Vishay Siliconix VESD12-02V Datasheet HTML 3Page - Vishay Siliconix VESD12-02V Datasheet HTML 4Page - Vishay Siliconix VESD12-02V Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
VESDxx-02V
Vishay Semiconductors
Single ESD-Protection Diode in
SOD-523
Document Number: 83367
For technical questions, contact: ESDprotection@vishay.com
www.vishay.com
Rev. 1.0, 08-Nov-10
2
ABSOLUTE MAXIMUM RATINGS VESD01-02V
PARAMETER
TEST CONDITIONS
SYMBOL
VALUE
UNIT
Peak pulse current
acc. IEC 61000-4-5, 8/20 µs/single shot
IPPM
7A
Peak pulse power
acc. IEC 61000-4-5, 8/20 µs/single shot
PPP
63
W
ESD immunity
Contact discharge acc. IEC 61000-4-2; 10 pulses
VESD
± 8
kV
Air discharge acc. IEC 61000-4-2; 10 pulses
± 15
kV
Operating temperature
Junction temperature
TJ
- 40 to + 125
°C
Storage temperature
Tstg
- 55 to + 150
°C
ABSOLUTE MAXIMUM RATINGS VESD03-02V
PARAMETER
TEST CONDITIONS
SYMBOL
VALUE
UNIT
Peak pulse current
acc. IEC 61000-4-5, 8/20 µs/single shot
IPPM
9A
Peak pulse power
acc. IEC 61000-4-5, 8/20 µs/single shot
PPP
108
W
ESD immunity
Contact discharge acc. IEC 61000-4-2; 10 pulses
VESD
± 8
kV
Air discharge acc. IEC 61000-4-2; 10 pulses
± 15
kV
Operating temperature
Junction temperature
TJ
- 40 to + 125
°C
Storage temperature
Tstg
- 55 to + 150
°C
ABSOLUTE MAXIMUM RATINGS VESD05-02V
PARAMETER
TEST CONDITIONS
SYMBOL
VALUE
UNIT
Peak pulse current
acc. IEC 61000-4-5, 8/20 µs/single shot
IPPM
6A
Peak pulse power
acc. IEC 61000-4-5, 8/20 µs/single shot
PPP
120
W
ESD immunity
Contact discharge acc. IEC 61000-4-2; 10 pulses
VESD
± 8
kV
Air discharge acc. IEC 61000-4-2; 10 pulses
± 15
kV
Operating temperature
Junction temperature
TJ
- 40 to + 125
°C
Storage temperature
Tstg
- 55 to + 150
°C
ABSOLUTE MAXIMUM RATINGS VESD08-02V
PARAMETER
TEST CONDITIONS
SYMBOL
VALUE
UNIT
Peak pulse current
acc. IEC 61000-4-5, 8/20 µs/single shot
IPPM
4A
Peak pulse power
acc. IEC 61000-4-5, 8/20 µs/single shot
PPP
120
W
ESD immunity
Contact discharge acc. IEC 61000-4-2; 10 pulses
VESD
± 8
kV
Air discharge acc. IEC 61000-4-2; 10 pulses
± 15
kV
Operating temperature
Junction temperature
TJ
- 40 to + 125
°C
Storage temperature
Tstg
- 55 to + 150
°C
ABSOLUTE MAXIMUM RATINGS VESD12-02V
PARAMETER
TEST CONDITIONS
SYMBOL
VALUE
UNIT
Peak pulse current
acc. IEC 61000-4-5, 8/20 µs/single shot
IPPM
2A
Peak pulse power
acc. IEC 61000-4-5, 8/20 µs/single shot
PPP
25
W
ESD immunity
Contact discharge acc. IEC 61000-4-2; 10 pulses
VESD
± 8
kV
Air discharge acc. IEC 61000-4-2; 10 pulses
± 15
kV
Operating temperature
Junction temperature
TJ
- 40 to + 125
°C
Storage temperature
Tstg
- 55 to + 150
°C


Similar Part No. - VESD12-02V

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VESD12-02V VISHAY-VESD12-02V Datasheet
383Kb / 5P
   Single ESD Protection Diode in SOD523
Rev. 1.3, 11-Dec-06
VESD12-02V VISHAY-VESD12-02V Datasheet
84Kb / 5P
   Single ESD-Protection Diode in SOD-523
Rev. 1.1, 20-Jun-12
More results

Similar Description - VESD12-02V

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VESD05A1B-02V VISHAY-VESD05A1B-02V Datasheet
63Kb / 4P
   Single ESD-Protection Diode in SOD-523
Rev. 1.0, 08-Nov-10
VESDXX-02V VISHAY-VESDXX-02V Datasheet
84Kb / 5P
   Single ESD-Protection Diode in SOD-523
Rev. 1.1, 20-Jun-12
VESD05A1B-02V-GS08 VISHAY-VESD05A1B-02V-GS08 Datasheet
63Kb / 4P
   Single ESD-Protection Diode in SOD-523
Rev. 1.0, 08-Nov-10
VESD05B1-02V VISHAY-VESD05B1-02V Datasheet
112Kb / 6P
   Single ESD-Protection Diode in SOD-523
Rev. 1.2, 05-Aug-2020
VESD05A1-02V VISHAY-VESD05A1-02V_V01 Datasheet
107Kb / 6P
   Single ESD-Protection Diode in SOD-523
01-Jan-2019
VESD05B1-02V VISHAY-VESD05B1-02V_V01 Datasheet
113Kb / 6P
   Single ESD-Protection Diode in SOD-523
01-Jan-2022
VESD05A1-02V VISHAY-VESD05A1-02V_V02 Datasheet
118Kb / 6P
   Single ESD-Protection Diode in SOD-523
01-Jan-2022
VESD01C1-02V VISHAY-VESD01C1-02V Datasheet
137Kb / 10P
   Single-Line ESD-Protection Diode in SOD-523
Rev. 1.3, 05-Aug-2020
VESD01C1-02V VISHAY-VESD01C1-02V_V01 Datasheet
134Kb / 10P
   Single-Line ESD-Protection Diode in SOD-523
01-Jan-2022
VBUS05M1-02V VISHAY-VBUS05M1-02V Datasheet
107Kb / 6P
   Low Capacitance Single Line ESD-Protection Diode in SOD-523
Rev. 1.2, 02-Dec-2020
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com