Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VESD05A4A-HS4-GS08 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VESD05A4A-HS4-GS08
Description  4-Line (Quad) ESD Protection Diode Array in LLP1010-6L
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VESD05A4A-HS4-GS08 Datasheet(HTML) 1 Page - Vishay Siliconix

  VESD05A4A-HS4-GS08 Datasheet HTML 1Page - Vishay Siliconix VESD05A4A-HS4-GS08 Datasheet HTML 2Page - Vishay Siliconix VESD05A4A-HS4-GS08 Datasheet HTML 3Page - Vishay Siliconix VESD05A4A-HS4-GS08 Datasheet HTML 4Page - Vishay Siliconix VESD05A4A-HS4-GS08 Datasheet HTML 5Page - Vishay Siliconix VESD05A4A-HS4-GS08 Datasheet HTML 6Page - Vishay Siliconix VESD05A4A-HS4-GS08 Datasheet HTML 7Page - Vishay Siliconix VESD05A4A-HS4-GS08 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
VESD05A4A-HS4
Document Number 81786
Rev. 1.4, 02-Mar-10
Vishay Semiconductors
www.vishay.com
1
20896
20897
1
5
4
2
3
6
For technical support, please contact: ESDprotection@vishay.com
4-Line (Quad) ESD Protection Diode Array in LLP1010-6L
Features
• Ultra compact LLP1010-6L package
• Low package height < 0.4 mm
• 4-line ESD protection (quad)
• Low leakage current < 0.1 µA
• Low load capacitance CD = 12 pF
• ESD-protection acc. IEC 61000-4-2
± 15 kV contact discharge
± 17 kV air discharge
• Surge current acc. IEC 6100-4-5 IPP > 2.5 A
• Soldering can be checked by standard vision
inspection. No X-ray necessary
• Pin plating NiPdAu (e4) no whisker growth
• Compliant to RoHS directive 2002/95/EC and in
accordance to WEEE 2002/96/EC
Marking (example only)
Dot = Pin 1 marking
X = Date code
Y = Type code (see table below)
Ordering Information
Package Data
** Please see document “Vishay Material Category Policy”: www.vishay.com/doc?99902
20932
XY
Device name
Ordering code
Taped units per reel
(8 mm tape on 7" reel)
Minimum order quantity
VESD05A4A-HS4
VESD05A4A-HS4-GS08
5000
5000
Device name
Package
name
Type
code
Weight
Molding
compound
flammability rating
Moisture sensitivity level
Soldering conditions
VESD05A4A-HS4 LLP1010-6L
A
1.07 mg
UL 94 V-0
MSL level 1
(according J-STD-020)
260 °C/10 s at terminals


Similar Part No. - VESD05A4A-HS4-GS08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VESD05A1-02V VISHAY-VESD05A1-02V Datasheet
125Kb / 6P
   ESD Protection Diode in SOD523
Rev. 1.0, 04-Apr-05
VESD05A1-02V VISHAY-VESD05A1-02V Datasheet
120Kb / 7P
   ESD-Protection Diode in SOD523
Rev. 1.3, 27-Oct-08
VESD05A1-02V VISHAY-VESD05A1-02V Datasheet
107Kb / 6P
   Single ESD-Protection Diode in SOD-523
01-Jan-2019
VESD05A1-02V VISHAY-VESD05A1-02V Datasheet
118Kb / 6P
   Single ESD-Protection Diode in SOD-523
01-Jan-2022
VESD05A1-02V-G3-08 VISHAY-VESD05A1-02V-G3-08 Datasheet
118Kb / 6P
   Single ESD-Protection Diode in SOD-523
01-Jan-2022
More results

Similar Description - VESD05A4A-HS4-GS08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VESD09A4A-HS4 VISHAY-VESD09A4A-HS4 Datasheet
128Kb / 7P
   4-Line (Quad) ESD Protection Diode Array in LLP1010-6L
Rev. 1.4, 02-Mar-10
VESD09A4A-HSF VISHAY-VESD09A4A-HSF Datasheet
146Kb / 7P
   4-Line (Quad) ESD Protection Diode Array in LLP75-6L
Rev. 1.5, 16-Jul-15
GMF05LC-HSF VISHAY-GMF05LC-HSF Datasheet
173Kb / 7P
   5-Line ESD Protection Diode Array in LLP75-6L
Rev. 1.5, 27-Apr-17
GMF05CHS-HSF VISHAY-GMF05CHS-HSF Datasheet
175Kb / 7P
   5-Line ESD Protection Diode Array in LLP75-6L
Rev. 1.8, 04-Jan-2019
GMF05C-HSF VISHAY-GMF05C-HSF Datasheet
169Kb / 7P
   5-Line ESD Protection Diode Array in LLP75-6L
Rev. 1.7, 02-May-17
GMF05LC-HSF VISHAY-GMF05LC-HSF_V01 Datasheet
180Kb / 7P
   5-Line ESD Protection Diode Array in LLP75-6L
01-Jan-2022
GMF05C-HSF VISHAY-GMF05C-HSF_V01 Datasheet
175Kb / 7P
   5-Line ESD Protection Diode Array in LLP75-6L
01-Jan-2022
GMF05LCH-HSF VISHAY-GMF05LCH-HSF Datasheet
179Kb / 7P
   5-Line ESD Protection Diode Array in LLP75-6L
Rev. 1.6, 04-Jan-2019
VESD09A4A-HSF VISHAY-VESD09A4A-HSF_V01 Datasheet
159Kb / 7P
   4-Line (Quad) ESD Protection Diode Array in LLP75-6LS
01-Jan-2022
logo
Union Semiconductor, In...
UESD16V8S4C UNIONSEMI-UESD16V8S4C_16 Datasheet
163Kb / 6P
   Quad Line 12V ESD Protection Diode Array
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com