Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VEMI45LA-HNH Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VEMI45LA-HNH
Description  s4-Channel EMI-Filter with ESD-Protection
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VEMI45LA-HNH Datasheet(HTML) 1 Page - Vishay Siliconix

  VEMI45LA-HNH Datasheet HTML 1Page - Vishay Siliconix VEMI45LA-HNH Datasheet HTML 2Page - Vishay Siliconix VEMI45LA-HNH Datasheet HTML 3Page - Vishay Siliconix VEMI45LA-HNH Datasheet HTML 4Page - Vishay Siliconix VEMI45LA-HNH Datasheet HTML 5Page - Vishay Siliconix VEMI45LA-HNH Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Document Number: 81944
For technical questions, contact: EMIFilter@vishay.com
www.vishay.com
Rev. 1.2, 18-May-10
1
4-Channel EMI-Filter with ESD-Protection
VEMI45LA-HNH
Vishay Semiconductors
MARKING (example only)
Dot = pin 1 marking
Y = type code (see table below)
XX = date code
FEATURES
• Ultra compact LLP1713-9L package
• Low package profile of 0.6 mm
• 4-channel EMI-filter
• Low leakage current
• Line inductance LS = 10 nH
• Low line resistance RS = 12 Ω
• Typical cut off frequency f3dB = 150 MHz
• ESD-protection acc. IEC 61000-4-2
± 25 kV contact discharge
± 25 kV air discharge
• e4 - precious metal (e.g. Ag, Au, NiPd, NiPdAu) (no Sn)
• Compliant
to
RoHS
directive
2002/95/EC
and
in
accordance to WEEE 2002/96/EC
20383
1
23
4
8
7
6
5
9
20522
YXX
20719
ORDERING INFORMATION
DEVICE NAME
ORDERING CODE
TAPED UNITS PER REEL
(8 mm TAPE ON 7" REEL)
MINIMUM ORDER QUANTITY
VEMI45LA-HNH
VEMI45LA-HNH-GS08
3000
15 000
PACKAGE DATA
DEVICE NAME
PACKAGE
NAME
TYPE
CODE
WEIGHT
MOLDING COMPOUND
FLAMMABILITY RATING
MOISTURE
SENSITIVITY LEVEL
SOLDERING
CONDITIONS
VEMI45LA-HNH
LLP1713-9L
H
3.7 mg
UL 94 V-0
MSL level 1
(according J-STD-020)
260 °C/10 s at terminals
ABSOLUTE MAXIMUM RATINGS
PARAMETER
TEST CONDITIONS
SYMBOL
VALUE
UNIT
Peak pulse current
All I/O pin to pin 9; acc. IEC 61000-4-5;
tp = 8/20 μs; single shot
IPPM
4A
ESD immunity
Contact discharge acc. IEC61000-4-2; 10 pulses
VESD
± 25
kV
Air discharge acc. IEC61000-4-2; 10 pulses
± 25
Operating temperature
Junction temperature
TJ
- 40 to + 125
°C
Storage temperature
TSTG
- 55 to + 150
°C
** Please see document “Vishay Material Category Policy”: www.vishay.com/doc?99902


Similar Part No. - VEMI45LA-HNH

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VEMI45AA-HNH VISHAY-VEMI45AA-HNH Datasheet
100Kb / 6P
   4-Channel EMI-Filter with ESD-Protection
Rev. 1.7, 18-May-10
VEMI45AA-HNH VISHAY-VEMI45AA-HNH Datasheet
119Kb / 6P
   4-Channel EMI-Filter with ESD-Protection
01-Jan-2022
VEMI45AA-HNH-GS08 VISHAY-VEMI45AA-HNH-GS08 Datasheet
100Kb / 6P
   4-Channel EMI-Filter with ESD-Protection
Rev. 1.7, 18-May-10
VEMI45AA-HNH VISHAY-VEMI45AA-HNH_V01 Datasheet
119Kb / 6P
   4-Channel EMI-Filter with ESD-Protection
01-Jan-2022
VEMI45AB-HNH VISHAY-VEMI45AB-HNH Datasheet
111Kb / 6P
   4-Channel EMI-Filter with ESD-Protection
Rev. 1.5, 18-May-10
More results

Similar Description - VEMI45LA-HNH

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VEMI65AC-HCI-GS08 VISHAY-VEMI65AC-HCI-GS08 Datasheet
110Kb / 6P
   6-Channel EMI-Filter with ESD-Protection
Rev. 1.7, 08-Aug-12
VEMI353A-HAF VISHAY-VEMI353A-HAF Datasheet
106Kb / 6P
   3-Channel EMI-Filter with ESD-Protection
Rev. 1.0, 21-Apr-10
VEMI45AB-HNH VISHAY-VEMI45AB-HNH_V01 Datasheet
118Kb / 6P
   4-Channel EMI-Filter with ESD-Protection
01-Jan-2022
VEMI85AA-HGK VISHAY-VEMI85AA-HGK_V01 Datasheet
122Kb / 6P
   8-Channel EMI-Filter with ESD-Protection
01-Jan-2022
VEMI85AC-HGK VISHAY-VEMI85AC-HGK_V01 Datasheet
122Kb / 6P
   8-Channel EMI-Filter with ESD-Protection
01-Jan-2022
VEMI255A-HS3 VISHAY-VEMI255A-HS3 Datasheet
441Kb / 7P
   2-channel EMI Filter with ESD-Protection
Rev. 1.2, 15-Aug-05
logo
California Micro Device...
CM1484 CALMIRCO-CM1484 Datasheet
227Kb / 5P
   Dual Channel EMI Filter with ESD Protection
logo
Vishay Siliconix
VEMI353A-HA3 VISHAY-VEMI353A-HA3 Datasheet
91Kb / 6P
   3-Channel EMI-Filter with ESD-Protection
Rev. 1.5, 14-Sep-09
logo
ON Semiconductor
CM1484 ONSEMI-CM1484 Datasheet
235Kb / 7P
   Dual Channel EMI Filter with ESD Protection
May 2010 ??Rev. 0
logo
Vishay Siliconix
VEMI45AA-HNH VISHAY-VEMI45AA-HNH Datasheet
100Kb / 6P
   4-Channel EMI-Filter with ESD-Protection
Rev. 1.7, 18-May-10
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com