Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V-430P184X9100 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # V-430P184X9100
Description  Metallized Polyester Film Capacitors, Wrap-and-Fill
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

V-430P184X9100 Datasheet(HTML) 2 Page - Vishay Siliconix

  V-430P184X9100 Datasheet HTML 1Page - Vishay Siliconix V-430P184X9100 Datasheet HTML 2Page - Vishay Siliconix V-430P184X9100 Datasheet HTML 3Page - Vishay Siliconix V-430P184X9100 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
V-430 P
Vishay Sprague
Metallized Polyester Film Capacitors, Wrap-and-Fill
www.vishay.com
For technical questions, contact: spresale@vishay.com
Document Number: 42091
26
Revision: 12-Mar-09
Note
• Other capacitance values and voltage ratings are available upon request
STANDARD RATINGS in inches [millimeters]
CAPACITANCE
(µF)
PART NUMBER
CASE SIZE
LEAD
AWG NO.
± 10 % TOLERANCE
± 5 % TOLERANCE
D
L
50 WVDC
1.0
V-430P105X9050
V-430P105X5050
0.291 [7.39]
1.000 [25.40]
20
1.5
V-430P155X9050
V-430P155X5050
0.344 [8.74]
1.000 [25.40]
20
2.0
V-430P205X9050
V-430P205X5050
0.400 [10.16]
1.000 [25.40]
20
2.5
V-430P255X9050
V-430P255X5050
0.438 [11.13]
1.000 [25.40]
20
3.0
V-430P305X9050
V-430P305X5050
0.398 [10.11]
1.250 [31.75]
20
4.0
V-430P405X9050
V-430P405X5050
0.434 [11.02]
1.500 [38.10]
20
5.0
V-430P505X9050
V-430P505X5050
0.476 [12.09]
1.500 [38.10]
20
6.0
V-430P605X9050
V-430P605X5050
0.515 [13.08]
1.500 [38.10]
20
7.0
V-430P705X9050
V-430P705X5050
0.551 [14.00]
1.500 [38.10]
20
10.0
V-430P106X9050
V-430P106X5050
0.647 [16.43]
1.500 [38.10]
20
100 WVDC
0.082
V-430P823X9100
V-430P823X5100
0.192 [4.88]
0.625 [15.88]
22
0.1
V-430P104X9100
V-430P104X5100
0.204 [5.18]
0.625 [15.88]
22
0.12
V-430P124X9100
V-430P124X5100
0.216 [5.49]
0.625 [15.88]
22
0.15
V-430P154X9100
V-430P154X5100
0.233 [5.92]
0.625 [15.88]
22
0.18
V-430P184X9100
V-430P184X5100
0.213 [5.41]
0.750 [19.05]
22
0.22
V-430P224X9100
V-430P224X5100
0.228 [5.79]
0.750 [19.05]
22
0.27
V-430P274X9100
V-430P274X5100
0.245 [6.22]
0.750 [19.05]
22
0.33
V-430P334X9100
V-430P334X5100
0.264 [6.71]
0.750 [19.05]
22
0.39
V-430P394X9100
V-430P394X5100
0.230 [5.84]
1.000 [25.40]
22
0.47
V-430P474X9100
V-430P474X5100
0.246 [6.25]
1.000 [25.40]
22
0.56
V-430P564X9100
V-430P564X5100
0.262 [6.65]
1.000 [25.40]
22
0.68
V-430P684X9100
V-430P684X5100
0.283 [7.19]
1.000 [25.40]
20
0.82
V-430P824X9100
V-430P824X5100
0.265 [6.73]
1.250 [31.75]
22
1.0
V-430P105X9100
V-430P105X5100
0.286 [7.26]
1.250 [31.75]
20
1.5
V-430P155X9100
V-430P155X5100
0.351 [8.92]
1.250 [31.75]
20
2.0
V-430P205X9100
V-430P205X5100
0.393 [9.98]
1.250 [31.75]
20
2.5
V-430P255X9100
V-430P255X5100
0.430 [10.92]
1.250 [31.75]
20
3.0
V-430P305X9100
V-430P305X5100
0.464 [11.79]
1.250 [31.75]
20
4.0
V-430P405X9100
V-430P405X5100
0.494 [12.55]
1.500 [38.10]
20
5.0
V-430P505X9100
V-430P505X5100
0.544 [13.82]
1.500 [38.10]
20
6.0
V-430P605X9100
V-430P605X5100
0.591 [15.01]
1.500 [38.10]
20
7.0
V-430P705X9100
V-430P705X5100
0.633 [16.08]
1.500 [38.10]
20
10.0
V-430P106X9100
V-430P106X5100
0.678 [17.22]
1.750 [44.45]
20
200 WVDC
0.047
V-430P473X9200
V-430P473X5200
0.200 [5.08]
0.625 [15.88]
22
0.056
V-430P563X9200
V-430P563X5200
0.211 [5.36]
0.625 [15.88]
22
0.068
V-430P683X9200
V-430P683X5200
0.225 [5.72]
0.625 [15.88]
22
0.082
V-430P823X9200
V-430P823X5200
0.240 [6.10]
0.625 [15.88]
22
0.10
V-430P104X9200
V-430P104X5200
0.221 [5.61]
0.750 [19.05]
22
0.12
V-430P124X9200
V-430P124X5200
0.234 [5.94]
0.750 [19.05]
22
0.15
V-430P154X9200
V-430P154X5200
0.254 [6.45]
0.750 [19.05]
22
0.18
V-430P184X9200
V-430P184X5200
0.272 [6.91]
0.750 [19.05]
20
0.22
V-430P224X9200
V-430P224X5200
0.295 [7.49]
0.750 [19.05]
20
0.27
V-430P274X9200
V-430P274X5200
0.258 [6.55]
1.000 [25.40]
22
0.33
V-430P334X9200
V-430P334X5200
0.279 [7.09]
1.000 [25.40]
20
0.39
V-430P394X9200
V-430P394X5200
0.298 [7.57]
1.000 [25.40]
20
0.47
V-430P474X9200
V-430P474X5200
0.321 [8.15]
1.000 [25.40]
20
0.56
V-430P564X9200
V-430P564X5200
0.345 [8.76]
1.000 [25.40]
20
0.68
V-430P684X9200
V-430P684X5200
0.375 [9.53]
1.000 [25.40]
20
0.82
V-430P824X9200
V-430P824X5200
0.350 [8.89]
1.250 [31.75]
20
1.0
V-430P105X9200
V-430P105X5200
0.380 [9.65]
1.250 [31.75]
20
1.5
V-430P155X9200
V-430P155X5200
0.454 [11.53]
1.250 [31.75]
20
2.0
V-430P205X9200
V-430P205X5200
0.469 [11.91]
1.500 [38.10]
20
2.5
V-430P255X9200
V-430P255X5200
0.516 [13.11]
1.500 [38.10]
20
3.0
V-430P305X9200
V-430P305X5200
0.559 [14.20]
1.500 [38.10]
20
4.0
V-430P405X9200
V-430P405X5200
0.580 [14.73]
1.750 [44.45]
20
5.0
V-430P505X9200
V-430P505X5200
0.641 [16.28]
1.750 [44.45]
20


Similar Part No. - V-430P184X9100

ManufacturerPart #DatasheetDescription
logo
Okaya Electric America,...
V-431BUZ-2 OKAYA-V-431BUZ-2 Datasheet
213Kb / 1P
   SURGE PROTECTOR
More results

Similar Description - V-430P184X9100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
430P VISHAY-430P Datasheet
47Kb / 3P
   Metalized Polyester Film Capacitors Wrap-and-Fill
Revision 13-Nov-03
730P224X9100 VISHAY-730P224X9100 Datasheet
81Kb / 4P
   Film Capacitors High Frequency, Wrap-and-Fill, Metallized Polypropylene
Revision: 07-Feb-07
V-730P VISHAY-V-730P Datasheet
173Kb / 4P
   Film Capacitors High Frequency, Wrap-and-Fill, Metallized Polypropylene
Revision: 16-Nov-07
logo
Surge Components
SAM SURGE-SAM Datasheet
134Kb / 1P
   WRAP AND FILL, NON-INDUCTIVE, METALLIZED FILM
logo
Vishay Siliconix
V-735P VISHAY-V-735P Datasheet
77Kb / 3P
   Film Capacitors, High Current, Wrap-and-Fill, Metallized Polypropylene
Revision: 12-Mar-09
logo
Surge Components
SAMR SURGE-SAMR Datasheet
142Kb / 1P
   WRAP AND FILL, NON-INDUCTIVE, METALLIZED FILM CAPACITORS, AXIAL LEAD
SAPR SURGE-SAPR Datasheet
131Kb / 1P
   WRAP AND FILL, NON-INDUCTIVE, METALLIZED FILM CAPACITORS, AXIAL LEAD
SMPT SURGE-SMPT Datasheet
165Kb / 1P
   WRAP AND FILL, NON-INDUCTIVE, METALLIZED POLYPROPYLENE FILM CAPACITORS, AXIAL LEAD
logo
Vishay Siliconix
632P VISHAY-632P Datasheet
50Kb / 5P
   Film Capacitors Metalized Polycarbonate, Wrap-and-Fill
Revision 04-Dec-03
732P VISHAY-732P Datasheet
40Kb / 1P
   Film Capacitors Metalized Polypropylene, Wrap-and-Fill
Revision 17-Nov-03
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com