Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VBUS053CZ-HAF-G-08 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # VBUS053CZ-HAF-G-08
Description  USB-OTG BUS-Port ESD-Protection for VBUS = 28 V
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VBUS053CZ-HAF-G-08 Datasheet(HTML) 5 Page - Vishay Siliconix

  VBUS053CZ-HAF-G-08 Datasheet HTML 1Page - Vishay Siliconix VBUS053CZ-HAF-G-08 Datasheet HTML 2Page - Vishay Siliconix VBUS053CZ-HAF-G-08 Datasheet HTML 3Page - Vishay Siliconix VBUS053CZ-HAF-G-08 Datasheet HTML 4Page - Vishay Siliconix VBUS053CZ-HAF-G-08 Datasheet HTML 5Page - Vishay Siliconix VBUS053CZ-HAF-G-08 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Document Number: 85200
For technical questions, contact: ESDprotection@vishay.com
www.vishay.com
Rev. 1.3, 23-May-11
5
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
VBUS053CZ-HAF
USB-OTG BUS-Port ESD-Protection
for VBUS = 28 V
Vishay Semiconductors
Fig. 13 - Typical Clamping Voltage at after 30 ns of ESD
Contact Discharge (acc. IEC 61000-4-2)
Fig. 14 - Typical Clamping Voltage at after 30 ns of ESD
Contact Discharge (acc. IEC 61000-4-2)
PACKAGE DIMENSIONS in millimeters (inches): LLP75-7L
0
5
10
15
20
22416
VESD (kV)
- 40
- 30
- 20
- 10
0
10
20
30
40
50
60
acc. IEC 61000-4-2
contact discharge
Pin 1, 2 or 3 to pin 7
V
C-ESD
t = 30 ns
22417
VESD (kV)
- 40
- 20
0
20
40
60
80
0
5
10
15
20
25
30
acc. IEC 61000-4-2
contact discharge
Pin 6 to pin 7
V
C-ESD
t = 30 ns
0.5 (0.020)
Heat sink
0.6 (0.024)
0.25 (0.010)
1.65 (0.065)
1.55 (0.061)
Pin 1 marking
0.5 (0.020)
0.5 (0.020)
0.3 (0.012)
0.3 (0.012)
0.15 (0.006)
0.15 (0.006)
0.5 (0.020)
Solder resist mask
Solder pad
Document no.:S8-V-3906.02-014 (4)
20500
Created - Date: 04. April 2006
Foot print recommendation:


Similar Part No. - VBUS053CZ-HAF-G-08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VBUS053CZ-HAF VISHAY-VBUS053CZ-HAF Datasheet
175Kb / 7P
   USB-OTG BUS-Port ESD Protection for VBUS = 28 V
Rev. 1.7, 08-Jan-2019
VBUS053CZ-HAF VISHAY-VBUS053CZ-HAF Datasheet
176Kb / 7P
   USB-OTG BUS-Port ESD Protection for VBUS = 28 V
01-Jan-2022
VBUS053CZ-HAF VISHAY-VBUS053CZ-HAF_V01 Datasheet
176Kb / 7P
   USB-OTG BUS-Port ESD Protection for VBUS = 28 V
01-Jan-2022
More results

Similar Description - VBUS053CZ-HAF-G-08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VBUS053CZ-HAF VISHAY-VBUS053CZ-HAF_V01 Datasheet
176Kb / 7P
   USB-OTG BUS-Port ESD Protection for VBUS = 28 V
01-Jan-2022
VBUS053C-HAF VISHAY-VBUS053C-HAF Datasheet
175Kb / 7P
   USB-OTG BUS-Port ESD Protection for VBUS = 28 V
Rev. 1.7, 08-Jan-2019
VBUS053AZ-HAF VISHAY-VBUS053AZ-HAF_V01 Datasheet
120Kb / 7P
   USB-OTG BUS-Port ESD Protection for VBUS = 12 V
01-Jan-2022
VBUS053AZ-HAF VISHAY-VBUS053AZ-HAF Datasheet
84Kb / 6P
   USB-OTG BUS-Port ESD-Protection for VBUS = 12 V
Rev. 1.4, 16-Dec-10
VBUS053A-HAF VISHAY-VBUS053A-HAF Datasheet
119Kb / 7P
   USB-OTG BUS-Port ESD Protection for VBUS = 12 V
Rev. 1.7, 07-Jan-2019
logo
ON Semiconductor
PACUSBVB-D1 ONSEMI-PACUSBVB-D1 Datasheet
219Kb / 9P
   USB Downstream Port Terminator with VBUS ESD Protection
June 2010 ??Rev. 2
logo
California Micro Device...
PACUSBVB-D1 CALMIRCO-PACUSBVB-D1 Datasheet
846Kb / 8P
   USB Downstream Port Terminator with VBUS ESD Protection
logo
ON Semiconductor
PACUSBVB ONSEMI-PACUSBVB Datasheet
248Kb / 7P
   USB Downstream Port Terminator with VBUS ESD Protection
October, 2011 ??Rev. 3
logo
Texas Instruments
TPD4S214 TI-TPD4S214 Datasheet
1Mb / 21P
[Old version datasheet]   USB OTG Companion Device with VBUS Over Voltage, Over Current Protection, and Four Channel ESD Clamps
TPD8S300 TI1-TPD8S300 Datasheet
79Kb / 4P
[Old version datasheet]   USB Type-C Port Protector: Short-to-VBUS Overvoltage and IEC ESD Protection
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com