Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V60100PW Datasheet(PDF) 3 Page - Vishay Siliconix

Part # V60100PW
Description  Dual High-Voltage Trench MOS Barrier Schottky Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

V60100PW Datasheet(HTML) 3 Page - Vishay Siliconix

  V60100PW Datasheet HTML 1Page - Vishay Siliconix V60100PW Datasheet HTML 2Page - Vishay Siliconix V60100PW Datasheet HTML 3Page - Vishay Siliconix V60100PW Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Document Number: 89182
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 09-Feb-10
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
3
V60100PW
Vishay General Semiconductor
New Product
Fig. 3 - Typical Instantaneous Forward Characteristics Per Diode
Fig. 4 - Typical Reverse Characteristics Per Diode
Fig. 5 - Typical Junction Capacitance Per Diode
Fig. 6 - Typical Transient Thermal Impedance Per Diode
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
Instantaneous Forward Voltage (V)
0
0.2
0.3
0.5
0.7
0.1
0.4
0.6
0.8
100
10
1
0.1
T
A = 150 °C
T
A = 125 °C
T
A = 25 °C
0.01
0.1
1
10
100
20
30
40
50
60
70
80
90
100
Percent of Rated Peak Reverse Voltage (%)
T
A = 150 °C
T
A = 125 °C
T
A = 25 °C
100
1000
10 000
0.1
1
10
100
Reverse Voltage (V)
T
J = 25 °C
f = 1.0 MHz
V
sig = 50 mVp-p
t - Pulse Duration (s)
10
1
0.1
0.1
1
10
100
0.01
Junction to Case
TO-3PW
0.645 (16.38)
0.625 (15.87)
0.323 (8.20)
0.313 (7.95)
0.245 (6.23)
0.225 (5.72)
0.840 (21.34)
0.820 (20.83)
0.170 (4.32)
Ø 0.146 (3.71)
Ø 0.136 (3.45)
0.090 (2.29)
0.080 (2.03)
0.131 (3.33)
0.121 (3.07)
0.048 (1.22)
0.044 (1.12)
0.225 (5.72)
0.205 (5.21)
0.565 (14.35)
0.545 (13.84)
0.160 (4.06)
0.140 (3.56)
0.551 (14.00)
0.537 (13.64)
0.077 (1.96)
0.063 (1.60)
0.079 (2.01)
0.065 (1.65)
0.467 (11.86)
0.453 (11.51)
5° Ref.
Both Sides
R0.155 (R3.94)
R0.145 (R3.68)
3° Ref.
30° Ref.
10° Typ.
Both Sides
3° Ref.
3° Ref.
0.050 (1.27)
0.175 (4.45)
0.165 (4.19)
0.030 (0.75)
0.020 (0.50)
0.098 (2.50)
0.083 (2.12)


Similar Part No. - V60100PW

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
V60100PW VISHAY-V60100PW_15 Datasheet
88Kb / 5P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 20-Dec-13
More results

Similar Description - V60100PW

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
V30202C VISHAY-V30202C Datasheet
166Kb / 6P
   Dual High Voltage Trench MOS Barrier Schottky Rectifier
Revision: 31-Oct-14
V20200G VISHAY-V20200G_15 Datasheet
157Kb / 5P
   Dual High Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.62 V at IF = 5 A
Revision: 16-Aug-13
V60170PW VISHAY-V60170PW Datasheet
92Kb / 5P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 20-Nov-12
V40100K VISHAY-V40100K_15 Datasheet
132Kb / 4P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 17-Aug-15
V10D202C VISHAY-V10D202C Datasheet
105Kb / 5P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 10-Feb-15
V30150C VISHAY-V30150C_12 Datasheet
169Kb / 5P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 24-Jun-09
V30200C VISHAY-V30200C_09 Datasheet
160Kb / 5P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 24-Jun-09
V40100C VISHAY-V40100C_11 Datasheet
140Kb / 5P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 23-Mar-11
V40100G VISHAY-V40100G_11 Datasheet
131Kb / 5P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 23-Mar-11
V40150C VISHAY-V40150C_09 Datasheet
162Kb / 5P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 24-Jun-09
VT3060C VISHAY-VT3060C Datasheet
131Kb / 5P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 23-Mar-11
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com