Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V-735P505X9200L Datasheet(PDF) 1 Page - Vishay Siliconix

Part # V-735P505X9200L
Description  Film Capacitors, High Current, Wrap-and-Fill, Metallized Polypropylene
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

V-735P505X9200L Datasheet(HTML) 1 Page - Vishay Siliconix

  V-735P505X9200L Datasheet HTML 1Page - Vishay Siliconix V-735P505X9200L Datasheet HTML 2Page - Vishay Siliconix V-735P505X9200L Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Document Number: 42093
For technical questions, contact: spresale@vishay.com
www.vishay.com
Revision: 12-Mar-09
25
Film Capacitors, High Current, Wrap-and-Fill,
Metallized Polypropylene
V-735 P
Vishay Sprague
FEATURES
• Wire or lug terminals
• High stability
• High ripple to 30 A
• Low inductance
• Low ESR
Compliant to RoHS directive 2002/95/EC
PERFORMANCE CHARACTERISTICS
Operating Temperature: - 55 °C to + 105 °C
Capacitance Range: 1.0 µF to 30.0 µF
Capacitance Tolerance: ± 10 %, ± 5 %
DC Voltage Rating: 100 WVDC to 400 WVDC
Equivalent Series Resistance: 20 kHz to 100 kHz
Dissipation Factor: 0.1 % maximum
Measured at 1000 Hz, at + 25 °C
ΔVT: 10 V/ms maximum
Voltage Test: 200 % of rated voltage for 2 min
Insulation Resistance: Measured at 100 WVDC after a
2 min charge.
At + 25 °C: 200 000 M
Ω/µF, or 400 000 MΩ minimum
Vibration Test (Condition B): No mechanical damage,
short, open or intermittent circuits.
DC Life Test: 140 % of rated voltage for 1000 h at + 105 °C.
No visible damage. No open or short circuits.
Maximum
Δ CAP ± 1.0 %
Minimum IR = 50 % of initial limit
Maximum DF = 0.10 %
Humidity Test: 95 % relative humidity at + 40 °C for 250 h.
No visible damage.
Maximum
Δ CAP ± 1.0 %
Minimum IR = 20 % of initial limit
Maximum DF = 0.12 %
PHYSICAL CHARACTERISTICS
Pull Test:
Wire Leads: - 5 lb (2.3 kg) for one min. No physical damage.
Terminal Lugs: - 10 lb (4.5. kg) for one min. No physical
damage.
Lead Bend: After three complete consecutive bends. No
damage.
Marking: Sprague® trademark, type or part number,
capacitance and voltage.
Note (1) Leads to be within ± 0.062" [1.57 mm] of center line at egress but not less than 0.031" [0.79 mm] from edge (Terminal Style L only).
DIMENSIONS in inches [millimeters]
Terminal Style L
D
Max.
L
± 0.062 [1.57]
Tinned Solid Copper Wire (1)
D Max.< 0.700 [17.78], No. 20 AWG Wire 0.032 [0.812] Nominal Diameter
D Max.0.700 [17.78], No. 18 AWG Wire 0.040 [1.016] Nominal Diameter
1.750
[44.45]
Min.
1.750
[44.45]
Min.
D
Max.
Terminal Style H
Tinned Solid Copper Lug
L
1
± 0.062 [1.57]
L
2
± 0.062 [1.57]
L
± 0.062 [1.57]
0.156 ± 0.005 Dia.
[3.96 ± 0.13]
0.360 ± 0.005
[9.14 ± 0.13]
0.312 [7.9] Min.
0.0032 ± 0.002
[0.81 ± 0.05]
L
1 = L + 0.766 [19.46]
L
2 = L + 0.437 [11.10]


Similar Part No. - V-735P505X9200L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
V-730P VISHAY-V-730P Datasheet
173Kb / 4P
   Film Capacitors High Frequency, Wrap-and-Fill, Metallized Polypropylene
Revision: 16-Nov-07
V-730P104X9250 VISHAY-V-730P104X9250 Datasheet
173Kb / 4P
   Film Capacitors High Frequency, Wrap-and-Fill, Metallized Polypropylene
Revision: 16-Nov-07
V-730P104X9400 VISHAY-V-730P104X9400 Datasheet
173Kb / 4P
   Film Capacitors High Frequency, Wrap-and-Fill, Metallized Polypropylene
Revision: 16-Nov-07
V-730P104X9630 VISHAY-V-730P104X9630 Datasheet
173Kb / 4P
   Film Capacitors High Frequency, Wrap-and-Fill, Metallized Polypropylene
Revision: 16-Nov-07
V-730P105X9100 VISHAY-V-730P105X9100 Datasheet
173Kb / 4P
   Film Capacitors High Frequency, Wrap-and-Fill, Metallized Polypropylene
Revision: 16-Nov-07
More results

Similar Description - V-735P505X9200L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
730P224X9100 VISHAY-730P224X9100 Datasheet
81Kb / 4P
   Film Capacitors High Frequency, Wrap-and-Fill, Metallized Polypropylene
Revision: 07-Feb-07
V-730P VISHAY-V-730P Datasheet
173Kb / 4P
   Film Capacitors High Frequency, Wrap-and-Fill, Metallized Polypropylene
Revision: 16-Nov-07
735P VISHAY-735P Datasheet
81Kb / 3P
   Film Capacitors High Current, Wrap-and-Fill, Metalized Polypropylene
Revision 17-Nov-03
V-430P VISHAY-V-430P Datasheet
70Kb / 4P
   Metallized Polyester Film Capacitors, Wrap-and-Fill
Revision: 12-Mar-09
732P VISHAY-732P Datasheet
40Kb / 1P
   Film Capacitors Metalized Polypropylene, Wrap-and-Fill
Revision 17-Nov-03
logo
Surge Components
SMPT SURGE-SMPT Datasheet
165Kb / 1P
   WRAP AND FILL, NON-INDUCTIVE, METALLIZED POLYPROPYLENE FILM CAPACITORS, AXIAL LEAD
logo
Illinois Capacitor, Inc...
102MPW630K ILLINOISCAPACITOR-102MPW630K Datasheet
380Kb / 3P
   105째C Metallized Polypropylene Axial Leaded Wrap and Fill Capacitors
logo
Surge Components
SAM SURGE-SAM Datasheet
134Kb / 1P
   WRAP AND FILL, NON-INDUCTIVE, METALLIZED FILM
SAMR SURGE-SAMR Datasheet
142Kb / 1P
   WRAP AND FILL, NON-INDUCTIVE, METALLIZED FILM CAPACITORS, AXIAL LEAD
SAPR SURGE-SAPR Datasheet
131Kb / 1P
   WRAP AND FILL, NON-INDUCTIVE, METALLIZED FILM CAPACITORS, AXIAL LEAD
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com