Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V8P10 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # V8P10
Description  High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

V8P10 Datasheet(HTML) 3 Page - Vishay Siliconix

  V8P10_11 Datasheet HTML 1Page - Vishay Siliconix V8P10_11 Datasheet HTML 2Page - Vishay Siliconix V8P10_11 Datasheet HTML 3Page - Vishay Siliconix V8P10_11 Datasheet HTML 4Page - Vishay Siliconix V8P10_11 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Document Number: 89005
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 19-Apr-11
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
3
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
V8P10
Vishay General Semiconductor
New Product
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 C unless otherwise noted)
Fig. 1 - Maximum Forward Current Derating Curve
Fig. 2 - Forward Power Loss Characteristics
Fig. 3 - Typical Instantaneous Forward Characteristics
Fig. 4 - Typical Reverse Characteristics
Fig. 5 - Typical Junction Capacitance
Fig. 6 - Typical Transient Thermal Impedance
10
8
6
4
2
0
0
25
50
75
100
125
150
175
Lead Temperature (°C)
Resistive or Inductive Load
T
L measured
at the Cathode Band Terminal
0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
02
4
6
8
10
D = 0.1
D = 0.2
D = 0.3
D = 0.5
D = 0.8
D = 1.0
Average Forward Current (A)
D = t
p/T
t
p
T
0.01
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1.0
1.2
T
A = 150 °C
T
A = 125 °C
T
A = 25 °C
Instantaneous Forward Voltage (V)
0.001
0.01
0.1
1
10
100
10
20
30
40
50
60
70
80
90
100
T
A = 150 °C
T
A = 125 °C
T
A = 25 °C
Percent of Rated Peak Reverse Voltage (%)
10
100
1000
10 000
0.1
1
10
100
Reverse Voltage (V)
Junction to Ambient
0.01
0.1
1
10
100
1
10
100
t - Pulse Duration (s)


Similar Part No. - V8P10_11

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
V8P10 VISHAY-V8P10_15 Datasheet
554Kb / 5P
   High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.466 V at IF = 4 A
Revision: 16-Dec-14
V8P10 VISHAY-V8P10_15 Datasheet
86Kb / 5P
   High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier
Revision: 16-Dec-14
More results

Similar Description - V8P10_11

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
V8P10 VISHAY-V8P10 Datasheet
90Kb / 5P
   High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier
Revision: 26-Jun-07
V15P45 VISHAY-V15P45 Datasheet
91Kb / 5P
   High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier
Revision: 19-Apr-11
V10P12-M386A VISHAY-V10P12-M386A Datasheet
109Kb / 5P
   High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier
Revision: 25-Jul-12
V20PW12C VISHAY-V20PW12C Datasheet
119Kb / 5P
   High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier
Revision: 01-Jun-17
V20PW45C VISHAY-V20PW45C Datasheet
119Kb / 5P
   High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier
Revision: 01-Jun-17
V20PW10 VISHAY-V20PW10 Datasheet
120Kb / 5P
   High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier
Revision: 01-Jun-17
V20PW10C VISHAY-V20PW10C Datasheet
119Kb / 5P
   High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier
Revision: 01-Jun-17
V20PW12 VISHAY-V20PW12 Datasheet
119Kb / 5P
   High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier
Revision: 01-Jun-17
V10P20 VISHAY-V10P20_15 Datasheet
82Kb / 5P
   High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier
Revision: 15-Aug-13
V10P45-M3 VISHAY-V10P45-M3_15 Datasheet
84Kb / 5P
   High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier
Revision: 06-May-15
V10PN50-M3 VISHAY-V10PN50-M3_15 Datasheet
85Kb / 5P
   High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier
Revision: 04-Dec-13
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com