Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UHF5JT-E3-4W Datasheet(PDF) 3 Page - Vishay Siliconix

Part # UHF5JT-E3-4W
Description  High Voltage Ultrafast Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

UHF5JT-E3-4W Datasheet(HTML) 3 Page - Vishay Siliconix

  UHF5JT-E3-4W Datasheet HTML 1Page - Vishay Siliconix UHF5JT-E3-4W Datasheet HTML 2Page - Vishay Siliconix UHF5JT-E3-4W Datasheet HTML 3Page - Vishay Siliconix UHF5JT-E3-4W Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
New Product
UH5JT & UH5JT
Vishay General Semiconductor
Document Number: 88999
Revision: 13-May-08
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com
3
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
Figure 3. Typical Instantaneous Forward Characteristics
Figure 4. Typical Reverse Leakage Characteristics
0.01
0.1
1
10
100
0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3.0
T
A = 175 °C
T
A = 150 °C
T
A = 25 °C
Instantaneous Forward Voltage (V)
0.01
0.1
1
10
100
1000
10
20
30
40
50
60
70
80
90
100
Percent of Rated Peak Reverse Voltage (%)
T
A = 175 °C
T
A = 150 °C
T
A = 25 °C
Figure 5. Typical Junction Capacitance
Figure 6. Typical Transient Thermal Impedance
1
10
100
0.1
1
10
100
Reverse Voltage (V)
T
J = 25 °C
f = 1.0 MHz
V
sig = 50 mVp-p
1
10
0.01
0.1
1
10
100
t - Pulse Duration (s)
Junction to Case
TO-220AC
CASE
PIN 2
PIN 1
0.635 (16.13)
0.625 (15.87)
0.415 (10.54) MAX.
0.154 (3.91) DIA.
0.148 (3.74) DIA.
0.113 (2.87)
0.103 (2.62)
0.370 (9.40)
0.360 (9.14)
PIN
12
0.160 (4.06)
0.140 (3.56)
0.057 (1.45)
0.045 (1.14)
0.105 (2.67)
0.095 (2.41)
0.037 (0.94)
0.027 (0.68)
0.205 (5.20)
0.195 (4.95)
0.022 (0.56)
0.014 (0.36)
1.148 (29.16)
1.118 (28.40)
0.560 (14.22)
0.530 (13.46)
0.110 (2.79)
0.100 (2.54)
0.350 (8.89)
0.330 (8.38)
0.145 (3.68)
0.135 (3.43)
0.603 (15.32)
0.573 (14.55)
0.055 (1.39)
0.045 (1.14)
0.185 (4.70)
0.175 (4.44)
ITO-220AC
PIN
1
2
0.025 (0.64)
0.015 (0.38)
0.404 (10.26)
0.384 (9.75)
0.076 (1.93) REF.
0.076 (1.93) REF.
45° REF.
0.600 (15.24)
0.580 (14.73)
0.560 (14.22)
0.530 (13.46)
0.035 (0.89)
0.025 (0.64)
0.205 (5.21)
0.195 (4.95)
0.191 (4.85)
0.171 (4.35)
0.057 (1.45)
0.045 (1.14)
0.671 (17.04)
0.651 (16.54)
0.028 (0.71)
0.020 (0.51)
0.110 (2.79)
0.100 (2.54)
7° REF.
7° REF.
7° REF.
0.350 (8.89)
0.330 (8.38)
0.140 (3.56) DIA.
0.125 (3.17) DIA.
0.135 (3.43) DIA.
0.122 (3.08) DIA.
0.110 (2.79)
0.100 (2.54)
0.190 (4.83)
0.170 (4.32)


Similar Part No. - UHF5JT-E3-4W

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
UHF5JT-E3 VISHAY-UHF5JT-E3 Datasheet
120Kb / 4P
   High Voltage Ultrafast Rectifier
Revision: 07-Dec-12
More results

Similar Description - UHF5JT-E3-4W

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH112 STMICROELECTRONICS-STTH112_07 Datasheet
88Kb / 7P
   High voltage ultrafast rectifier
STTH310 STMICROELECTRONICS-STTH310_07 Datasheet
85Kb / 7P
   High voltage ultrafast rectifier
logo
Vishay Siliconix
UG8HT VISHAY-UG8HT Datasheet
144Kb / 5P
   High Voltage Ultrafast Rectifier
Revision: 12-Nov-07
UH5JT VISHAY-UH5JT_V01 Datasheet
120Kb / 4P
   High Voltage Ultrafast Rectifier
02-Oct-12
UH8JT VISHAY-UH8JT_V01 Datasheet
129Kb / 5P
   High Voltage Ultrafast Rectifier
02-Oct-12
logo
STMicroelectronics
STTH240F04 STMICROELECTRONICS-STTH240F04 Datasheet
305Kb / 9P
   Ultrafast high voltage rectifier
May 2015
STTH112 STMICROELECTRONICS-STTH112 Datasheet
60Kb / 6P
   HIGH VOLTAGE ULTRAFAST RECTIFIER
logo
Vishay Siliconix
UGF8XT VISHAY-UGF8XT Datasheet
133Kb / 5P
   High Voltage Ultrafast Rectifier
Revision: 21-Aug-13
UG5JT VISHAY-UG5JT_07 Datasheet
143Kb / 5P
   High Voltage Ultrafast Rectifier
Revision: 09-Nov-07
UH10JT VISHAY-UH10JT Datasheet
130Kb / 5P
   High Voltage Ultrafast Rectifier
Revision: 25-Aug-08
UGFB5HT VISHAY-UGFB5HT Datasheet
134Kb / 5P
   High Voltage Ultrafast Rectifier
02-Oct-12
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com