Part Name
         Description
UH3D-E3-9AT

 Surface Mount Ultrafast Rectifier ( 5 Page)


VISHAY
100% 
Zoom Out Zoom In
   
 2 page
background image
New Product
UH3B, UH3C & UH3D
Vishay General Semiconductor
www.vishay.com
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 89109
Revision: 03-Jun-09
2
Notes:
(1) Pulse test: 300 µs pulse width, 1 % duty cycle
(2) Pulse test: Pulse width
≤ 40 ms
Note:
(1) Free air, mounted on recommended copper pad area. Thermal resistance RθJA - junction to ambient, RθJM - junction to mount
Note:
(1) AEC-Q101 qualified
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
TYP.
MAX.
UNIT
Instantaneous forward voltage (1)
IF = 1.5 A
IF = 3.0 A
TA = 25 °C
VF
0.85
0.95
-
1.05
V
IF = 1.5 A
IF = 3.0 A
TA = 125 °C
0.65
0.75
-
0.90
Reverse current (2)
Rated VR
TA = 25 °C
TA = 125 °C
IR
-
15
5
100
µA
Maximum reverse recovery time
IF = 0.5 A, IR = 1.0 A,
lrr = 0.25 A
TA = 25 °C
trr
14
25
ns
Typical reverse recovery time
IF = 1.0 A, dI/dt = 50 A/µs,
VR = 30 V, lrr = 0.1 IRM
23
40
Typical softness factor (tb/ta)
IF = 3.0 A, dI/dt = 200 A/µs,
VR = 200 V
TA = 125 °C
S0.2
-
Typical reverse recovery current
IRM
5.0
7.0
A
Typical stored charge
Qrr
60
-
nC
Typical junction capacitance
4.0 V, 1 MHz
CJ
42
-
pF
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
UH3B
UH3C
UH3D
UNIT
Typical thermal resistance (1)
RθJA
RθJM
95
12
°C/W
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
UH3D-E3/57T
0.236
57T
850
7" diameter plastic tape and reel
UH3D-E3/9AT
0.236
9AT
3500
13" diameter plastic tape and reel
UH3DHE3/57T (1)
0.236
57T
850
7" diameter plastic tape and reel
UH3DHE3/9AT (1)
0.236
9AT
3500
13" diameter plastic tape and reel



Html Pages

1  2  3  4  5 


Datasheet Download




Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl