Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UG1A Datasheet(PDF) 1 Page - Vishay Siliconix

Part # UG1A
Description  Miniature Ultrafast Plastic Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

UG1A Datasheet(HTML) 1 Page - Vishay Siliconix

  UG1A_09 Datasheet HTML 1Page - Vishay Siliconix UG1A_09 Datasheet HTML 2Page - Vishay Siliconix UG1A_09 Datasheet HTML 3Page - Vishay Siliconix UG1A_09 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Document Number: 88760
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 19-Nov-09
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
1
Miniature Ultrafast Plastic Rectifier
UG1A thru UG1D
Vishay General Semiconductor
FEATURES
• Glass passivated chip junction
• Ultrafast reverse recovery time
• Soft recovery characteristics
• Low forward voltage drop
• Low switching losses, high efficiency
• High forward surge capability
• Solder dip 275 °C max. 10 s, per JESD 22-B106
• Compliant
to
RoHS
directive
2002/95/EC
and
in
accordance to WEEE 2002/96/EC
TYPICAL APPLICATIONS
For use in high frequency rectification and freewheeling
application in switching mode converters and inverters for
consumer, computer and telecommunication.
MECHANICAL DATA
Case:
DO-204AL (DO-41)
Molding compound meets UL 94 V-0 flammability rating
Base P/N-E3 - RoHS compliant, commercial grade
Terminals:
Matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD 22-B102
E3 suffix meets JESD 201 class 1A whisker test
Polarity:
Color band denotes cathode end
PRIMARY CHARACTERISTICS
IF(AV)
1.0 A
VRRM
50 V to 200 V
IFSM
40 A
trr
15 ns
VF
0.95 V
TJ max.
150 °C
DO-204AL (DO-41)
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
UG1A
UG1B
UG1C
UG1D
UNIT
Maximum repetitive peak reverse voltage
VRRM
50
100
150
200
V
Maximum RMS voltage
VRMS
35
70
105
140
V
Maximum DC blocking voltage
VDC
50
100
150
200
V
Maximum average forward rectified current (fig. 1)
IF(AV)
1.0
A
Peak forward surge current 8.3 ms single half sine-wave
superimposed on rated load
IFSM
40
A
Operating junction and storage temperature range
TJ, TSTG
- 55 to + 150
°C


Similar Part No. - UG1A_09

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
UG1A VISHAY-UG1A_V01 Datasheet
70Kb / 4P
   Miniature Ultrafast Plastic Rectifier
02-Oct-12
More results

Similar Description - UG1A_09

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
UG2D-E3-54 VISHAY-UG2D-E3-54 Datasheet
71Kb / 4P
   Miniature Ultrafast Plastic Rectifier
Revision: 23-Oct-09
UG4A VISHAY-UG4A_V01 Datasheet
81Kb / 4P
   Miniature Ultrafast Plastic Rectifier
01-Jan-2022
UG1A VISHAY-UG1A_V01 Datasheet
70Kb / 4P
   Miniature Ultrafast Plastic Rectifier
02-Oct-12
UG4A VISHAY-UG4A Datasheet
95Kb / 4P
   Miniature Ultrafast Plastic Rectifier
Revision: 20-Aug-07
UG06D-E3-54 VISHAY-UG06D-E3-54 Datasheet
72Kb / 4P
   Miniature Ultrafast Plastic Rectifier
Revision: 23-Oct-09
UG1D-E3-73 VISHAY-UG1D-E3-73 Datasheet
70Kb / 4P
   Miniature Ultrafast Plastic Rectifier
Revision: 19-Nov-09
UG06A VISHAY-UG06A_V01 Datasheet
74Kb / 4P
   Miniature Ultrafast Plastic Rectifier
02-Oct-12
UG4A VISHAY-UG4A_09 Datasheet
70Kb / 4P
   Miniature Ultrafast Plastic Rectifier
Revision: 23-Oct-09
UG06A VISHAY-UG06A Datasheet
95Kb / 4P
   Miniature Ultrafast Plastic Rectifier
Revision: 20-Aug-07
UG2A VISHAY-UG2A_09 Datasheet
71Kb / 4P
   Miniature Ultrafast Plastic Rectifier
Revision: 23-Oct-09
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com