Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UFL200CB60P Datasheet(PDF) 4 Page - Vishay Siliconix

Part # UFL200CB60P
Description  Not Insulated SOT-227 Power Module Ultrafast Rectifier, 200 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

UFL200CB60P Datasheet(HTML) 4 Page - Vishay Siliconix

  UFL200CB60P Datasheet HTML 1Page - Vishay Siliconix UFL200CB60P Datasheet HTML 2Page - Vishay Siliconix UFL200CB60P Datasheet HTML 3Page - Vishay Siliconix UFL200CB60P Datasheet HTML 4Page - Vishay Siliconix UFL200CB60P Datasheet HTML 5Page - Vishay Siliconix UFL200CB60P Datasheet HTML 6Page - Vishay Siliconix UFL200CB60P Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.vishay.com
For technical questions, contact: indmodules@vishay.com
Document Number: 94277
4
Revision: 16-Jul-09
UFL200CB60P
Vishay High Power Products Not Insulated SOT-227 Power Module
Ultrafast Rectifier, 200 A
Fig. 5 - Maximum Allowable Case Temperature vs.
Avarage Forward Current (Per Leg)
Fig. 6 - Forward Power Loss Characteristics (Per Leg)
Fig. 7 - Typical Reverse Recovery Time vs. dIF/dt
Fig. 8 - Reverse Recovery Charge vs. dIF/dt
Fig. 9 - Typical Reverse Recovery Current vs. dIF/dt
Note
(1) Formula used: TC = TJ - (Pd + PdREV) x RthJC;
Pd = Forward power loss = IF(AV) x VFM at (IF(AV)/D) (see fig. 6);
PdREV = Inverse power loss = VR1 x IR (1 - D); IR at VR1 = 80 % rated VR
IF(AV) - Average Forward Current (A)
180
80
100
120
140
160
0
040
80
120
160
200
240
280
320
20
60
40
DC
Square wave (D = 0.50)
80 % rated V
R applied
See note (1)
I
F(AV) - Average Forward Current (A)
80 100 120 140 160 180 200
60
40
20
220
0
250
350
450
0
100
150
300
400
200
50
RMS limit
DC
D = 0.20
D = 0.25
D = 0.33
D = 0.50
D = 0.75
V
R = 200 V
I
F = 50 A
T
J = 25 °C
T
J = 125 °C
dIF/dt (A/µs)
100
1000
50
250
110
150
190
210
230
90
70
130
170
V
R = 200 V
I
F = 50 A
T
J = 25 °C
T
J = 125 °C
dIF/dt (A/µs)
100
1000
0
4000
1000
1500
2000
2500
3000
3500
500
T
J = 25 °C
T
J = 125 °C
V
R = 200 V
I
F = 50 A
dIF/dt (A/µs)
100
1000
0
50
20
30
40
10


Similar Part No. - UFL200CB60P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
UFL200CB60P VISHAY-UFL200CB60P Datasheet
128Kb / 8P
   Not Insulated SOT-227 Power Module Ultrafast Rectifier, 200 A
02-Oct-12
UFL200CB60P VISHAY-UFL200CB60P_V01 Datasheet
128Kb / 8P
   Not Insulated SOT-227 Power Module Ultrafast Rectifier, 200 A
02-Oct-12
More results

Similar Description - UFL200CB60P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
UFB200CB40P VISHAY-UFB200CB40P_V01 Datasheet
109Kb / 7P
   Not Insulated SOT-227 Power Module Ultrafast Rectifier, 200 A
02-Oct-12
UFL200CB60P VISHAY-UFL200CB60P_V01 Datasheet
128Kb / 8P
   Not Insulated SOT-227 Power Module Ultrafast Rectifier, 200 A
02-Oct-12
VS-UFB310CB40 VISHAY-VS-UFB310CB40_V01 Datasheet
165Kb / 8P
   Not Insulated SOT-227 Power Module Ultrafast Rectifier, 310 A
01-Jan-2022
VS-UFL250CB60 VISHAY-VS-UFL250CB60 Datasheet
264Kb / 7P
   Not Insulated SOT-227 Power Module Ultrafast Rectifier, 250 A
Revision: 31-May-16
VS-UFB310CB40 VISHAY-VS-UFB310CB40_V02 Datasheet
164Kb / 8P
   Not Insulated SOT-227 Power Module Ultrafast Rectifier, 310 A
01-Jan-2023
VS-UFB310CB40 VISHAY-VS-UFB310CB40 Datasheet
143Kb / 7P
   Not Insulated SOT-227 Power Module Ultrafast Rectifier, 310 A
Revision: 31-May-16
VS-UFL250CB60 VISHAY-VS-UFL250CB60_V01 Datasheet
155Kb / 8P
   Not Insulated SOT-227 Power Module Ultrafast Rectifier, 250 A
01-Jan-2022
VS-UFL250CB60 VISHAY-VS-UFL250CB60_V02 Datasheet
154Kb / 8P
   Not Insulated SOT-227 Power Module Ultrafast Rectifier, 250 A
01-Jan-2023
UFB200CB40P VISHAY-UFB200CB40P Datasheet
109Kb / 7P
   Not Insulated SOT-227 Power Module
Revision: 16-Jul-09
VS-RA220FA120 VISHAY-VS-RA220FA120 Datasheet
157Kb / 7P
   SOT-227 Power Module Insulated Standard Recovery Rectifier, 220 A
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com