Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UFH60GA60P Datasheet(PDF) 4 Page - Vishay Siliconix

Part # UFH60GA60P
Description  Tandem Insulated SOT-227 Power Module Hyperfast Rectifier, 60 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

UFH60GA60P Datasheet(HTML) 4 Page - Vishay Siliconix

  UFH60GA60P Datasheet HTML 1Page - Vishay Siliconix UFH60GA60P Datasheet HTML 2Page - Vishay Siliconix UFH60GA60P Datasheet HTML 3Page - Vishay Siliconix UFH60GA60P Datasheet HTML 4Page - Vishay Siliconix UFH60GA60P Datasheet HTML 5Page - Vishay Siliconix UFH60GA60P Datasheet HTML 6Page - Vishay Siliconix UFH60GA60P Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.vishay.com
For technical questions within your region, please contact one of the following:
Document Number: 94663
4
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Revision: 22-Jul-10
UFH60GA60P
Vishay Semiconductors
Tandem Insulated SOT-227
Power Module Hyperfast Rectifier, 60 A
Fig. 5 - Maximum Allowable Case Temperature vs.
Average Forward Current (Per Leg)
Fig. 6 - Forward Power Loss Characteristics (Per Leg)
Fig. 7 - Typical Reverse Recovery Time vs. dIF/dt
Fig. 8 - Typical Stored Charge vs. dIF/dt
Fig. 9 - Typical Stored Current vs. dIF/dt
Note
(1) Formula used: TC = TJ - (Pd + PdREV) x RthJC;
Pd = Forward power loss = IF(AV) x VFM at (IF(AV)/D) (see fig. 6);
PdREV = Inverse power loss = VR1 x IR (1 - D); IR at VR1 = 80 % rated VR
I
F(AV) - Average Forward Current (A)
40
20
60
80
100
0
80
160
180
0
40
60
120
140
100
20
94663_05
Square wave (D = 0.50)
Rated V
R applied
See note (1)
DC
I
F(AV) - Average Forward Current (A)
40
30
20
10
50
0
80
90
0
40
60
20
70
30
50
10
D = 0.20
D = 0.25
D = 0.33
D = 0.50
D = 0.75
RMS limit
DC
94663_06
dIF/dt (A/µs)
100
1000
0
90
30
50
70
80
20
10
40
60
I
F = 30 A
V
R = 200 V
T
J = 25 °C
T
J = 125 °C
94663_07
dIF/dt (A/µs)
100
1000
0
500
450
200
300
400
100
150
250
350
50
I
F = 30 A
V
R = 200 V
T
J = 25 °C
T
J = 125 °C
94663_08
dIF/dt (A/µs)
100
1000
0
20
10
15
5
I
F = 30 A
V
R = 200 V
T
J = 25 °C
T
J = 125 °C
94663_09


Similar Part No. - UFH60GA60P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
UFH60BA65 VISHAY-UFH60BA65 Datasheet
151Kb / 7P
   Insulated Single Phase Hyperfast Bridge (Power Modules), 60 A
01-Jan-2023
More results

Similar Description - UFH60GA60P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-RA220FA120 VISHAY-VS-RA220FA120 Datasheet
157Kb / 7P
   SOT-227 Power Module Insulated Standard Recovery Rectifier, 220 A
VS-RA160FA120 VISHAY-VS-RA160FA120 Datasheet
158Kb / 7P
   SOT-227 Power Module Insulated Standard Recovery Rectifier, 160 A
VS-UFB310CB40 VISHAY-VS-UFB310CB40_V01 Datasheet
165Kb / 8P
   Not Insulated SOT-227 Power Module Ultrafast Rectifier, 310 A
01-Jan-2022
UFB200CB40P VISHAY-UFB200CB40P_V01 Datasheet
109Kb / 7P
   Not Insulated SOT-227 Power Module Ultrafast Rectifier, 200 A
02-Oct-12
VS-UFL250CB60 VISHAY-VS-UFL250CB60 Datasheet
264Kb / 7P
   Not Insulated SOT-227 Power Module Ultrafast Rectifier, 250 A
Revision: 31-May-16
VS-UFB310CB40 VISHAY-VS-UFB310CB40_V02 Datasheet
164Kb / 8P
   Not Insulated SOT-227 Power Module Ultrafast Rectifier, 310 A
01-Jan-2023
UFB200CB40P VISHAY-UFB200CB40P Datasheet
109Kb / 7P
   Not Insulated SOT-227 Power Module
Revision: 16-Jul-09
UFL200CB60P VISHAY-UFL200CB60P Datasheet
109Kb / 7P
   Not Insulated SOT-227 Power Module Ultrafast Rectifier, 200 A
Revision: 16-Jul-09
VS-RA160FA120 VISHAY-VS-RA160FA120_V01 Datasheet
158Kb / 7P
   SOT-227 Power Module Insulated Standard Recovery Rectifier, 160 A
01-Jan-2022
VS-UFB310CB40 VISHAY-VS-UFB310CB40 Datasheet
143Kb / 7P
   Not Insulated SOT-227 Power Module Ultrafast Rectifier, 310 A
Revision: 31-May-16
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com