Part Name
         Description
UFH60GA60P

 Tandem Insulated SOT-227 Power Module Hyperfast Rectifier, 60 A ( 7 Page)


VISHAY
100% 
Zoom Out Zoom In
   
 6 page
background image
www.vishay.com
For technical questions within your region, please contact one of the following:
Document Number: 94663
6
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Revision: 22-Jul-10
UFH60GA60P
Vishay Semiconductors
Tandem Insulated SOT-227
Power Module Hyperfast Rectifier, 60 A
ORDERING INFORMATION TABLE
CIRCUIT CONFIGURATION
LINKS TO RELATED DOCUMENTS
Dimensions
www.vishay.com/doc?95036
Packaging information
www.vishay.com/doc?95037
1
-
Ultrafast rectifier
2
-
Hyperfast rectifier
3
-
Current rating (60 = 60 A)
4
-
Circuit configuration (2 separate diodes, tandem configuration)
5
-
Package indicator (SOT-227 standard isolated base)
6
-
Voltage rating (60 = 600 V)
7
-
P = Lead (Pb)-free
Device code
5
13
24
67
UF
H
60
G
A
60
P
1
4
2
3



Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl