Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q62702-C311-V4 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # Q62702-C311-V4
Description  PNP Silicon AF Transistors (High current gain High collector current Low collector-emitter saturation voltage)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q62702-C311-V4 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  Q62702-C311-V4 Datasheet HTML 1Page - Siemens Semiconductor Group Q62702-C311-V4 Datasheet HTML 2Page - Siemens Semiconductor Group Q62702-C311-V4 Datasheet HTML 3Page - Siemens Semiconductor Group Q62702-C311-V4 Datasheet HTML 4Page - Siemens Semiconductor Group Q62702-C311-V4 Datasheet HTML 5Page - Siemens Semiconductor Group Q62702-C311-V4 Datasheet HTML 6Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Semiconductor Group
2
BC 327
BC 328
Maximum Ratings
Parameter
Symbol
BC 327
Unit
Collector-emitter voltage
VCE0
45
V
Collector-base voltage
VCB0
50
Emitter-base voltage
VEB0
Collector current
IC
mA
Base current
IB
mA
Total power dissipation, TC = 66 ˚C
Ptot
mW
Junction temperature
Tj
˚C
Storage temperature range
Tstg
– 65 … + 150
Thermal Resistance
Junction - ambient
Rth JA
200
K/W
Peak collector current
ICM
A
Junction - case1)
Rth JC
135
Peak base current
IBM
BC 328
25
30
5
800
100
625
150
1
200
Values
1)
Mounted on Al heat sink 15 mm
× 25 mm × 0.5 mm.


Similar Part No. - Q62702-C311-V4

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q62702-C310 SIEMENS-Q62702-C310 Datasheet
240Kb / 8P
   PNP SILICON TRANSISTOR
Q62702-C313 SIEMENS-Q62702-C313 Datasheet
150Kb / 6P
   NPN Silicon AF Transistors (High current gain High collector current Low collector-emitter saturation voltage)
Q62702-C313-V1 SIEMENS-Q62702-C313-V1 Datasheet
150Kb / 6P
   NPN Silicon AF Transistors (High current gain High collector current Low collector-emitter saturation voltage)
Q62702-C313-V2 SIEMENS-Q62702-C313-V2 Datasheet
150Kb / 6P
   NPN Silicon AF Transistors (High current gain High collector current Low collector-emitter saturation voltage)
Q62702-C313-V3 SIEMENS-Q62702-C313-V3 Datasheet
150Kb / 6P
   NPN Silicon AF Transistors (High current gain High collector current Low collector-emitter saturation voltage)
More results

Similar Description - Q62702-C311-V4

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BC369 SIEMENS-BC369 Datasheet
126Kb / 4P
   PNP Silicon AF Transistor (High current gain High collector current Low collector-emitter saturation voltage)
BCX78 SIEMENS-BCX78 Datasheet
143Kb / 7P
   PNP Silicon AF Transistors (High current gain Low collector-emitter saturation voltage)
BC337 SIEMENS-BC337 Datasheet
150Kb / 6P
   NPN Silicon AF Transistors (High current gain High collector current Low collector-emitter saturation voltage)
BCX58BCX59 SIEMENS-BCX58BCX59 Datasheet
144Kb / 6P
   NPN Silicon AF Transistors (High current gain Low collector-emitter saturation voltage)
BSP60BSP62 SIEMENS-BSP60BSP62 Datasheet
153Kb / 5P
   PNP Silicon Darlington Transistors (High collector current Low collector-emitter saturation voltage)
BC636 SIEMENS-BC636 Datasheet
126Kb / 5P
   PNP Silicon AF Transistors (High current gain High collector current)
BSS80 SIEMENS-BSS80 Datasheet
179Kb / 6P
   PNP Silicon Switching Transistors (High DC current gain Low collector-emitter saturation voltage)
BSP50BSP52 SIEMENS-BSP50BSP52 Datasheet
152Kb / 5P
   NPN Silicon Darlington Transistors (High collector current Low collector-emitter saturation voltage)
BC875 SIEMENS-BC875 Datasheet
173Kb / 4P
   NPN Silicon Darlington Transistors (High current gain Low collector-emitter saturation voltage
BC856W-BC860W SIEMENS-BC856W-BC860W Datasheet
273Kb / 8P
   PNP Silicon AF Transistors (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com