Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UFB130FA40 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # UFB130FA40
Description  Insulated Ultrafast Rectifier Module, 130 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

UFB130FA40 Datasheet(HTML) 3 Page - Vishay Siliconix

  UFB130FA40 Datasheet HTML 1Page - Vishay Siliconix UFB130FA40 Datasheet HTML 2Page - Vishay Siliconix UFB130FA40 Datasheet HTML 3Page - Vishay Siliconix UFB130FA40 Datasheet HTML 4Page - Vishay Siliconix UFB130FA40 Datasheet HTML 5Page - Vishay Siliconix UFB130FA40 Datasheet HTML 6Page - Vishay Siliconix UFB130FA40 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Document Number: 93602
For technical questions, contact: indmodules@vishay.com
www.vishay.com
Revision: 12-May-11
3
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
VS-UFB130FA40
Insulated Ultrafast Rectifier Module, 130 A Vishay Semiconductors
Fig. 1 - Typical Forward Voltage Drop Characteristics
(Per Leg)
Fig. 2 - Typical Values of Reverse Current vs.
Reverse Voltage
Fig. 3 - Typical Junction Capacitance vs. Reverse Voltage
Fig. 4 - Maximum Thermal Impedance ZthJC Characteristics (Per Leg)
1
10
100
1000
0
0.5
1
1.5
2
2.5
VF - Forward Voltage Drop (V)
T
J = 175 °C
T
J = 25 °C
0.001
0.01
0.1
1
10
100
1000
0
50
100
150
200
T
J = 175 °C
T
J = 25 °C
VR - Reverse Voltage (V)
100
1
10
100
1000
10
VR - Reverse Voltage (V)
T
J = 25 °C
1000
0.01
0.1
0.0001
0.001
0.01
0.1
1
t1 - Rectangular Pulse Duration (s)
.
.
P
DM
t
1
t
2
Notes:
1. Duty factor D = t
1/t2
2. Peak T
J = PDM x ZthJC + TC
1
Single pulse
(thermal resistance)
DC
10


Similar Part No. - UFB130FA40

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
UFB130FA20 VISHAY-UFB130FA20 Datasheet
109Kb / 7P
   Insulated Ultrafast Rectifier Module, 130 A
Revision: 12-May-11
More results

Similar Description - UFB130FA40

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
UFB130FA20 VISHAY-UFB130FA20 Datasheet
109Kb / 7P
   Insulated Ultrafast Rectifier Module, 130 A
Revision: 12-May-11
VS-UFB130FA20 VISHAY-VS-UFB130FA20_V01 Datasheet
167Kb / 8P
   Insulated Ultrafast Rectifier Module, 130 A
01-Jan-2022
VS-UFB130FA40 VISHAY-VS-UFB130FA40_V01 Datasheet
167Kb / 7P
   Insulated Ultrafast Rectifier Module, 130 A
01-Jan-2022
VS-UFL130FA60 VISHAY-VS-UFL130FA60_V02 Datasheet
159Kb / 8P
   Insulated Ultrafast Rectifier Module, 130 A
01-Jan-2023
VSUFB130FA20 VISHAY-VSUFB130FA20 Datasheet
166Kb / 8P
   Insulated Ultrafast Rectifier Module, 130 A
VS-UFL130FA60 VISHAY-VS-UFL130FA60_V01 Datasheet
159Kb / 8P
   Insulated Ultrafast Rectifier Module, 130 A
01-Jan-2022
VS-UFB130FA60 VISHAY-VS-UFB130FA60_V02 Datasheet
170Kb / 8P
   Insulated Ultrafast Rectifier Module, 130 A
01-Jan-2023
VS-UFB130FA60 VISHAY-VS-UFB130FA60 Datasheet
170Kb / 8P
   Insulated Ultrafast Rectifier Module, 130 A
VS-UFL130FA60 VISHAY-VS-UFL130FA60 Datasheet
145Kb / 7P
   Insulated Ultrafast Rectifier Module, 130 A
Revision: 31-May-16
VS-UFB130FA20 VISHAY-VS-UFB130FA20 Datasheet
120Kb / 7P
   Insulated Ultrafast Rectifier Module, 130 A
Revision: 22-Jul-13
VS-UFB130FA40 VISHAY-VS-UFB130FA40_V02 Datasheet
167Kb / 7P
   Insulated Ultrafast Rectifier Module, 130 A
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com