Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UFB80FA20 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # UFB80FA20
Description  Insulated Ultrafast Rectifier Module, 80 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

UFB80FA20 Datasheet(HTML) 6 Page - Vishay Siliconix

  UFB80FA20 Datasheet HTML 1Page - Vishay Siliconix UFB80FA20 Datasheet HTML 2Page - Vishay Siliconix UFB80FA20 Datasheet HTML 3Page - Vishay Siliconix UFB80FA20 Datasheet HTML 4Page - Vishay Siliconix UFB80FA20 Datasheet HTML 5Page - Vishay Siliconix UFB80FA20 Datasheet HTML 6Page - Vishay Siliconix UFB80FA20 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
www.vishay.com
For technical questions, contact: indmodules@vishay.com
Document Number: 93607
6
Revision: 12-May-11
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
VS-UFB80FA20
Vishay Semiconductors Insulated Ultrafast Rectifier Module, 80 A
ORDERING INFORMATION TABLE
CIRCUIT CONFIGURATION
CIRCUIT
CIRCUIT
CONFIGURATION CODE
CIRCUIT DRAWING
2 separate diodes,
parallel pin-out
F
LINKS TO RELATED DOCUMENTS
Dimensions
www.vishay.com/doc?95423
Packaging information
www.vishay.com/doc?95425
1
-
Vishay Semiconductors product
2
-
Ultrafast rectifier
3
-
Ultrafast Pt diffused
4
-
Current rating (80 = 80 A)
5
-
Circuit configuration (2 separate diodes, parallel pin-out)
6
-
Package indicator (SOT-227 standard isolated base)
-
Voltage rating (20 = 200 V)
7
Device code
5
1
3
2
4
6
7
VS-
UF
B
80
F
A
20
1
43
2
Lead Assignment
1
4
2
3


Similar Part No. - UFB80FA20

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
UFB MICROSEMI-UFB Datasheet
136Kb / 3P
   RECTIFIERS ASSEMBLIES
logo
International Rectifier
UFB120FA20 IRF-UFB120FA20 Datasheet
211Kb / 6P
   Insulated Ultrafast Rectifier Module
logo
Vishay Siliconix
UFB120FA20P VISHAY-UFB120FA20P Datasheet
115Kb / 7P
   Insulated Ultrafast Rectifier Module, 120 A
Revision: 07-May-08
UFB120FA20P VISHAY-UFB120FA20P Datasheet
147Kb / 8P
   Insulated Ultrafast Rectifier Module, 120 A
Revision: 21-Jul-10
UFB120FA20P VISHAY-UFB120FA20P Datasheet
131Kb / 8P
   Insulated Ultrafast Rectifier Module, 120 A
02-Oct-12
More results

Similar Description - UFB80FA20

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-UFL80FA60 VISHAY-VS-UFL80FA60_V02 Datasheet
170Kb / 8P
   Insulated Ultrafast Rectifier Module, 80 A
01-Jan-2023
VS-UFL80FA60 VISHAY-VS-UFL80FA60 Datasheet
157Kb / 7P
   Insulated Ultrafast Rectifier Module, 80 A
Revision: 31-May-16
VS-UFB80FA40 VISHAY-VS-UFB80FA40 Datasheet
140Kb / 6P
   Insulated Ultrafast Rectifier Module, 80 A
Revision: 31-May-16
VS-UFB80FA60 VISHAY-VS-UFB80FA60 Datasheet
144Kb / 6P
   Insulated Ultrafast Rectifier Module, 80 A
Revision: 31-May-16
VS-UFB80FA20 VISHAY-VS-UFB80FA20_V01 Datasheet
169Kb / 8P
   Insulated Ultrafast Rectifier Module, 80 A
01-Jan-2022
VS-UFB80FA40 VISHAY-VS-UFB80FA40_V01 Datasheet
165Kb / 7P
   Insulated Ultrafast Rectifier Module, 80 A
01-Jan-2022
VS-UFB80FA60 VISHAY-VS-UFB80FA60_V02 Datasheet
168Kb / 7P
   Insulated Ultrafast Rectifier Module, 80 A
01-Jan-2023
VS-UFB80FA60 VISHAY-VS-UFB80FA60_V01 Datasheet
169Kb / 7P
   Insulated Ultrafast Rectifier Module, 80 A
01-Jan-2022
VS-UFB80FA20 VISHAY-VS-UFB80FA20 Datasheet
144Kb / 7P
   Insulated Ultrafast Rectifier Module, 80 A
Revision: 31-Mar-16
VS-UFL80FA60 VISHAY-VS-UFL80FA60_V01 Datasheet
171Kb / 8P
   Insulated Ultrafast Rectifier Module, 80 A
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com