Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q62702-C313 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # Q62702-C313
Description  NPN Silicon AF Transistors (High current gain High collector current Low collector-emitter saturation voltage)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q62702-C313 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  Q62702-C313 Datasheet HTML 1Page - Siemens Semiconductor Group Q62702-C313 Datasheet HTML 2Page - Siemens Semiconductor Group Q62702-C313 Datasheet HTML 3Page - Siemens Semiconductor Group Q62702-C313 Datasheet HTML 4Page - Siemens Semiconductor Group Q62702-C313 Datasheet HTML 5Page - Siemens Semiconductor Group Q62702-C313 Datasheet HTML 6Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Semiconductor Group
3
BC 337
BC 338
Electrical Characteristics
at TA = 25 ˚C, unless otherwise specified.
DC current gain1)
IC = 100 mA; VCE = 1 V
BC 337/16; BC 338/16
BC 337/25; BC 338/25
BC 337/40; BC 338/40
IC = 300 mA; VCE = 1 V
BC 337/16; BC 338/16
BC 337/25; BC 338/25
BC 337/40; BC 338/40
hFE
100
160
250
60
100
170
160
250
350
250
400
630
V
Collector-emitter breakdown voltage
IC = 10 mA
BC 337
BC 338
V(BR)CE0
45
25
nA
nA
µA
µA
Collector cutoff current
VCB = 25 V
BC 338
VCB = 45 V
BC 337
VCB = 25 V, TA = 150 ˚C
BC 338
VCB = 45 V, TA = 150 ˚C
BC 337
ICB0
100
100
10
10
Unit
Values
Parameter
Symbol
min.
typ.
max.
DC characteristics
Collector-base breakdown voltage
IC = 100
µA
BC 337
BC 338
V(BR)CB0
50
30
Emitter-base breakdown voltage
IE = 10
µA
V(BR)EB0
5––
V
Collector-emitter saturation voltage1)
IC = 500 mA; IB = 50 mA
VCEsat
0.7
Base-emitter saturation voltage
IC = 500 mA; IB = 50 mA
VBEsat
––2
nA
Emitter cutoff current
VEB = 4 V
IEB0
100
1)
Pulse test: t
300 µs, D 2%.


Similar Part No. - Q62702-C313

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q62702-C310 SIEMENS-Q62702-C310 Datasheet
240Kb / 8P
   PNP SILICON TRANSISTOR
Q62702-C311 SIEMENS-Q62702-C311 Datasheet
143Kb / 6P
   PNP Silicon AF Transistors (High current gain High collector current Low collector-emitter saturation voltage)
Q62702-C311-V2 SIEMENS-Q62702-C311-V2 Datasheet
143Kb / 6P
   PNP Silicon AF Transistors (High current gain High collector current Low collector-emitter saturation voltage)
Q62702-C311-V3 SIEMENS-Q62702-C311-V3 Datasheet
143Kb / 6P
   PNP Silicon AF Transistors (High current gain High collector current Low collector-emitter saturation voltage)
Q62702-C311-V4 SIEMENS-Q62702-C311-V4 Datasheet
143Kb / 6P
   PNP Silicon AF Transistors (High current gain High collector current Low collector-emitter saturation voltage)
More results

Similar Description - Q62702-C313

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BC327 SIEMENS-BC327 Datasheet
143Kb / 6P
   PNP Silicon AF Transistors (High current gain High collector current Low collector-emitter saturation voltage)
BCX58BCX59 SIEMENS-BCX58BCX59 Datasheet
144Kb / 6P
   NPN Silicon AF Transistors (High current gain Low collector-emitter saturation voltage)
BC369 SIEMENS-BC369 Datasheet
126Kb / 4P
   PNP Silicon AF Transistor (High current gain High collector current Low collector-emitter saturation voltage)
BCX78 SIEMENS-BCX78 Datasheet
143Kb / 7P
   PNP Silicon AF Transistors (High current gain Low collector-emitter saturation voltage)
BSP50BSP52 SIEMENS-BSP50BSP52 Datasheet
152Kb / 5P
   NPN Silicon Darlington Transistors (High collector current Low collector-emitter saturation voltage)
BC875 SIEMENS-BC875 Datasheet
173Kb / 4P
   NPN Silicon Darlington Transistors (High current gain Low collector-emitter saturation voltage
BC635 SIEMENS-BC635 Datasheet
126Kb / 5P
   NPN Silicon AF Transistors (High current gain High collector current)
BSS79 SIEMENS-BSS79 Datasheet
157Kb / 5P
   NPN Silicon Switching Transistors (High DC current gain Low collector-emitter saturation voltage)
BSP60BSP62 SIEMENS-BSP60BSP62 Datasheet
153Kb / 5P
   PNP Silicon Darlington Transistors (High collector current Low collector-emitter saturation voltage)
logo
Infineon Technologies A...
SMBTA14 INFINEON-SMBTA14_07 Datasheet
71Kb / 6P
   NPN Silicon Darlington Transistor High collector current Low collector-emitter saturation voltage
2007-04-19
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com