Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSML1000 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TSML1000
Description  High Power Infrared Emitting Diode, RoHS Compliant, 940 nm, GaAlAs/GaAs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSML1000 Datasheet(HTML) 3 Page - Vishay Siliconix

  TSML1000 Datasheet HTML 1Page - Vishay Siliconix TSML1000 Datasheet HTML 2Page - Vishay Siliconix TSML1000 Datasheet HTML 3Page - Vishay Siliconix TSML1000 Datasheet HTML 4Page - Vishay Siliconix TSML1000 Datasheet HTML 5Page - Vishay Siliconix TSML1000 Datasheet HTML 6Page - Vishay Siliconix TSML1000 Datasheet HTML 7Page - Vishay Siliconix TSML1000 Datasheet HTML 8Page - Vishay Siliconix TSML1000 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TSML1000, TSML1020, TSML1030, TSML1040
www.vishay.com
Vishay Semiconductors
Rev. 2.0, 30-Jun-11
3
Document Number: 81033
For technical questions, contact: emittertechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
BASIC CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 3 - Pulse Forward Current vs. Pulse Duration
Fig. 4 - Forward Current vs. Forward Voltage
Fig. 5 - Radiant Intensity vs. Forward Current
Fig. 6 - Radiant Power vs. Forward Current
Fig. 7 - Relative Radiant Intensity/Power vs. Ambient Temperature
Fig. 8 - Relative Radiant Power vs. Wavelength
10
100
1000
10 000
0.01
0.10
1.00
10.00
100.00
t p - Pulse Duration (ms)
14335
tp / T = 0.01
0.05
0.2
0.5
1.0
0.1
0.02
VF - Forward Voltage (V)
13600
101
100
102
103
104
tP = 100 µs
tP/T = 0.001
0
4
3
2
1
16189
103
101
102
104
100
0.1
1
10
1000
100
I
F - Forward Current (mA)
IF - Forward Current (mA)
13602
103
101
102
104
100
0.1
1
10
1000
100
- 10
10
50
0
100
0
0.4
0.8
1.2
1.6
140
94 7993
IF = 20 mA
Tamb - Ambient Temperature (°C)
890
0
0.25
0.5
0.75
1.0
1.25
λ - Wavelength (nm)
14291
I
F = 100 mA
990
940


Similar Part No. - TSML1000

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSML1000 VISHAY-TSML1000 Datasheet
39Kb / 4P
   Extented Power IR Emitting Diode in SMD Package
Rev. 1.8, 08-Mar-05
TSML1000 VISHAY-TSML1000 Datasheet
353Kb / 10P
   High Power Infrared Emitting Diode, 950 nm, GaAlAs/GaAs
Rev. 1.8, 08-Mar-05
TSML1000 VISHAY-TSML1000 Datasheet
241Kb / 9P
   High Power Infrared Emitting Diode, RoHS Compliant, 940 nm, GaAlAs/GaAs
Rev. 1.9, 04-Sep-08
TSML1000 VISHAY-TSML1000 Datasheet
198Kb / 9P
   High Power Infrared Emitting Diode, 940 nm, GaAlAs, MQW
Rev. 2.1, 13-Mar-14
TSML1000 VISHAY-TSML1000 Datasheet
196Kb / 9P
   High Power Infrared Emitting Diode, 940 nm, GaAlAs, MQW
01-Jan-2022
More results

Similar Description - TSML1000

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSAL5300 VISHAY-TSAL5300_08 Datasheet
214Kb / 6P
   High Power Infrared Emitting Diode, RoHS Compliant, 940 nm, GaAlAs/GaAs
Rev. 1.9, 04-Sep-08
TSAL6200 VISHAY-TSAL6200_08 Datasheet
111Kb / 5P
   High Power Infrared Emitting Diode, RoHS Compliant, 940 nm, GaAlAs/GaAs
Rev. 2.1, 04-Sep-08
TSAL6400 VISHAY-TSAL6400_08 Datasheet
117Kb / 5P
   High Power Infrared Emitting Diode, RoHS Compliant, 940 nm, GaAlAs/GaAs
Rev. 1.7, 04-Sep-08
TSAL7400 VISHAY-TSAL7400_08 Datasheet
117Kb / 5P
   High Power Infrared Emitting Diode, RoHS Compliant, 940 nm, GaAlAs/GaAs
Rev. 1.7, 04-Aug-08
TSAL6100 VISHAY-TSAL6100_08 Datasheet
110Kb / 5P
   High Power Infrared Emitting Diode, RoHS Compliant, 940 nm, GaAlAs/GaAs
Rev. 1.5, 05-Sep-08
VSML3710 VISHAY-VSML3710_08 Datasheet
141Kb / 6P
   High Power Infrared Emitting Diode, RoHS Compliant, 940 nm, GaAlAs/GaAs
Rev. 1.3, 04-Sep-08
TSAL7600 VISHAY-TSAL7600_08 Datasheet
120Kb / 5P
   High Power Infrared Emitting Diode, RoHS Compliant, 940 nm, GaAlAs/GaAs
Rev. 1.7, 04-Sep-08
TSAL7200 VISHAY-TSAL7200_08 Datasheet
110Kb / 5P
   High Power Infrared Emitting Diode, RoHS Compliant, 940 nm, GaAlAs/GaAs
Rev. 1.7, 04-Sep-08
TSAL4400 VISHAY-TSAL4400_08 Datasheet
110Kb / 5P
   High Power Infrared Emitting Diode, RoHS Compliant, 940 nm, GaAlAs/GaAs
Rev. 1.6, 16-Sep-08
TSML1030 VISHAY-TSML1030 Datasheet
241Kb / 9P
   High Power Infrared Emitting Diode, RoHS Compliant, 940 nm, GaAlAs/GaAs
Rev. 1.9, 04-Sep-08
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com