Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPSMP36 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # TPSMP36
Description  High Power Density Surface Mount PAR Transient Voltage Suppressors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TPSMP36 Datasheet(HTML) 4 Page - Vishay Siliconix

  TPSMP36 Datasheet HTML 1Page - Vishay Siliconix TPSMP36 Datasheet HTML 2Page - Vishay Siliconix TPSMP36 Datasheet HTML 3Page - Vishay Siliconix TPSMP36 Datasheet HTML 4Page - Vishay Siliconix TPSMP36 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.vishay.com
For technical questions within your region, please contact one of the following:
Document Number: 88471
4
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Revision: 19-Apr-11
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TPSMP6.8 thru TPSMP43A
Vishay General Semiconductor
New Product
Fig. 5 - Maximum Peak Forward Surge Current
Fig. 6 - Steady State Power Derating Curve
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
Number of Cycles at 50 Hz
40
0
1
100
10
10
5
35
30
25
20
15
T
A = TL, on Infinite Heatsink
FR-4 PCB, on Vishay
minimum recommended
Pad Layout
TJ - Initial Temperature (°C)
3.0
0.0
0
150
200
25
175
50
2.0
2.5
0.5
125
100
75
1.5
1.0
0.000 (0.00)
0.012 (0.30)
0.013 (0.35)
0.004 (0.10)
0.018 (0.45)
0.006 (0.15)
0.045 (1.15)
0.033 (0.85)
0.036 (0.91)
0.024 (0.61)
0.016 (0.40)
0.032 (0.80)
0.053 (1.35)
0.041 (1.05)
0.012 (0.30) REF.
0.105
(2.67)
0.025
(0.635)
0.100
(2.54)
0.030
(0.762)
0.050
(1.27)
Cathode Band
0.142 (3.61)
0.126 (3.19)
0.158 (4.00)
0.146 (3.70)
0.086 (2.18)
0.074 (1.88)
0.087 (2.20)
0.103 (2.60)
DO-220AA (SMP)


Similar Part No. - TPSMP36

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TPSMP36 VISHAY-TPSMP36 Datasheet
103Kb / 5P
   High Power Density Surface Mount Automotive Transient Voltage Suppressors
Revision: 21-Oct-08
TPSMP36 VISHAY-TPSMP36 Datasheet
88Kb / 5P
   High Power Density Surface Mount PAR Transient Voltage Suppressors
Revision: 08-Oct-12
TPSMP36A VISHAY-TPSMP36A Datasheet
103Kb / 5P
   High Power Density Surface Mount Automotive Transient Voltage Suppressors
Revision: 21-Oct-08
TPSMP36A VISHAY-TPSMP36A Datasheet
88Kb / 5P
   High Power Density Surface Mount PAR Transient Voltage Suppressors
Revision: 08-Oct-12
TPSMP36A VISHAY-TPSMP36A Datasheet
97Kb / 5P
   High Power Density Surface Mount PAR® Transient Voltage Suppressors
01-Jan-2022
More results

Similar Description - TPSMP36

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TPSMP36AHM3 VISHAY-TPSMP36AHM3 Datasheet
88Kb / 5P
   High Power Density Surface Mount PAR Transient Voltage Suppressors
Revision: 08-Oct-12
TPSMP43A VISHAY-TPSMP43A_V01 Datasheet
97Kb / 5P
   High Power Density Surface Mount PAR® Transient Voltage Suppressors
01-Jan-2022
TPSMP24AHM3-84A VISHAY-TPSMP24AHM3-84A Datasheet
88Kb / 5P
   High Power Density Surface Mount PAR® Transient Voltage Suppressors
Revision: 08-Oct-12
SM8S40AHE3 VISHAY-SM8S40AHE3 Datasheet
94Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 18-Sep-12
5KASMC10A VISHAY-5KASMC10A_18 Datasheet
92Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 18-Jan-18
TPSMA6.8A VISHAY-TPSMA6.8A_17 Datasheet
84Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 11-Jul-17
SM5S10 VISHAY-SM5S10_11 Datasheet
87Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 18-Apr-11
SM8S24AHE3 VISHAY-SM8S24AHE3 Datasheet
98Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 14-Sep-11
SM6A27 VISHAY-SM6A27_11 Datasheet
85Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 18-Apr-11
3KASMC10 VISHAY-3KASMC10_11 Datasheet
92Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 29-Jul-11
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com