Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC617 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # BC617
Description  NPN Silicon Darlington Transistors (High current gain High collector current)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BC617 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  BC617 Datasheet HTML 1Page - Siemens Semiconductor Group BC617 Datasheet HTML 2Page - Siemens Semiconductor Group BC617 Datasheet HTML 3Page - Siemens Semiconductor Group BC617 Datasheet HTML 4Page - Siemens Semiconductor Group BC617 Datasheet HTML 5Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Semiconductor Group
3
BC 617
BC 618
Electrical Characteristics
at TA = 25 ˚C, unless otherwise specified.
MHz
Transition frequency
IC = 50 mA, VCE = 5 V, f = 20 MHz
fT
150
Unit
Values
Parameter
Symbol
min.
typ.
max.
AC characteristics
pF
Output capacitance
VCB = 10 V, f = 1 MHz
Cobo
3.5
Total power dissipation Ptot = f (TA; TC)
Collector cutoff current ICB0 = f (TA)
VCB = 40 V, 60 V


Similar Part No. - BC617

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC618 MOTOROLA-BC618 Datasheet
208Kb / 6P
   Darlington Transistors
logo
ON Semiconductor
BC618 ONSEMI-BC618 Datasheet
150Kb / 6P
   Darlington Transistors(NPN Silicon)
1996
logo
NXP Semiconductors
BC618 PHILIPS-BC618 Datasheet
44Kb / 7P
   NPN Darlington transistor
2004 Nov 05
BC618 PHILIPS-BC618 Datasheet
54Kb / 7P
   NPN Darlington transistor
2004 Nov 05
logo
ON Semiconductor
BC618 ONSEMI-BC618 Datasheet
71Kb / 6P
   Darlington Transistors NPN Silicon
January, 2006 ??Rev. 3
More results

Similar Description - BC617

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BC876 SIEMENS-BC876 Datasheet
170Kb / 4P
   PNP Silicon Darlington Transistors (High current gain High collector current)
BC517 SIEMENS-BC517 Datasheet
138Kb / 4P
   NPN Silicon Darlington Transistor (High current gain High collector current)
BC635 SIEMENS-BC635 Datasheet
126Kb / 5P
   NPN Silicon AF Transistors (High current gain High collector current)
BCP29 SIEMENS-BCP29 Datasheet
153Kb / 5P
   NPN Silicon Darlington Transistors (For general AF applications High collector current High current gain)
BC516 SIEMENS-BC516 Datasheet
138Kb / 4P
   PNP Silicon Darlington Transistor (High current gain High collector current)
BC875 SIEMENS-BC875 Datasheet
173Kb / 4P
   NPN Silicon Darlington Transistors (High current gain Low collector-emitter saturation voltage
BC636 SIEMENS-BC636 Datasheet
126Kb / 5P
   PNP Silicon AF Transistors (High current gain High collector current)
BCP28 SIEMENS-BCP28 Datasheet
153Kb / 5P
   PNP Silicon Darlington Transistors (For general AF applications High collector current High current gain)
BC337 SIEMENS-BC337 Datasheet
150Kb / 6P
   NPN Silicon AF Transistors (High current gain High collector current Low collector-emitter saturation voltage)
BC368 SIEMENS-BC368 Datasheet
125Kb / 4P
   NPN Silicon AF Transistor (High current gain High collector current)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com