Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSAL5100 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # TSAL5100
Description  High Power Infrared Emitting Diode, 940 nm, GaAlAs/GaAs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSAL5100 Datasheet(HTML) 4 Page - Vishay Siliconix

  TSAL5100_09 Datasheet HTML 1Page - Vishay Siliconix TSAL5100_09 Datasheet HTML 2Page - Vishay Siliconix TSAL5100_09 Datasheet HTML 3Page - Vishay Siliconix TSAL5100_09 Datasheet HTML 4Page - Vishay Siliconix TSAL5100_09 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Document Number: 81007
For technical questions, contact: emittertechsupport@vishay.com
www.vishay.com
Rev. 1.6, 29-Jun-09
4
TSAL5100
High Power Infrared Emitting Diode,
940 nm, GaAlAs/GaAs
Vishay Semiconductors
Fig. 9 - Relative Radiant Intensity vs. Angular Displacement
PACKAGE DIMENSIONS in millimeters
0.4
0.2
0
15989
0.6
0.9
0.8
30°
10°
20°
40°
50°
60°
70°
80°
0.7
1.0
14435
1.1 ± 0.25
0.5
+ 0.15
- 0.05
Ø 5 ± 0.15
2.54 nom.
0.5
+ 0.15
- 0.05
Area not plane
6.544-5258.08-4
A
C
R 2.49 (sphere)
specifications
according to DIN
technical drawings
Issue: 4; 19.05.09


Similar Part No. - TSAL5100_09

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSAL5100 VISHAY-TSAL5100_08 Datasheet
111Kb / 5P
   High Power Infrared Emitting Diode, RoHS Compliant, 940 nm, GaAlAs/GaAs
Rev. 1.5, 04-Sep-08
More results

Similar Description - TSAL5100_09

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSAL6400 VISHAY-TSAL6400_09 Datasheet
111Kb / 5P
   High Power Infrared Emitting Diode, 940 nm, GaAlAs/GaAs
Rev. 1.8, 29-Jun-09
VSML3710 VISHAY-VSML3710_09 Datasheet
142Kb / 6P
   High Power Infrared Emitting Diode, 940 nm, GaAlAs/GaAs
Rev. 1.4, 03-Nov-09
TSAL5100 VISHAY-TSAL5100_V01 Datasheet
101Kb / 5P
   High Power Infrared Emitting Diode, 940 nm, GaAlAs/GaAs
02-Oct-12
TSAL6100 VISHAY-TSAL6100_09 Datasheet
113Kb / 5P
   High Power Infrared Emitting Diode, 940 nm, GaAlAs/GaAs
Rev. 1.6, 29-Jun-09
TSAL7400 VISHAY-TSAL7400_09 Datasheet
110Kb / 5P
   High Power Infrared Emitting Diode, 940 nm, GaAlAs/GaAs
Rev. 1.8, 29-Jun-09
TSAL7600 VISHAY-TSAL7600_09 Datasheet
112Kb / 5P
   High Power Infrared Emitting Diode, 940 nm, GaAlAs/GaAs
Rev. 1.8, 29-Jun-09
TSAL7300 VISHAY-TSAL7300_V01 Datasheet
101Kb / 5P
   High Power Infrared Emitting Diode, 940 nm, GaAlAs/GaAs
02-Oct-12
TSAL7400 VISHAY-TSAL7400_V01 Datasheet
99Kb / 5P
   High Power Infrared Emitting Diode, 940 nm, GaAlAs/GaAs
02-Oct-12
TSAL7600 VISHAY-TSAL7600_V01 Datasheet
101Kb / 5P
   High Power Infrared Emitting Diode, 940 nm, GaAlAs/GaAs
02-Oct-12
TSAL5300 VISHAY-TSAL5300_09 Datasheet
216Kb / 6P
   High Power Infrared Emitting Diode, 940 nm, GaAlAs/GaAs
Rev. 2.0, 29-Jun-09
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com