Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TFU0603 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TFU0603
Description  Thick Film Chip Fuses
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TFU0603 Datasheet(HTML) 2 Page - Vishay Siliconix

  TFU0603 Datasheet HTML 1Page - Vishay Siliconix TFU0603 Datasheet HTML 2Page - Vishay Siliconix TFU0603 Datasheet HTML 3Page - Vishay Siliconix TFU0603 Datasheet HTML 4Page - Vishay Siliconix TFU0603 Datasheet HTML 5Page - Vishay Siliconix TFU0603 Datasheet HTML 6Page - Vishay Siliconix TFU0603 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.vishay.com
For technical questions, contact: fuse@vishay.com
Document Number: 28797
2
Revision: 26-May-10
TFU 0603
Vishay Beyschlag
Thick Film Chip Fuses
Notes
(1) Products can be ordered using either the PART NUMBER or the PRODUCT DESCRIPTION
PART NUMBER AND PRODUCT DESCRIPTION (1)
PART NUMBER: TFU0603FF04000P500
MODEL/SIZE
FUSE CHARACTERISTIC
RATED CURRENT VALUE
PACKAGING
SPECIAL
TFU0603
FF = Very quick acting
Rated current value in mA.
Example:
4.0 A = 04000
P1
P5
PW
Up to 2 digits
00 = Standard
PRODUCT DESCRIPTION: TFU 0603-FF P5 4A0
TFU
0603
-FF
P5
4A0
MODEL
SIZE
FUSE CHARACTERISTIC
PACKAGING
RATED CURRENT VALUE
TFU
0603
FF = Very quick acting
P1
P5
PW
Rated current value in mA.
Example:
4.0 A = 4A0
PACKAGING
MODEL
REEL
DIAMETER
PIECES/REEL
CODE
TFU 0603
180 mm/7"
1000
P1
180 mm/7"
5000
P5
330 mm/13"
20 000
PW
T
F
U
0
6
0
3
F
F
0
4
0
0
0
P
5
0
0


Similar Part No. - TFU0603

ManufacturerPart #DatasheetDescription
logo
Christian Bürkert GmbH ...
TFU001 BURKERT-TFU001 Datasheet
314Kb / 5P
   Strainer
27.08.2019
TFU002 BURKERT-TFU002 Datasheet
580Kb / 7P
   Check valve for water and air
03.11.2022
TFU005 BURKERT-TFU005 Datasheet
485Kb / 5P
   Non-return flap for water
06.08.2021
TFU006 BURKERT-TFU006 Datasheet
715Kb / 9P
   Pressure regulator for water
03.10.2022
More results

Similar Description - TFU0603

ManufacturerPart #DatasheetDescription
logo
Rohm
MCR03EZPFX1002 ROHM-MCR03EZPFX1002 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR03EZPJ133 ROHM-MCR03EZPJ133 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR01MZPF1000 ROHM-MCR01MZPF1000 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR18EZPF56R0 ROHM-MCR18EZPF56R0 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
logo
Panasonic Semiconductor
ERJ-6GEYJ241V PANASONIC-ERJ-6GEYJ241V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-6GEYJ4R7V PANASONIC-ERJ-6GEYJ4R7V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-12Y0R00U PANASONIC-ERJ-12Y0R00U Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-1TRQFR33U PANASONIC-ERJ-1TRQFR33U Datasheet
109Kb / 4P
   Thick Film Chip Resistors
ERJ-12ZYJ331U PANASONIC-ERJ-12ZYJ331U Datasheet
218Kb / 2P
   Thick Film Chip Resistors
logo
NIC-Components Corp.
NRCA NIC-NRCA Datasheet
107Kb / 5P
   Thick Film Chip Resistors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com