Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TFDU6103 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TFDU6103
Description  Fast Infrared Transceiver Module (FIR, 4 Mbit/s) for 2.4 V to 5.5 V Operation
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TFDU6103 Datasheet(HTML) 1 Page - Vishay Siliconix

  TFDU6103_09 Datasheet HTML 1Page - Vishay Siliconix TFDU6103_09 Datasheet HTML 2Page - Vishay Siliconix TFDU6103_09 Datasheet HTML 3Page - Vishay Siliconix TFDU6103_09 Datasheet HTML 4Page - Vishay Siliconix TFDU6103_09 Datasheet HTML 5Page - Vishay Siliconix TFDU6103_09 Datasheet HTML 6Page - Vishay Siliconix TFDU6103_09 Datasheet HTML 7Page - Vishay Siliconix TFDU6103_09 Datasheet HTML 8Page - Vishay Siliconix TFDU6103_09 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Document Number: 81211
For technical questions within your region, please contact one of the following:
irdasupportAM@vishay.com, irdasupportAP@vishay.com, irdasupportEU@vishay.com
www.vishay.com
Rev. 1.4, 29-Jul-09
1
Fast Infrared Transceiver Module (FIR, 4 Mbit/s)
for 2.4 V to 5.5 V Operation
TFDU6103
Vishay Semiconductors
DESCRIPTION
The TFDU6103 is a low-power infrared transceiver module
compliant to the latest IrDA® physical layer standard for fast
infrared data communication, supporting IrDA speeds up to
4 Mbit/s (FIR), and carrier based remote control modes up to
2 MHz. Integrated within the transceiver module are a PIN
photodiode, an infrared emitter (IRED), and a low-power
CMOS control IC to provide a total front-end solution in a
single package.
Vishay FIR transceivers are available in different package
options, including this BabyFace package (TFDU6103). This
wide selection provides flexibility for a variety of applications
and space constraints. The
transceivers are capable of
directly interfacing with a wide variety of I/O devices which
perform the modulation/demodulation function, including
National
Semiconductor’s
PC87338,
PC87108
and
PC87109,
SMC’s
FDC37C669,
FDC37N769
and
CAM35C44, and Hitachi’s SH3. TFDU6103 has a tri-state
output and is floating in shut-down mode with a weak pull-up.
APPLICATIONS
• Notebook computers, desktop PCs, palmtop computers
(Win CE, Palm PC), PDAs
• Digital still and video cameras
• Printers, fax machines, photocopiers, screen projectors
• Telecommunication products (cellular phones, pagers)
• Internet TV boxes, video conferencing systems
• External infrared adapters (dongles)
• Medical an industrial data collection
FEATURES
• Supply voltage 2.4 V to 5.5 V, operating idle
current (receive mode) < 3.3 mA, shutdown
current < 1 µA over full temperature range
• Surface mount package, top and side view,
9.7 mm x 4.7 mm x 4 mm
• Operating temperature - 25 °C to 85 °C
• Transmitter wavelength typ. 886 nm, supporting
IrDA and remote control
• IrDA compliant, link distance > 1 m, ± 15°, window losses
are allowed to still be inside the IrDA spec.
• Remote control range > 8 m, typ. 22 m
• ESD > 1 kV
• Latchup > 100 mA
• EMI immunity > 550 V/m for GSM frequency and other
mobile telephone bands/(700 MHz to 2000 MHz, no
external shield)
• Split power supply, LED can be driven by a separate power
supply not loading the regulated supply. U.S. pat.
no. 6,157,476
• Tri-state-receiver output, floating in shut down with a weak
pull-up
• Eye safety class 1 (IEC 60825-1, ed. 2001), limited LED
on-time, LED current is controlled, no single fault to be
considered
• Qualified for lead (Pb)-free and Sn/Pb processing (MSL4)
• Compliant
to
RoHS
directive
2002/95/EC
and
in
accordance to WEEE 2002/96/EC
20110
PRODUCT SUMMARY
PART NUMBER
DATA RATE
(kbit/s)
DIMENSIONS
H x L x W
(mm x mm x mm)
LINK DISTANCE
(m)
OPERATING
VOLTAGE
(V)
IDLE SUPPLY
CURRENT
(mA)
TFDU6103
4000
4 x 9.7 x 4.7
0 to
 1
2.4 to 5.5
2
PARTS TABLE
PART
DESCRIPTION
QTY/REEL
TFDU6103-TR3
Oriented in carrier tape for side view surface mounting
1000 pcs
TFDU6103-TT3
Oriented in carrier tape for top view surface mounting
1000 pcs


Similar Part No. - TFDU6103_09

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TFDU6103-TR3 VISHAY-TFDU6103-TR3 Datasheet
265Kb / 15P
   Fast Infrared Transceiver Module (FIR, 4 Mbit/s) for 2.4 V to 5.5 V Operation
Rev. 1.3, 03-Jul-08
TFDU6103-TT3 VISHAY-TFDU6103-TT3 Datasheet
265Kb / 15P
   Fast Infrared Transceiver Module (FIR, 4 Mbit/s) for 2.4 V to 5.5 V Operation
Rev. 1.3, 03-Jul-08
More results

Similar Description - TFDU6103_09

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TFDU6103 VISHAY-TFDU6103 Datasheet
265Kb / 15P
   Fast Infrared Transceiver Module (FIR, 4 Mbit/s) for 2.4 V to 5.5 V Operation
Rev. 1.3, 03-Jul-08
TFDU6102 VISHAY-TFDU6102_05 Datasheet
295Kb / 18P
   Fast Infrared Transceiver Module (FIR, 4 Mbit/s) for 2.7 V to 5.5 V Operation
Rev. 1.6, 05-Dec-05
TFDU6300 VISHAY-TFDU6300 Datasheet
214Kb / 15P
   Fast Infrared Transceiver Module (FIR, 4 Mbit/s) for 2.4 V to 3.6 V Operation
Rev. 1.8, 03-Jul-08
TFDU6102 VISHAY-TFDU6102 Datasheet
420Kb / 16P
   Fast Infrared Transceiver Module (FIR, 4 Mbit/s) for 2.7 V to 5.5 V Operation
Rev. 1.5, 24-Jun-04
TFDU6102E VISHAY-TFDU6102E Datasheet
667Kb / 17P
   Fast Infrared Transceiver Module Family (FIR, 4 Mbit/s) for 2.6 V to 5.5 V Operation
Rev. B1.6, 02-Nov-00
TFDU6101E VISHAY-TFDU6101E Datasheet
667Kb / 17P
   Fast Infrared Transceiver Module Family (FIR, 4 Mbit/s) for 2.6 V to 5.5 V Operation
Rev. B1.6, 02-Nov-00
TFDU6301 VISHAY-TFDU6301 Datasheet
217Kb / 15P
   Fast Infrared Transceiver Module (FIR, 4 Mbit/s) for 2.4 V to 3.6 V Operation and Low-Voltage Logic (1.8 V)
Rev. 1.8, 03-Jul-08
TFDU5102-TR3 VISHAY-TFDU5102-TR3 Datasheet
243Kb / 12P
   Fast Infrared Transceiver Module Family (MIR, 1 Mbit/s) for 2.6 V to 5.5 V Operation
Rev. A1.1, 12-Nov-02
TFDU6300 VISHAY-TFDU6300_09 Datasheet
193Kb / 12P
   Fast Infrared Transceiver Module (FIR, 4 Mbit/s)
Rev. 2.0, 04-Aug-09
TFBS4711 VISHAY-TFBS4711_10 Datasheet
182Kb / 12P
   Serial Infrared Transceiver SIR, 115.2 kbit/s, 2.4 V to 5.5 V Operation
Rev. 3.0, 19-Nov-10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com