Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T85HFL10S10 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # T85HFL10S10
Description  Fast Recovery Diodes (T-Modules), 40 A/70 A/85 A
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T85HFL10S10 Datasheet(HTML) 1 Page - Vishay Siliconix

  T85HFL10S10 Datasheet HTML 1Page - Vishay Siliconix T85HFL10S10 Datasheet HTML 2Page - Vishay Siliconix T85HFL10S10 Datasheet HTML 3Page - Vishay Siliconix T85HFL10S10 Datasheet HTML 4Page - Vishay Siliconix T85HFL10S10 Datasheet HTML 5Page - Vishay Siliconix T85HFL10S10 Datasheet HTML 6Page - Vishay Siliconix T85HFL10S10 Datasheet HTML 7Page - Vishay Siliconix T85HFL10S10 Datasheet HTML 8Page - Vishay Siliconix T85HFL10S10 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Document Number: 93184
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 19-May-10
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
1
Fast Recovery Diodes (T-Modules), 40 A/70 A/85 A
T40HFL, T70HFL, T85HFL Series
Vishay Semiconductors
FEATURES
• Fast recovery time characteristics
• Electrically isolated base plate
• 3500 VRMS isolating voltage
• Standard JEDEC package
• Simplified mechanical designs, rapid assembly
• Large creepage distances
• UL E78996 approved
• Compliant to RoHS directive 2002/95/EC
• Designed and qualified for industrial level
DESCRIPTION
The series of T-modules uses fast recovery power diodes in
a single diode configuration. The semiconductors are
electrically isolated from the metal base, allowing common
heatsink and compact assemblies to be built.
These single diode modules can be used in conjunction with
the thyristor modules as a freewheel diode. Application
includes self-commutated inverters, DC choppers, motor
control, inductive heating and electronic welders. These
modules are intended for those applications where very fast
recovery characteristics are required and for general power
switching applications.
PRODUCT SUMMARY
IF(AV)
40 A/70 A/85 A
Type
Modules - Diode, Fast
D-55
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL
CHARACTERISTICS
T40HFL
T70HFL
T85HFL
UNITS
IF(AV)
40
70
85
A
IF(RMS)
63
110
133
A
IFSM
50 Hz
475
830
1300
A
60 Hz
500
870
1370
I2t
50 Hz
1130
3460
8550
A2s
60 Hz
1030
3160
7810
VRRM
Range
100 to 1000
V
trr
Range
200 to 1000
ns
TJ
Range
- 40 to 125
°C


Similar Part No. - T85HFL10S10

ManufacturerPart #DatasheetDescription
logo
International Rectifier
T85HFL10S10 IRF-T85HFL10S10 Datasheet
219Kb / 13P
   FAST RECOVERY DIODES
logo
Vishay Siliconix
T85HFL10S10 VISHAY-T85HFL10S10 Datasheet
409Kb / 15P
   Fast Recovery Diodes, 40/70/85 A (T-Modules)
Revision: 13-Feb-08
More results

Similar Description - T85HFL10S10

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-T40HFL VISHAY-VS-T40HFL_V01 Datasheet
367Kb / 16P
   Fast Recovery Diodes (T-Modules), 40 A, 70 A, 85 A
01-Jan-2022
T40HFL VISHAY-T40HFL_V01 Datasheet
427Kb / 16P
   Fast Recovery Diodes (T-Modules), 40 A/70 A/85 A
12-Mar-12
VS-T70HFL60S02 VISHAY-VS-T70HFL60S02 Datasheet
423Kb / 16P
   Fast Recovery Diodes (T-Modules), 40 A/70 A/85 A
Revision: 19-May-10
T40HFL VISHAY-T40HFL Datasheet
409Kb / 15P
   Fast Recovery Diodes, 40/70/85 A (T-Modules)
Revision: 13-Feb-08
VS-40HFL VISHAY-VS-40HFL Datasheet
220Kb / 14P
   Fast Recovery Diodes (Stud Version), 40 A, 70 A, 85 A
Revision: 02-Mar-17
VS-40HFL60S02 VISHAY-VS-40HFL60S02 Datasheet
1Mb / 14P
   Fast Recovery Diodes (Stud Version), 40 A/70 A/85 A
Revision: 25-May-09
T40HF VISHAY-T40HF Datasheet
303Kb / 11P
   Power Rectifier Diodes (T-Modules), 40 A/70 A/85 A/110 A
Revision: 12-Jun-08
VS-40HFL VISHAY-VS-40HFL_V01 Datasheet
206Kb / 14P
   Fast Recovery Diodes (Stud Version), 40 A, 70 A, 85 A
01-Jan-2022
40HFL VISHAY-40HFL_12 Datasheet
1Mb / 14P
   Fast Recovery Diodes (Stud Version), 40 A/70 A/85 A
Revision: 25-May-09
40HFL VISHAY-40HFL Datasheet
1Mb / 12P
   Fast Recovery Diodes (Stud Version), 40/70/85 A
Revision: 16-May-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com