Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T85HFL80S05 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # T85HFL80S05
Description  Fast Recovery Diodes (T-Modules), 40 A/70 A/85 A
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T85HFL80S05 Datasheet(HTML) 3 Page - Vishay Siliconix

  T85HFL80S05 Datasheet HTML 1Page - Vishay Siliconix T85HFL80S05 Datasheet HTML 2Page - Vishay Siliconix T85HFL80S05 Datasheet HTML 3Page - Vishay Siliconix T85HFL80S05 Datasheet HTML 4Page - Vishay Siliconix T85HFL80S05 Datasheet HTML 5Page - Vishay Siliconix T85HFL80S05 Datasheet HTML 6Page - Vishay Siliconix T85HFL80S05 Datasheet HTML 7Page - Vishay Siliconix T85HFL80S05 Datasheet HTML 8Page - Vishay Siliconix T85HFL80S05 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Document Number: 93184
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 19-May-10
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
3
T40HFL, T70HFL, T85HFL Series
Fast Recovery Diodes
(T-Modules), 40 A/70 A/85 A
Vishay Semiconductors
Note
(1) Tested on LEM 300 A diodemeter tester
Note
(1) A mounting compound is recommended and the torque should be rechecked after a period of about 3 hours to allow for the spread of
the compound
Note
• The table above shows the increment of thermal resistance RthJC when devices operate at different conduction angles than DC
REVERSE RECOVERY CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS (1)
T40HFL
T70HFL
T85HFL
UNITS
S02
S05
S10
S02
S05
S10
S02
S05
S10
Maximum reverse
recovery time
trr
TJ = 25 °C, -dIF/dt = 100 A/μs
IF = 1 A to VR = 30 V
70
110
270
70
110
270
80
120
290
ns
TJ = 25 °C, -dIF/dt = 25 A/μs
IFM =
π x rated IF(AV), VR = - 30 V
200
500
1000
200
500
1000
200
500
1000
Maximum reverse
recovery charge
Qrr
TJ = 25 °C, -dIF/dt = 100 A/μs
IF = 1 A to VR = 30 V
0.25
0.4
1.35
0.25
0.4
1.35
0.3
0.6
1.6
μC
TJ = 25 °C, -dIF/dt = 25 A/μs
IFM =
π x rated IF(AV), VR = - 30 V
0.55
2.0
8.0
0.6
2.1
8.5
0.8
3.5
1.5
BLOCKING
PARAMETER
SYMBOL
TEST CONDITIONS
T40HFL T70HFL T85HFL
UNITS
Maximum peak reverse leakage current
IRRM
TJ = 125 °C
20
mA
RMS isolation voltage
VISOL
50 Hz, circuit to base, all terminals
shorted, TJ = 25 °C, t = 1 s
3500
V
THERMAL AND MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
T40HFL T70HFL T85HFL
UNITS
Junction operating temperature range
TJ
- 40 to 125
°C
Storage temperature range
TStg
- 40 to 150
Maximum internal thermal resistance,
junction to case per module
RthJC
DC operation
0.85
0.53
0.46
K/W
Thermal resistance,
case to heatsink per module
RthCS
Mounting surface, flat, smooth
and greased
0.2
Mounting torque ± 10 %
base to heatsink
M3.5 mounting screws (1)
Non-lubricated threads
1.3 ± 10 %
Nm
busbar to terminal
M5 screws terminals
Non-lubricated threads
3 ± 10 %
Approximate weight
See dimensions -
link at the end of datasheet
54
g
19
oz.
Case style
D-55 (T-module)
ΔR CONDUCTION
DEVICES
SINUSOIDAL CONDUCTION AT TJ MAXIMUM
RECTANGULAR CONDUCTION AT TJ MAXIMUM
UNITS
180°
120°
90°
60°
30°
180°
120°
90°
60°
30°
T40HFL
0.06
0.08
0.10
0.14
0.24
0.05
0.08
0.10
0.15
0.24
K/W
T70HFL
0.05
0.06
0.08
0.11
0.19
0.04
0.06
0.08
0.12
0.19
T85HFL
0.04
0.05
0.06
0.09
0.15
0.03
0.05
0.07
0.09
0.015


Similar Part No. - T85HFL80S05

ManufacturerPart #DatasheetDescription
logo
International Rectifier
T85HFL80S05 IRF-T85HFL80S05 Datasheet
219Kb / 13P
   FAST RECOVERY DIODES
logo
Vishay Siliconix
T85HFL80S05 VISHAY-T85HFL80S05 Datasheet
409Kb / 15P
   Fast Recovery Diodes, 40/70/85 A (T-Modules)
Revision: 13-Feb-08
More results

Similar Description - T85HFL80S05

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-T40HFL VISHAY-VS-T40HFL_V01 Datasheet
367Kb / 16P
   Fast Recovery Diodes (T-Modules), 40 A, 70 A, 85 A
01-Jan-2022
T40HFL VISHAY-T40HFL_V01 Datasheet
427Kb / 16P
   Fast Recovery Diodes (T-Modules), 40 A/70 A/85 A
12-Mar-12
VS-T70HFL60S02 VISHAY-VS-T70HFL60S02 Datasheet
423Kb / 16P
   Fast Recovery Diodes (T-Modules), 40 A/70 A/85 A
Revision: 19-May-10
T40HFL VISHAY-T40HFL Datasheet
409Kb / 15P
   Fast Recovery Diodes, 40/70/85 A (T-Modules)
Revision: 13-Feb-08
VS-40HFL VISHAY-VS-40HFL Datasheet
220Kb / 14P
   Fast Recovery Diodes (Stud Version), 40 A, 70 A, 85 A
Revision: 02-Mar-17
VS-40HFL60S02 VISHAY-VS-40HFL60S02 Datasheet
1Mb / 14P
   Fast Recovery Diodes (Stud Version), 40 A/70 A/85 A
Revision: 25-May-09
T40HF VISHAY-T40HF Datasheet
303Kb / 11P
   Power Rectifier Diodes (T-Modules), 40 A/70 A/85 A/110 A
Revision: 12-Jun-08
VS-40HFL VISHAY-VS-40HFL_V01 Datasheet
206Kb / 14P
   Fast Recovery Diodes (Stud Version), 40 A, 70 A, 85 A
01-Jan-2022
40HFL VISHAY-40HFL_12 Datasheet
1Mb / 14P
   Fast Recovery Diodes (Stud Version), 40 A/70 A/85 A
Revision: 25-May-09
40HFL VISHAY-40HFL Datasheet
1Mb / 12P
   Fast Recovery Diodes (Stud Version), 40/70/85 A
Revision: 16-May-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com