Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDSO1160 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TDSO1160
Description  Standard 7-Segment Display 7 mm
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TDSO1160 Datasheet(HTML) 3 Page - Vishay Siliconix

  TDSO1160 Datasheet HTML 1Page - Vishay Siliconix TDSO1160 Datasheet HTML 2Page - Vishay Siliconix TDSO1160 Datasheet HTML 3Page - Vishay Siliconix TDSO1160 Datasheet HTML 4Page - Vishay Siliconix TDSO1160 Datasheet HTML 5Page - Vishay Siliconix TDSO1160 Datasheet HTML 6Page - Vishay Siliconix TDSO1160 Datasheet HTML 7Page - Vishay Siliconix TDSO1160 Datasheet HTML 8Page - Vishay Siliconix TDSO1160 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Document Number: 83124
For technical questions, contact: LED@Vishay.com
www.vishay.com
Rev. 1.7, 30-Jun-10
3
TDSG1150, TDSG1160, TDSO1150, TDSO1160, TDSY1150, TDSY1160
Standard 7-Segment Display 7 mm Vishay Semiconductors
Note
(1) IVmin. and IV groups are mean values of all segments (a to g, D1 to D4), matching factor within segments is
≥ 0.5, excluding decimal points
and colon.
Note
(1) IVmin. and IV groups are mean values of all segments (a to g, D1 to D4), matching factor within segments is
≥ 0.5, excluding decimal points
and colon.
Note
The above type numbers represent the order groups which include
only a few brightness groups. Only one group will be shipped in one
tube (there will be no mixing of two groups in one tube).
In order to ensure availability, single brightness groups will not be
orderable.
Note
Wavelengths are tested at a current pulse duration of 25 ms and an
accuracy of ± 1 nm.
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
TDSY1150, TDSY1160, YELLOW
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous intensity per segment
(digit average) (1)
IF = 10 mA
TDSY1150
IV
450
3000
-
μcd
TDSY1150-K
1800
-
3600
TDSY1150-KL
1800
-
5600
TDSY1160
450
3000
-
Dominant wavelength
IF = 10 mA
TDSY1150,
TDSY1160
λd
581
-
594
nm
Peak wavelength
IF = 10 mA
λp
-585
-
nm
Angle of half intensity
IF = 10 mA
ϕ
-± 50
-
deg
Forward voltage per segment or DP
IF = 20 mA
VF
-2.4
3
V
Reverse voltage per segment or DP
IR = 10 μA
VR
615
-
V
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
TDSG1150, TDSG1160, GREEN
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous intensity per segment
(digit average) (2)
IF = 10 mA
TDSG1150
IV
450
6000
-
μcd
TDSG1150-LM
2800
-
9000
TDSG1160
450
6000
-
Dominant wavelength
IF = 10 mA
TDSG1150,
TDSG1160
λd
562
-
575
nm
Peak wavelength
IF = 10 mA
λp
-565
-
nm
Angle of half intensity
IF = 10 mA
ϕ
-± 50
-
deg
Forward voltage per segment or DP
IF = 20 mA
VF
-2.4
3
V
Reverse voltage per segment or DP
IR = 10 μA
VR
615
-
V
LUMINOUS INTENSITY CLASSIFICATION
GROUP
LIGHT INTENSITY (μcd)
STANDARD
MIN.
MAX.
E
180
360
F
280
560
G
450
900
H
700
1400
I
1100
2200
K
1800
3600
L
2800
5600
M
4500
9000
N
7000
14 000
COLOR CLASSIFICATION
GROUP
ORANGE RED
YELLOW
GREEN
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
1
598
601
581
584
2
600
603
583
586
562
565
3
602
605
585
588
564
567
4
604
607
587
590
566
569
5
606
609
589
592
568
571
6
608
611
591
594
570
573
7
570
575


Similar Part No. - TDSO1160

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TDSO1160 VISHAY-TDSO1160 Datasheet
163Kb / 8P
   Standard 7- Segment Display 7 mm
Rev. 1.4, 31-Aug-04
TDSO1160 VISHAY-TDSO1160 Datasheet
167Kb / 12P
   Standard 7-Segment Display 7 mm
01-Jan-2022
TDSO1160 VISHAY-TDSO1160 Datasheet
166Kb / 12P
   Standard 7-Segment Display 7 mms
01-Jan-2022
TDSO1160 VISHAY-TDSO1160 Datasheet
167Kb / 12P
   Standard 7-Segment Display 7 mm
01-Jan-2023
TDSO1160-KL VISHAY-TDSO1160-KL Datasheet
166Kb / 12P
   Standard 7-Segment Display 7 mms
01-Jan-2022
More results

Similar Description - TDSO1160

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TDSO1150 VISHAY-TDSO1150 Datasheet
163Kb / 8P
   Standard 7- Segment Display 7 mm
Rev. 1.4, 31-Aug-04
TDSY1150 VISHAY-TDSY1150_V01 Datasheet
167Kb / 12P
   Standard 7-Segment Display 7 mm
01-Jan-2022
TDSG1150 VISHAY-TDSG1150_V02 Datasheet
167Kb / 12P
   Standard 7-Segment Display 7 mm
01-Jan-2023
TDSG5150 VISHAY-TDSG5150_V01 Datasheet
158Kb / 12P
   Standard 7-Segment Display 13 mm
01-Jan-2023
TDSG3150 VISHAY-TDSG3150 Datasheet
163Kb / 12P
   Standard 7-Segment Display 10 mm
Rev. 1.6, 23-May-11
TDSY3150 VISHAY-TDSY3150_V01 Datasheet
129Kb / 10P
   Standard 7-Segment Display 10 mm
01-Jan-2022
TDSG3150 VISHAY-TDSG3150_V02 Datasheet
128Kb / 10P
   Standard 7-Segment Display 10 mm
01-Jan-2023
TDSG5150 VISHAY-TDSG5150 Datasheet
225Kb / 9P
   Standard 7- Segment Display 13 mm
Rev. 1.5, 31-Aug-04
TDSR515 VISHAY-TDSR515_00 Datasheet
149Kb / 9P
   Standard 7- Segment Display 13 mm
Rev. A2, 05-Oct-00
TDSG3150-M VISHAY-TDSG3150-M Datasheet
127Kb / 10P
   Standard 7-Segment Display 10 mm
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com